Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65261-1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65261-1
Description  4.5V to 18V Input Voltage, 3A/2A/2A Output Current Triple Synchronous Step-Down Converter
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65261-1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS65261-1 Datasheet HTML 4Page - Texas Instruments TPS65261-1 Datasheet HTML 5Page - Texas Instruments TPS65261-1 Datasheet HTML 6Page - Texas Instruments TPS65261-1 Datasheet HTML 7Page - Texas Instruments TPS65261-1 Datasheet HTML 8Page - Texas Instruments TPS65261-1 Datasheet HTML 9Page - Texas Instruments TPS65261-1 Datasheet HTML 10Page - Texas Instruments TPS65261-1 Datasheet HTML 11Page - Texas Instruments TPS65261-1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
1.780
1.785
1.790
1.795
1.800
1.805
1.810
1.815
1.820
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Output Load (A)
VIN=5V
VIN=12V
C006
V
IN = 5 V
V
IN = 12 V
1.190
1.194
1.198
1.202
1.206
1.210
4
6
8
10
12
14
16
18
Input Voltage (V)
IOUT=0.1A
IOUT=1.5A
IOUT=3.0A
C007
I
OUT = 0.1 A
I
OUT = 1.5 A
I
OUT = 3.0 A
1.180
1.185
1.190
1.195
1.200
1.205
1.210
1.215
1.220
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Output Load (A)
VIN=5V
VIN=12V
C004
V
IN = 5 V
V
IN = 12 V
3.27
3.28
3.29
3.30
3.31
3.32
3.33
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Output Load (A)
VIN=5V
VIN=12V
C005
V
IN = 5 V
V
IN = 12 V
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
Output Load (A)
PSM Mode, Vout = 1.2V
PSM Mode, VO = 3.3V
PSM Mode, VO = 5.0V
FCC Mode, VO = 1.2V
FCC Mode, VO = 3.3V
FCC Mode, VO = 5.0V
C002
PSM Mode, V
O = 1.2 V
PSM Mode, V
O = 3.3 V
PSM Mode, V
O = 5.0 V
FCC Mode, V
O = 1.2 V
FCC Mode, V
O = 3.3 V
FCC Mode, V
O = 5.0 V
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
Output Load (A)
PSM Mode, Vout = 1.8V
PSM Mode, Vout = 3.3V
PSM Mode, Vout = 5.0V
FCC Mode, Vout = 1.8V
FCC Mode, Vout = 3.3V
FCC Mode, Vout = 5.0V
C003
PSM Mode, V
O = 1.8 V
PSM Mode, V
O = 3.3 V
PSM Mode, V
O = 5.0 V
FCC Mode, V
O = 1.8 V
FCC Mode, V
O = 3.3 V
FCC Mode, V
O = 5.0 V
TPS65261, TPS65261-1
SLVSCD3B – DECEMBER 2013 – REVISED MAY 2014
www.ti.com
7.6 Typical Characteristics
TA = 25°C, VIN = 12 V, VOUT1 = 1.2 V, VOUT2 = 3.3 V, VOUT3 = 1.8 V, fSW = 600 kHz (unless otherwise noted)
Figure 1. BUCK 1 Efficiency
Figure 2. BUCK 2 Efficiency
VOUT = 1.2 V
VOUT = 3.3 V
Figure 3. BUCK1, PSM Mode, Load Regulation
Figure 4. BUCK2, PSM Mode, Load Regulation
VOUT = 1.8 V
VOUT = 1.2 V
Figure 5. BUCK3, PSM Mode, Load Regulation
Figure 6. BUCK1, PSM Mode, Line Regulation
8
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated


Similar Part No. - TPS65261-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65261-1 TI1-TPS65261-1 Datasheet
1Mb / 36P
[Old version datasheet]   2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
More results

Similar Description - TPS65261-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65261 TI-TPS65261_15 Datasheet
1Mb / 44P
[Old version datasheet]   TPS6526x 4.5V to 18V Input Voltage, 3A/2A/2A Output Current Triple Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE7225D ACE-ACE7225D Datasheet
137Kb / 3P
   2A, 4.5V~18V Input, 500KHz Synchronous Step-Down Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8032H BELLING-BL8032H Datasheet
986Kb / 8P
   1MHz, 18V, 2A Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT7247B RICHTEK-RT7247B Datasheet
272Kb / 15P
   2A, 18V, 1.2MHz Synchronous Step-Down Converter
logo
SHANGHAI BELLING CO., L...
BL8032 BELLING-BL8032 Datasheet
1Mb / 8P
   500KHz, 18V, 2A Synchronous Step-Down Converter
BL8035 BELLING-BL8035 Datasheet
1Mb / 8P
   500KHz, 18V, 2A Synchronous Step-Down Converter
logo
Shenzhen Huazhimei Semi...
HM1470H HMSEMI-HM1470H Datasheet
1Mb / 8P
   1MHz, 18V, 2A Synchronous Step-Down Converter
logo
Monolithic Power System...
MP1482 MPS-MP1482 Datasheet
291Kb / 12P
   2A, 18V Synchronous Rectified Step-Down Converter
logo
Richtek Technology Corp...
RT7237B RICHTEK-RT7237B Datasheet
272Kb / 15P
   2A, 18V, 1.2MHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP1472 MPS-MP1472 Datasheet
453Kb / 13P
   2A, 18V Synchronous Rectified Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com