Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65262RHBT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65262RHBT
Description  4.5- to 18-V Input Voltage, 3-A/1-A/1-A Output Current Triple Synchronous Step-Down Converter With Dual Adjustable 200-mA/100-mA LDOs
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65262RHBT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS65262RHBT Datasheet HTML 4Page - Texas Instruments TPS65262RHBT Datasheet HTML 5Page - Texas Instruments TPS65262RHBT Datasheet HTML 6Page - Texas Instruments TPS65262RHBT Datasheet HTML 7Page - Texas Instruments TPS65262RHBT Datasheet HTML 8Page - Texas Instruments TPS65262RHBT Datasheet HTML 9Page - Texas Instruments TPS65262RHBT Datasheet HTML 10Page - Texas Instruments TPS65262RHBT Datasheet HTML 11Page - Texas Instruments TPS65262RHBT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
TPS65262
SLVSCF9C – JANUARY 2014 – REVISED JULY 2014
www.ti.com
Electrical Characteristics (continued)
TJ = 25°C, VIN = 12 V, ƒSW = 600 kHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER GOOD, MODE, POWER SEQUENCE
FBx undervoltage falling
92.5%
FBx undervoltage rising
95%
Vth_PG
Feedback voltage threshold
VREF
FBx overvoltage rising
107.5%
FBx overvoltage falling
105%
TDEGLITCH(PG)_F
PGOOD falling edge deglitch time
0.19
ms
TRDEGLITCH(PG)_R
PGOOD rising edge deglitch time
1
ms
IPG
PGOOD pin leakage
0.05
µA
VLOW_PG
PGOOD pin low voltage
ISINK = 1 mA
0.4
V
VMODEH
MODE high level input voltage
1.2
1.26
V
VMODEL
MODE low level input voltage
1.1
1.15
V
IMODE
MODE pull-up current
MODE = 1 V
3.6
µA
IMODE
MODE pull-up current
MODE = 1.5 V
6.6
µA
Delay time between bucks at
Tpsdelay
MODE = 1.5 V
1.7
ms
automatic power sequencing mode(2)
LDO1 AND LDO2
VLENXH
LEN1, LEN2 high-level input voltage
1.2
1.26
V
VLENXL
LEN1, LEN2 low-level input voltage
1.1
1.15
V
LENx = 1 V
3.6
ILENX
LEN1, LEN2 pullup current
µA
LENx = 1.5 V
6.6
VINLDO1
LDO input voltage range
1.3
18
V
VOUTLDO1
LDO output voltage range
load current = 200 mA, VIN = 12 V
1
5.5
V
VLDOFB1
LDO voltage reference
load current = 10 mA, VIN = 12 V
0.594
0.6
0.606
V
Imax_LDO1
LDO current limit
240
330
mA
IOUT = 20 mA
12
mV
Vdropout1
LDO drop out voltage
IOUT = 200 mA
120
mV
VOUT = 1.8 V, IOUT = 10 mA, LVIN1 changes from 2 to
VLINEREG_LDO1
LDO line regulation-DC(2)
0.002
%/V
18 V
VLOADREG_LDO1
LDO load regulation-DC(2)
IOUT = 1mA to 200mA
0.02
%/A
Vin_LDO1 = 12 V, VOUT = 1.8 V, IOUT = 10 mA,
PSRRLDO1
Ripple rejection(2)
56
dB
ƒ = 10 kHz
VINLDO2
LDO input voltage range
1.3
18
V
VOUTLDO2
LDO output voltage range
load current = 100 mA, VIN = 12 V
1
5.5
V
VLDOFB2
LDO voltage reference
load current = 10 mA, VIN = 12 V
0.594
0.6
0.606
V
Imax_LDO2
LDO current limit
120
180
mA
IOUT = 10 mA
12
mV
Vdropout2
LDO drop out voltage
IOUT = 100 mA
120
mV
VOUT = 1.8 V, IOUT = 10 mA, LVIN1 changes from 2 to
VLINEREG_LDO2
LDO line regulation-DC(2)
0.002
%/V
18 V
VLOADREG_LDO2
LDO load regulation-DC(2)
IOUT = 1 to 100 mA, VIN = 12 V
0.02
%/A
Vin_LDO2 = 12 V, VOUT = 1.8 V, IOUT = 10 mA,
PSRRLDO2
Ripple rejection(2)
56
dB
ƒ = 10 kHz
OSCILLATOR
ƒSW
Switching frequency
570
600
630
kHz
THERMAL PROTECTION
TTRIP_OTP
Temperature rising
160
Thermal protection trip point(2)
°C
THYST_OTP
Hysteresis
20
(2)
Lab validation result.
8
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TPS65262


Similar Part No. - TPS65262RHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65262 TI-TPS65262 Datasheet
1Mb / 75P
[Old version datasheet]   TPS65400-Q1 4.5- to 18-V Input Flexible Power Management Unit With PMBus/I2C Interface
TPS65262 TI1-TPS65262 Datasheet
1Mb / 44P
[Old version datasheet]   4.5V to 18V Input Voltage, 3A/2A/2A Output Current Triple Synchronous Step-Down Converter
TPS65262 TI1-TPS65262 Datasheet
1Mb / 36P
[Old version datasheet]   2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65262-1 TI1-TPS65262-1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5- to 18-V Input Voltage, 3-A/1-A/1-A Output Current Triple Synchronous Step-Down Converter With Dual Adjustable 350-mA/150-mA LDOs
TPS65262-1 TI1-TPS65262-1 Datasheet
1Mb / 36P
[Old version datasheet]   2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
More results

Similar Description - TPS65262RHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65262-1 TI1-TPS65262-1_16 Datasheet
1Mb / 43P
[Old version datasheet]   4.5- to 18-V Input Voltage, 3-A/1-A/1-A Output Current Triple Synchronous Step-Down Converter With Dual Adjustable 350-mA/150-mA LDOs
TPS65262-1 TI-TPS65262-1_15 Datasheet
1Mb / 43P
[Old version datasheet]   TPS65262-1, 4.5- to 18-V Input Voltage, 3-A/1-A/1-A Output Current Triple Synchronous Step-Down Converter With Dual Adjustable 350-mA/150-mA LDOs
TPS65263 TI1-TPS65263_16 Datasheet
1Mb / 46P
[Old version datasheet]   4.5- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
TPS65276 TI-TPS65276_15 Datasheet
734Kb / 33P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 6-A/3.5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER
TPS65270 TI1-TPS65270 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 2-A/3-A OUTPUT CURRENT, DUAL SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS65270 TI-TPS65270_15 Datasheet
2Mb / 27P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 2-A/3-A OUTPUT CURRENT, DUAL SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS65263 TI-TPS65263_15 Datasheet
1Mb / 46P
[Old version datasheet]   TPS65263, 4.5- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
TPS65279 TI-TPS65279_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS65279 4.5- to 18-V Input, 5-A/5-A Dual Synchronous Step-Down Converter With Current Sharing
TPS56339 TI1-TPS56339 Datasheet
727Kb / 25P
[Old version datasheet]   4.5-V to 24-V Input, 3-A Output Synchronous Step-Down Converter
TPS56339 TI1-TPS56339_19 Datasheet
703Kb / 25P
[Old version datasheet]   4.5-V to 24-V Input, 3-A Output Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com