Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65263RHBR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65263RHBR
Description  4.5- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65263RHBR Datasheet(HTML) 1 Page - Texas Instruments

  TPS65263RHBR Datasheet HTML 1Page - Texas Instruments TPS65263RHBR Datasheet HTML 2Page - Texas Instruments TPS65263RHBR Datasheet HTML 3Page - Texas Instruments TPS65263RHBR Datasheet HTML 4Page - Texas Instruments TPS65263RHBR Datasheet HTML 5Page - Texas Instruments TPS65263RHBR Datasheet HTML 6Page - Texas Instruments TPS65263RHBR Datasheet HTML 7Page - Texas Instruments TPS65263RHBR Datasheet HTML 8Page - Texas Instruments TPS65263RHBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0.01
0.10
1.00
Output Load (A)
C001
LX1
FB1
LX2
FB2
LX3
FB3
PVINx
VIN
ENx
SSx
SDA
SCL
PGND
AGND
Vin
Vout1
Vout3
TPS65263
Vout2
DVCC
SDA
SCL
VOUT3
VOUT2
VOUT1
Vout1
Vout2
Vout3
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS65263
SLVSCN0A – JUNE 2014 – REVISED SEPTEMBER 2014
TPS65263, 4.5- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous
Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
1 Features
3 Description
The TPS65263 incorporates triple synchronous buck
1
Operating Input Voltage Range 4.5- to 18-V
converters with 4.5- to 18-V wide input voltage range
Continuous Output Current 3 A/2 A/2 A
that encompassed most intermediate bus voltage
I2C Controlled 7-Bits VID Programmable Output
operating off 5-, 9-, 12-, or 15-V power bus or battery.
Voltage from 0.68 to 1.95 V With 10-mV Voltage
The converter, with constant frequency peak current
Step for Each Buck
mode, is designed to simplify its application while
giving designers options to optimize the system
I2C Controlled VID Voltage Transition Slew Rate
according
to
targeted
applications.
The
device
I2C Read Back Power Good Status, Overcurrent
operates in 600 kHz with 180° out-of-phase between
Warning for Each Buck
buck1 and buck2, buck3 (buck2 and buck3 run in
I2C Read Back Die Temperature Warning
phase).
I2C Compatible Interface With Standard Mode
The initial startup voltage of each buck can be set
(100 kHz) and Fast Mode (400 kHz)
with external feedback resistors. The output voltage
Feedback Reference Voltage 0.6 V ±1%
of each buck can be dynamically scaled from 0.68 to
1.95 V in 10-mV step with I2C controlled 7 bits VID.
Fixed 600-kHz Frequency
The VID voltage transition slew rate is programmable
Dedicated Enable and Soft Start Pins for Each
with 3-bits control through I2C bus to optimize
Buck
overshoot/undershoot during VID voltage transition.
Thermal Overloading Protection
Each buck in TPS65263 can be I2C controlled for
enabling/disabling output voltage, setting the pulse
2 Applications
skipping mode (PSM) or force continuous current
mode (FCC) at light load condition and reading the
DTV LCD Panel
power good status, overcurrent warning and die
Set-Top Boxes
temperature warning.
Home Gateway and Access Point Networks
The TPS65263 features overvoltage, overcurrent,
Surveillance
short-circuit, and overtemperature protection.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS65263
VQFN (32)
5.00 mm × 5.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Efficiency vs Output Load
4 Typical Application
A.
VIN = 12 V; VOUT = 3.3 V
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS65263RHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65263 TI-TPS65263 Datasheet
1Mb / 75P
[Old version datasheet]   TPS65400-Q1 4.5- to 18-V Input Flexible Power Management Unit With PMBus/I2C Interface
TPS65263 TI1-TPS65263 Datasheet
1Mb / 44P
[Old version datasheet]   4.5V to 18V Input Voltage, 3A/2A/2A Output Current Triple Synchronous Step-Down Converter
TPS65263 TI1-TPS65263 Datasheet
1Mb / 36P
[Old version datasheet]   2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65263-1Q1 TI1-TPS65263-1Q1 Datasheet
2Mb / 45P
[Old version datasheet]   4.0- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
TPS65263-1QRHBRQ1 TI1-TPS65263-1QRHBRQ1 Datasheet
2Mb / 45P
[Old version datasheet]   4.0- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
More results

Similar Description - TPS65263RHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65263 TI-TPS65263_15 Datasheet
1Mb / 46P
[Old version datasheet]   TPS65263, 4.5- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
TPS65263-1Q1 TI1-TPS65263-1Q1 Datasheet
2Mb / 45P
[Old version datasheet]   4.0- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
TPS65263-Q1 TI-TPS65263-Q1_15 Datasheet
1Mb / 47P
[Old version datasheet]   TPS65263-Q1 4.0- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
TPS65266-1 TI1-TPS65266-1 Datasheet
1Mb / 36P
[Old version datasheet]   2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65266-1 TI1-TPS65266-1_16 Datasheet
1Mb / 37P
[Old version datasheet]   2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65266 TI1-TPS65266_16 Datasheet
2Mb / 41P
[Old version datasheet]   2.7- to 6.5-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65266 TI-TPS65266_15 Datasheet
2Mb / 41P
[Old version datasheet]   TPS65266 2.7- to 6.5-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65270 TI1-TPS65270 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 2-A/3-A OUTPUT CURRENT, DUAL SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS65270 TI-TPS65270_15 Datasheet
2Mb / 27P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 2-A/3-A OUTPUT CURRENT, DUAL SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS65276V TI-TPS65276V Datasheet
1Mb / 42P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 6-A/3.5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C CONTROLLED VID
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com