Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65261-1RHBR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65261-1RHBR
Description  4.5V to 18V Input Voltage, 3A/2A/2A Output Current Triple Synchronous Step-Down Converter
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65261-1RHBR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS65261-1RHBR Datasheet HTML 5Page - Texas Instruments TPS65261-1RHBR Datasheet HTML 6Page - Texas Instruments TPS65261-1RHBR Datasheet HTML 7Page - Texas Instruments TPS65261-1RHBR Datasheet HTML 8Page - Texas Instruments TPS65261-1RHBR Datasheet HTML 9Page - Texas Instruments TPS65261-1RHBR Datasheet HTML 10Page - Texas Instruments TPS65261-1RHBR Datasheet HTML 11Page - Texas Instruments TPS65261-1RHBR Datasheet HTML 12Page - Texas Instruments TPS65261-1RHBR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
5
7
9
11
13
15
±50
±25
0
25
50
75
100
125
Junction Temperature (
ƒC)
C013
3.0
3.2
3.4
3.6
3.8
4.0
4.2
4.4
±50
±25
0
25
50
75
100
125
Junction Temperature (
ƒC)
C014
0.594
0.596
0.598
0.600
0.602
0.604
0.606
±50
±25
0
25
50
75
100
125
Junction Temperature (
ƒC)
C011
560
580
600
620
640
-50
-25
0
25
50
75
100
125
Junction Temperature (°C)
C012
3.290
3.292
3.294
3.296
3.298
3.300
4
6
8
10
12
14
16
18
Input Voltage (V)
IOUT=0.1A
IOUT=1A
IOUT=2A
C008
I
OUT = 0.1 A
I
OUT = 1.0 A
I
OUT = 2.0 A
1.790
1.794
1.798
1.802
1.806
1.810
4
6
8
10
12
14
16
18
Input Voltage (V)
IOUT=0.1A
IOUT=1A
IOUT=2A
C009
I
OUT = 0.1 A
I
OUT = 1.0 A
I
OUT = 2.0 A
TPS65261, TPS65261-1
www.ti.com
SLVSCD3B – DECEMBER 2013 – REVISED MAY 2014
Typical Characteristics (continued)
TA = 25°C, VIN = 12 V, VOUT1 = 1.2 V, VOUT2 = 3.3 V, VOUT3 = 1.8 V, fSW = 600 kHz (unless otherwise noted)
VOUT = 3.3 V
VOUT = 1.8 V
Figure 7. BUCK2, PSM MODE, LINE REGULATION
Figure 8. BUCK3, PSM Mode, Line Regulation
ROSC = 73.2 k
Ω
Figure 10. Oscillator Frequency vs Temperature
Figure 9. Voltage Reference vs Temperature
VIN = 12 V
VIN = 12 V
EN = 1 V
Figure 11. Shutdown Quiescent vs Temperature
Figure 12. EN Pin Pull-Up Current vs Temperature, EN=1.0V
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9


Similar Part No. - TPS65261-1RHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65261-1 TI1-TPS65261-1 Datasheet
1Mb / 36P
[Old version datasheet]   2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
More results

Similar Description - TPS65261-1RHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65261 TI-TPS65261_15 Datasheet
1Mb / 44P
[Old version datasheet]   TPS6526x 4.5V to 18V Input Voltage, 3A/2A/2A Output Current Triple Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE7225D ACE-ACE7225D Datasheet
137Kb / 3P
   2A, 4.5V~18V Input, 500KHz Synchronous Step-Down Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8032H BELLING-BL8032H Datasheet
986Kb / 8P
   1MHz, 18V, 2A Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT7247B RICHTEK-RT7247B Datasheet
272Kb / 15P
   2A, 18V, 1.2MHz Synchronous Step-Down Converter
logo
SHANGHAI BELLING CO., L...
BL8032 BELLING-BL8032 Datasheet
1Mb / 8P
   500KHz, 18V, 2A Synchronous Step-Down Converter
BL8035 BELLING-BL8035 Datasheet
1Mb / 8P
   500KHz, 18V, 2A Synchronous Step-Down Converter
logo
Shenzhen Huazhimei Semi...
HM1470H HMSEMI-HM1470H Datasheet
1Mb / 8P
   1MHz, 18V, 2A Synchronous Step-Down Converter
logo
Monolithic Power System...
MP1482 MPS-MP1482 Datasheet
291Kb / 12P
   2A, 18V Synchronous Rectified Step-Down Converter
logo
Richtek Technology Corp...
RT7237B RICHTEK-RT7237B Datasheet
272Kb / 15P
   2A, 18V, 1.2MHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP1472 MPS-MP1472 Datasheet
453Kb / 13P
   2A, 18V Synchronous Rectified Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com