Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65261RHBT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65261RHBT
Description  4.5V to 18V Input Voltage, 3A/2A/2A Output Current Triple Synchronous Step-Down Converter
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65261RHBT Datasheet(HTML) 1 Page - Texas Instruments

  TPS65261RHBT Datasheet HTML 1Page - Texas Instruments TPS65261RHBT Datasheet HTML 2Page - Texas Instruments TPS65261RHBT Datasheet HTML 3Page - Texas Instruments TPS65261RHBT Datasheet HTML 4Page - Texas Instruments TPS65261RHBT Datasheet HTML 5Page - Texas Instruments TPS65261RHBT Datasheet HTML 6Page - Texas Instruments TPS65261RHBT Datasheet HTML 7Page - Texas Instruments TPS65261RHBT Datasheet HTML 8Page - Texas Instruments TPS65261RHBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
LX1
FB1
LX2
FB2
LX3
FB3
PVINx
VIN
ENx
PGOOD
MODE
SSx
ROSC
VDIV
RESET
PGND
AGND
Vin
Vout1
Vout3
TPS65261
TPS65261-1
Vout2
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
Output Load (A)
TPS65261
C001
V
IN = 12 V
V
OUT = 3.3 V
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS65261, TPS65261-1
SLVSCD3B – DECEMBER 2013 – REVISED MAY 2014
TPS6526x 4.5V to 18V Input Voltage, 3A/2A/2A Output Current
Triple Synchronous Step-Down Converter
1 Features
3 Description
The TPS65261, TPS65261-1 is a monolithic triple
1
Operating Input Supply Voltage Range
synchronous
step-down
(buck)
converter
with
(4.5 V to 18 V)
3A/2A/2A output currents. A wide 4.5V to 18V input
Feedback Reference Voltage 0.6V±1%
supply
voltage
range
encompasses
the
most
Maximum Continuous Output Current 3A/2A/2A
intermediate bus voltages operating off 5V, 9V, 12V
or 15V power bus. The converter, with constant
Adjustable Clock Frequency from 250kHz to
frequency peak current mode, is designed to simplify
2MHz
its application while giving designers options to
Dedicated Enable and Soft Start Pins for Each
optimize
the
system
according
to
targeted
Buck
applications.
The
switching
frequency
of
the
Automatic Power-up/Power-down Sequence
converters can be adjusted from 250kHz to 2MHz
with an external resistor. The 180° out-of-phase
Pulse Skipping Mode (PSM) at Light Load
operation between Buck1 and Buck2, 3 (Buck2 and 3
(TPS65261 only)
run in phase) minimizes the input filter requirements.
Output Voltage Power Good Indicator
The TPS65261, TPS65261-1 features an automatic
Input Voltage Power Failure Indicator
power sequence with connecting MODE pin to V7V
Thermal Overloading Protection
and configuring EN1/2/3 pins. The device also
features an open drain RESET signal to monitor
2 Applications
power down.
DTV
At light load, the TPS65261 automatically operates in
pulse skipping mode (PSM) and the TPS65261-1
Set Top Boxes
operates in force continuous current mode (FCC).
Home Gateway and Access Point Networks
PSM mode provides high efficiency by reducing
Wireless Routers
switching losses at light loads and FCC mode
Surveillance
reduces noise susceptibility and RF interference.
POS Machine
The
device
features
overvoltage
protection,
overcurrent and short-circuit protection and over-
temperature protection. A power good pin asserts
when any output voltages are out of regulation.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS65261,
VQFN (32)
5.00 mm × 5.00 mm
TPS65261-1
(1)
For all available packages, see the orderable addendum at
the end of the datasheet.
4 Typical Application
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS65261RHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65261 TI1-TPS65261 Datasheet
1Mb / 36P
[Old version datasheet]   2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65261-1 TI1-TPS65261-1 Datasheet
1Mb / 36P
[Old version datasheet]   2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65261 TI-TPS65261_15 Datasheet
1Mb / 44P
[Old version datasheet]   TPS6526x 4.5V to 18V Input Voltage, 3A/2A/2A Output Current Triple Synchronous Step-Down Converter
More results

Similar Description - TPS65261RHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65261 TI-TPS65261_15 Datasheet
1Mb / 44P
[Old version datasheet]   TPS6526x 4.5V to 18V Input Voltage, 3A/2A/2A Output Current Triple Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE7225D ACE-ACE7225D Datasheet
137Kb / 3P
   2A, 4.5V~18V Input, 500KHz Synchronous Step-Down Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8032H BELLING-BL8032H Datasheet
986Kb / 8P
   1MHz, 18V, 2A Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT7247B RICHTEK-RT7247B Datasheet
272Kb / 15P
   2A, 18V, 1.2MHz Synchronous Step-Down Converter
logo
SHANGHAI BELLING CO., L...
BL8032 BELLING-BL8032 Datasheet
1Mb / 8P
   500KHz, 18V, 2A Synchronous Step-Down Converter
BL8035 BELLING-BL8035 Datasheet
1Mb / 8P
   500KHz, 18V, 2A Synchronous Step-Down Converter
logo
Shenzhen Huazhimei Semi...
HM1470H HMSEMI-HM1470H Datasheet
1Mb / 8P
   1MHz, 18V, 2A Synchronous Step-Down Converter
logo
Monolithic Power System...
MP1482 MPS-MP1482 Datasheet
291Kb / 12P
   2A, 18V Synchronous Rectified Step-Down Converter
logo
Richtek Technology Corp...
RT7237B RICHTEK-RT7237B Datasheet
272Kb / 15P
   2A, 18V, 1.2MHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP1472 MPS-MP1472 Datasheet
453Kb / 13P
   2A, 18V Synchronous Rectified Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com