Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65320C-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65320C-Q1
Description  36-V Step-Down Converter With Eco-mode??and LDO Regulator
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65320C-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS65320C-Q1 Datasheet HTML 3Page - Texas Instruments TPS65320C-Q1 Datasheet HTML 4Page - Texas Instruments TPS65320C-Q1 Datasheet HTML 5Page - Texas Instruments TPS65320C-Q1 Datasheet HTML 6Page - Texas Instruments TPS65320C-Q1 Datasheet HTML 7Page - Texas Instruments TPS65320C-Q1 Datasheet HTML 8Page - Texas Instruments TPS65320C-Q1 Datasheet HTML 9Page - Texas Instruments TPS65320C-Q1 Datasheet HTML 10Page - Texas Instruments TPS65320C-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
7
TPS65320C-Q1
www.ti.com
SLVSD50B – MARCH 2016 – REVISED JUNE 2016
Product Folder Links: TPS65320C-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
VI = 6 V to 27 V, EN1 = EN2 = VI, over-operating free-air temperature range TA = –40°C to 125°C and maximum operating
junction temperature TJ = 150°C, unless otherwise noted. VI is the voltage on the battery-supply pins, VIN and VIN_LDO.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PSRR
Power supply ripple rejection
V(VIN_LDO)(rip) = 0.5 VPP,
I(LDO_OUT) = 200 mA,
frequency (ƒ) = 100 Hz,
V(LDO_OUT) = 5 V and V(LDO_OUT) = 3.3 V
60
dB
V(VIN_LDO)(rip) = 0.5 VPP,
I(LDO_OUT) = 200 mA, ƒ = 150 kHz,
V(LDO_OUT) = 5 V and V(LDO_OUT) = 3.3 V
30
dB
C(LDO_OUT)
Output capacitor
ESR = 0.001
Ω to 100 mΩ, large output
capacitance may be required for load
transient; V(LDO_OUT) ≥ 3.3 V
1
40
μF
C(LDO_OUT)
Output capacitor
ESR = 0.001
Ω to 100 mΩ, large output
capacitance may be required for load
transient; 1.2 V
≤ V(LDO_OUT) < 3.3 V
20
40
μF
LDO REGULATOR: RESET (nRST PIN)
RESET threshold
V(LDO_OUT) decreasing
85
90
95
%
VOH
Output high
Reset released due to rising LDO_OUT,
V(LDO_OUT) ≥ 3.3 V, IOH= 100 μA
–5% ×
V(LDO_OUT)
V
VOL
Output low
Reset asserted due to falling LDO_OUT,
IOL = 1 mA
0.045
0.4
V
OVER TEMPERATURE PROTECTION
TSD
Thermal-shutdown trip point
175
ºC
Thys
Hysteresis
10
ºC
6.6 Switching Characteristics
VI = 6 V to 27 V, EN1 = EN2 = VI, over-operating free-air temperature range TA = –40°C to 125°C and maximum operating
junction temperature TJ = 150°C, unless otherwise noted. VI is the voltage on the battery-supply pins, VIN and VIN_LDO.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BUCK REGULATOR: HIGH-SIDE MOSFET
tonmin
Minimum on-time
ƒS = 2.5 MHz
115
ns
BUCK REGULATOR: TIMING RESISTOR AND EXTERNAL CLOCK (RT/CLK PIN)
ƒS
Switching-frequency range using
RT mode
100
2500
kHz
Switching frequency
200-k
Ω resistor connected between pin
RT/CLK and GND
523
585
640
kHz
Switching-frequency range using
CLK mode
300
2200
kHz
Minimum CLK input pulse width
Measures at CLK input = 2.2 MHz
30
ns
RT/CLK
Falling edge to SW rising edge
delay
Measured at 500 kHz with 200-k
Ω series
resistor connected to RT/CLK pin
60
ns
PLL
Lock-in time
Measured at 500 kHz
100
μs
LDO REGULATOR: RESET (nRST PIN)
Filter time
Delay before asserting nRST low
7
14
21
μs


Similar Part No. - TPS65320C-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65320C-Q1 TI1-TPS65320C-Q1 Datasheet
80Kb / 4P
[Old version datasheet]   36-V Step-Down Converter
More results

Similar Description - TPS65320C-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65320D-Q1 TI1-TPS65320D-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   36-V Step-Down Converter With Eco-mode and LDO Regulator
TPS65321A-Q1 TI1-TPS65321A-Q1 Datasheet
4Mb / 43P
[Old version datasheet]   36-V Step-Down Converter With Eco-mode and LDO Regulator
TPS65321-Q1 TI1-TPS65321-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   Step-Down Converter With Eco-mode and LDO Regulator
TPS65320QPWPRQ1 TI-TPS65320QPWPRQ1 Datasheet
1Mb / 34P
[Old version datasheet]   40-V Step-Down Converter With Eco-mode??Codec and LDO Regulator
TPS65320-Q1 TI1-TPS65320-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   40-V Step-Down Converter With Eco-mode
TPS54260-Q1 TI1-TPS54260-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260QDGQRQ1 TI1-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE
TPS54260QDGQRQ1 TI-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54540-Q1 TI1-TPS54540-Q1_15 Datasheet
2Mb / 44P
[Old version datasheet]   Step-Down DC-DC Converter With Eco-mode
TPS65320C-Q1 TI1-TPS65320C-Q1 Datasheet
80Kb / 4P
[Old version datasheet]   36-V Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com