Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65631 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65631
Description  Dual-Output AMOLED Display Power Supply
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65631 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS65631 Datasheet HTML 3Page - Texas Instruments TPS65631 Datasheet HTML 4Page - Texas Instruments TPS65631 Datasheet HTML 5Page - Texas Instruments TPS65631 Datasheet HTML 6Page - Texas Instruments TPS65631 Datasheet HTML 7Page - Texas Instruments TPS65631 Datasheet HTML 8Page - Texas Instruments TPS65631 Datasheet HTML 9Page - Texas Instruments TPS65631 Datasheet HTML 10Page - Texas Instruments TPS65631 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
−50
−25
0
25
50
75
100
125
Junction Temperature (°C)
G005
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
−50
−25
0
25
50
75
100
125
Junction Temperature (°C)
G003
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
−50
−25
0
25
50
75
100
125
Junction Temperature (°C)
G004
−1.0
−0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
−50
−25
0
25
50
75
100
125
Junction Temperature (°C)
G001
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
−50
−25
0
25
50
75
100
125
Junction Temperature (°C)
G002
TPS65631
www.ti.com
SLVSBK1E – SEPTEMBER 2012 – REVISED MAY 2014
7.7 Typical Characteristics
At TA = 25°C, unless otherwise noted.
Figure 1. Shutdown Current into AVIN and PVIN
Figure 2. Boost Converter Switch rDS(ON)
Figure 3. Boost Converter Rectifier rDS(ON)
Figure 4. Inverting Buck-Boost Converter Switch rDS(ON)
Figure 5. Inverting Buck-Boost Converter Rectifier rDS(ON)
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS65631


Similar Part No. - TPS65631

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65631W TI1-TPS65631W Datasheet
1Mb / 26P
[Old version datasheet]   Dual-Output AMOLED Display Power Supply
TPS65631WDSKR TI1-TPS65631WDSKR Datasheet
1Mb / 26P
[Old version datasheet]   Dual-Output AMOLED Display Power Supply
More results

Similar Description - TPS65631

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65138 TI1-TPS65138_16 Datasheet
1Mb / 22P
[Old version datasheet]   Dual output AMOLED Display Power Supply
TPS65631W TI1-TPS65631W Datasheet
1Mb / 26P
[Old version datasheet]   Dual-Output AMOLED Display Power Supply
TPS65632 TI1-TPS65632_16 Datasheet
1Mb / 28P
[Old version datasheet]   Triple-Output AMOLED Display Power Supply
TPS65632 TI1-TPS65632_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS65632 Triple-Output AMOLED Display Power Supply
TPS65137ADSCR TI-TPS65137ADSCR Datasheet
979Kb / 22P
[Old version datasheet]   200mA Dual Output AMOLED Display Power
TPS65651 TI1-TPS65651_15 Datasheet
232Kb / 9P
[Old version datasheet]   TPS65651 Triple-Output AMOLED Display Power Supply
TPS65137AS TI1-TPS65137AS Datasheet
1,007Kb / 20P
[Old version datasheet]   250mA Dual Outputs AMOLED Display Power Supply
logo
ON Semiconductor
NCP5810 ONSEMI-NCP5810 Datasheet
192Kb / 13P
   Dual 1 W Output AMOLED Driver Supply
April, 2007 ??Rev. 0
NCP5810D ONSEMI-NCP5810D Datasheet
361Kb / 14P
   Dual 1 W Output AMOLED Driver Supply
March, 2008 - Rev. P2
logo
Richtek Technology Corp...
RT4723P RICHTEK-RT4723P Datasheet
1Mb / 16P
   Dual Output AMOLED Bias
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com