Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24401P Datasheet(PDF) 5 Page - Texas Instruments

Part # BQ24401P
Description  Programmable NiCd/NiMH Fast-Charge Management Device
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24401P Datasheet(HTML) 5 Page - Texas Instruments

  BQ24401P Datasheet HTML 1Page - Texas Instruments BQ24401P Datasheet HTML 2Page - Texas Instruments BQ24401P Datasheet HTML 3Page - Texas Instruments BQ24401P Datasheet HTML 4Page - Texas Instruments BQ24401P Datasheet HTML 5Page - Texas Instruments BQ24401P Datasheet HTML 6Page - Texas Instruments BQ24401P Datasheet HTML 7Page - Texas Instruments BQ24401P Datasheet HTML 8Page - Texas Instruments BQ24401P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Initial Hold-Off Period
The values of the external resistor and capacitor con-
nected to pin RC set the initial hold-off period. During
this period, the bq24401 avoids early termination by dis-
abling the ∆T/∆t feature. This period is fixed at the pro-
grammed value of the maximum charge time divided by
32.
hold-off period =
maximum time - out
32
5
bq24401
Parameter
Value
Maximum cell voltage (VMCV)2V
Minimum pre-charge qualification voltage (VLBAT)
950mV
High-temperature cutoff voltage (VTCO)
0.225 ∗ VCC
High-temperature fault voltage (VHTF)
0.25 ∗ VCC
Low-temperature fault voltage (VLTF)
0.5 ∗ VCC
bq24401 fast-charge maximum time out (MTO)
RMTO ∗ CMTO ∗ 35,988
Fast-charge charging current (IMAX)
0.05/RSNS
Hold-off period
MTO/32
Top-off charging current (optional)
IMAX/16
Top-off period (optional)
MTO
Trickle-charge frequency
1Hz
Trickle-charge pulse-width
See Figure 6
Table 2. Summary of NiCd or NiMH Charging Characteristics
Temperature
Condition
Action
VTS >VLTF
Cold battery—checked at all times
Suspends fast charge or top-off and timer
Allows trickle charge—LED flashes at 1Hz rate
during pre-charge qualification and fast charge
VHTF <VTS <VLTF
Optimal operating range
Allows charging
VTS <VHTF
Hot battery—checked during charge qualifi-
cation and top-off and trickle-charge
Suspends fast-charge initiation, does not allow
trickle charge—LED flashes at 1Hz rate during
pre-charge qualification
VTS <VTCO
Battery exceeding maximum allowable tem-
perature—checked at all times
Terminates fast charge or top-off
Table 3. Temperature-Monitoring Conditions
Table 4. Charge Status Display
Charge Action State
LED Status
Battery absent
High impedance
Pre-charge qualification
1Hz flash
Trickle charge (before fast charge)
1Hz flash
Fast charging
Low
Top-off or trickle
High impedance
Charge complete
High impedance
Sleep mode
High impedance
Charge suspended (VTS >VLTF)
1Hz flash


Similar Part No. - BQ24401P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24401PW TI1-BQ24401PW Datasheet
1Mb / 27P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management IC
BQ24401PWG4 TI1-BQ24401PWG4 Datasheet
1Mb / 27P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management IC
BQ24401PWR TI1-BQ24401PWR Datasheet
1Mb / 27P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management IC
BQ24401PWRG4 TI1-BQ24401PWRG4 Datasheet
1Mb / 27P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management IC
More results

Similar Description - BQ24401P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24400 TI-BQ24400 Datasheet
162Kb / 15P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management Device
BQ24401 TI1-BQ24401_15 Datasheet
1Mb / 27P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management IC
BQ24400 TI1-BQ24400_16 Datasheet
1Mb / 27P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management IC
BQ2002 TI-BQ2002 Datasheet
134Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 1999
BQ2002D TI-BQ2002D Datasheet
117Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 2000
BQ2002C TI-BQ2002C Datasheet
76Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management IC
9/97
BQ2002FSNTRG4 TI-BQ2002FSNTRG4 Datasheet
688Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
BQ2002E TI-BQ2002E Datasheet
78Kb / 13P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
2/99
BQ2002C TI1-BQ2002C_11 Datasheet
387Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management IC
BQ2002D TI1-BQ2002D_14 Datasheet
553Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com