Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24401PW Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24401PW
Description  Programmable NiCd/NiMH Fast-Charge Management Device
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24401PW Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ24401PW Datasheet HTML 5Page - Texas Instruments BQ24401PW Datasheet HTML 6Page - Texas Instruments BQ24401PW Datasheet HTML 7Page - Texas Instruments BQ24401PW Datasheet HTML 8Page - Texas Instruments BQ24401PW Datasheet HTML 9Page - Texas Instruments BQ24401PW Datasheet HTML 10Page - Texas Instruments BQ24401PW Datasheet HTML 11Page - Texas Instruments BQ24401PW Datasheet HTML 12Page - Texas Instruments BQ24401PW Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Temperature Monitoring
The bq24401 measures the temperature by the voltage at
the TS pin. This voltage is typically generated by a nega-
tive-temperature-coefficient thermistor. The bq24401
compares this voltage against its internal threshold
voltages to determine if charging is safe.
These thresholds are the following:
l
High-temperature cutoff voltage: VTCO = 0.225 ∗ VCC
This voltage corresponds to the maximum temperature
(TCO) at which fast charging is allowed. The bq24401
terminates fast charge if the voltage on pin TS falls
below VTCO.
l
High-temperature fault voltage: VHTF = 0.25 ∗ VCC This
voltage corresponds to the temperature (HTF) at which
fast charging is allowed to begin.
l
Low-temperature fault voltage: VLTF = 0.5 ∗ VCC
This voltage corresponds to the minimum temperature
(LTF) at which fast charging or top-off is allowed. If the
voltage on pin TS rises above VLTF, the bq24401
suspends fast charge or top-off but does not terminate
charge. When the voltage falls back below VLTF, fast
charge or top-off resumes from the point where
suspended. Trickle-charge is allowed during this
condition.
Table 3 summarizes these various conditions.
Charge Status Display
The charge status is indicated by open-drain output LED.
Table 4 summarizes the display output of the bq24401.
Sleep Mode
The bq24401 features a sleep mode for low power con-
sumption. This mode is enabled when the voltage at pin
BAT is above the low-power-mode threshold, VSLP. Dur-
ing sleep mode, the bq24401 shuts down all internal cir-
cuits, drives the LED output to high-impedance state,
and drives pin MOD to low. Restoring BAT below the
VMCV threshold initiates the IC and starts a fast-charge
cycle.
9
bq24401
2000TCS.eps
BAT-
Power Supply ground
bq2000 ground
SNS
RSNS
Rf
Cf
1
2
VSS
bq2000T
Figure 8. Current-Sensing Circuit
Absolute Maximum Ratings
Symbol
Parameter
Minimum
Maximum
Unit
Notes
VCC
VCC relative to VSS
-0.3
+7.0
V
VT
DC voltage applied on any pin, ex-
cluding VCC relative to VSS
-0.3
+7.0
V
TOPR
Operating ambient temperature
-20
+70
°C
TSTG
Storage temperature
-40
+125
°C
TSOLDER
Soldering temperature
-
+260
°C
10s max.
Note:
Permanent device damage may occur if Absolute Maximum Ratings are exceeded. Functional operation
should be limited to the Recommended DC Operating Conditions detailed in this data sheet. Exposure to
conditions beyond the operational limits for extended periods of time may affect device reliability.
bq24401
bq24401


Similar Part No. - BQ24401PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24401PW TI1-BQ24401PW Datasheet
1Mb / 27P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management IC
BQ24401PWG4 TI1-BQ24401PWG4 Datasheet
1Mb / 27P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management IC
BQ24401PWR TI1-BQ24401PWR Datasheet
1Mb / 27P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management IC
BQ24401PWRG4 TI1-BQ24401PWRG4 Datasheet
1Mb / 27P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management IC
More results

Similar Description - BQ24401PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24400 TI-BQ24400 Datasheet
162Kb / 15P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management Device
BQ24401 TI1-BQ24401_15 Datasheet
1Mb / 27P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management IC
BQ24400 TI1-BQ24400_16 Datasheet
1Mb / 27P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management IC
BQ2002 TI-BQ2002 Datasheet
134Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 1999
BQ2002D TI-BQ2002D Datasheet
117Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 2000
BQ2002C TI-BQ2002C Datasheet
76Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management IC
9/97
BQ2002FSNTRG4 TI-BQ2002FSNTRG4 Datasheet
688Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
BQ2002E TI-BQ2002E Datasheet
78Kb / 13P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
2/99
BQ2002C TI1-BQ2002C_11 Datasheet
387Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management IC
BQ2002D TI1-BQ2002D_14 Datasheet
553Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com