Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65916 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65916
Description  3.1-V to 5.2-V, 5 Buck Converter and 5 LDO Power Management IC (PMIC)
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65916 Datasheet(HTML) 3 Page - Texas Instruments

  TPS65916 Datasheet HTML 1Page - Texas Instruments TPS65916 Datasheet HTML 2Page - Texas Instruments TPS65916 Datasheet HTML 3Page - Texas Instruments TPS65916 Datasheet HTML 4Page - Texas Instruments TPS65916 Datasheet HTML 5Page - Texas Instruments TPS65916 Datasheet HTML 6Page - Texas Instruments TPS65916 Datasheet HTML 7Page - Texas Instruments TPS65916 Datasheet HTML 8Page - Texas Instruments TPS65916 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 84 page
background image
I
2C and SPI
I/O
OSC + PLL
12-Bit GPADC
32-kHz RC Oscillator
÷6
PLL
VSYS Monitor
LDO1, Bypass
Short Circuit Monitor
LDO2, Bypass
Short Circuit Monitor
LDO3
Short Circuit Monitor
LDO4
Short Circuit Monitor
LDO5, LN
Short Circuit Monitor
LDOVANA
BBS
LDOVRTC
INT
PWRON
VCCA
LDO1_OUT
LDO3_IN
LDO4_IN
LDO5_OUT
LDO5_IN
VBG
REFGND
VCC_SENSE
VIO_IN
LDO12_IN
LDO2_OUT
LDO3_OUT
LDO4_OUT
LDOVANA_OUT
LDOVRTC_OUT
SYNCDCDC
SYNCCLKOUT
VCC_SENSE
Independent Bandgap
VCCA
SMPS2
VIN Monitor,
Thermal SD,
Short Circuit Monitor
Dual Phase or
Single Phase
SMPS3
VIN Monitor,
Thermal SD,
Short Circuit Monitor
SMPS4
VIN Monitor,
Short Circuit Monitor
SMPS5
VIN Monitor,
Thermal SD,
Short Circuit Monitor
SMPS1
VIN Monitor,
Thermal SD,
Short Circuit Monitor
SMPS2_IN
SMPS1_IN
SMPS1_FDBK
SMPS2_FDBK
SMPS3_IN
SMPS3_FDBK
SMPS4_IN
SMPS4_FDBK
SMPS5_IN
SMPS5_FDBK
PWRDOWN
POWERHOLD
RESET_IN
NSLEEP
NRESWARM
OTP
Power
Sequencer
I
2C and SPI
Interrupt Handler
First Supply Detection
Event Handler
I
2C and SPI
Watchdog Timer
Registers
CRC
I2C/SPI
OFF2ACT
ACT2OFF
ACT2SLP
SLP2ACT
NRESWARM
Resource Controller
Registers
CNTRL
GPADC Controller
Thermal
Monitor
VCCA
VIO
7x GPIO
POWERGOOD Monitor
VANA (1.5 V)
POWERGOOD
SMPS/LDO
POWERGOOD/SHORT/
VINLOW
1.23-V
Vref
RC15M
OSC
Bandgap
REFSYS
3
TPS65916
www.ti.com
SLVSD09A – MARCH 2016 – REVISED SEPTEMBER 2016
Submit Documentation Feedback
Product Folder Links: TPS65916
Device Overview
Copyright © 2016, Texas Instruments Incorporated
1.4
Functional Diagram
Figure 1-1. Functional Diagram


Similar Part No. - TPS65916

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65916 TI1-TPS65916 Datasheet
2Mb / 89P
[Old version datasheet]   3.1-V to 5.2-V, 5 Buck Converter and 5 LDO Power Management IC (PMIC)
TPS65916 TI1-TPS65916 Datasheet
2Mb / 89P
[Old version datasheet]   3.1-V to 5.2-V, 5 Buck Converter and 5 LDO Power Management IC (PMIC)
TPS659161RGZR TI1-TPS659161RGZR Datasheet
2Mb / 89P
[Old version datasheet]   3.1-V to 5.2-V, 5 Buck Converter and 5 LDO Power Management IC (PMIC)
TPS659161RGZR TI1-TPS659161RGZR Datasheet
2Mb / 89P
[Old version datasheet]   3.1-V to 5.2-V, 5 Buck Converter and 5 LDO Power Management IC (PMIC)
TPS659162RGZR TI1-TPS659162RGZR Datasheet
2Mb / 89P
[Old version datasheet]   3.1-V to 5.2-V, 5 Buck Converter and 5 LDO Power Management IC (PMIC)
More results

Similar Description - TPS65916

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65916 TI1-TPS65916_17 Datasheet
2Mb / 89P
[Old version datasheet]   3.1-V to 5.2-V, 5 Buck Converter and 5 LDO Power Management IC (PMIC)
TPS65916 TI1-TPS65916_18 Datasheet
2Mb / 89P
[Old version datasheet]   3.1-V to 5.2-V, 5 Buck Converter and 5 LDO Power Management IC (PMIC)
TPS6594-Q1 TI-TPS6594-Q1_V01 Datasheet
3Mb / 358P
[Old version datasheet]   TPS6594-Q1 Power Management IC (PMIC) for Processors with 5 Bucks and 4 LDOs
TPS6594-Q1 TI1-TPS6594-Q1 Datasheet
3Mb / 357P
[Old version datasheet]   TPS6594-Q1 Power Management IC (PMIC) for Processors with 5 Bucks and 4 LDOs
LP87702-Q1 TI1-LP87702-Q1 Datasheet
656Kb / 84P
[Old version datasheet]   Dual Buck Converter and 5-V Boost With Diagnostic Functions
LP87702-Q1 TI1-LP87702-Q1_18 Datasheet
2Mb / 99P
[Old version datasheet]   Dual Buck Converter and 5-V Boost With Diagnostic Functions
TPS6593-Q1 TI-TPS6593-Q1 Datasheet
3Mb / 132P
[Old version datasheet]   TPS6593-Q1 Power Management IC (PMIC) with 5 Bucks and 4 LDOs for Automotive Applications
LP87702 TI-LP87702 Datasheet
4Mb / 98P
[Old version datasheet]   LP87702 Dual Buck Converter and 5-V Boost With Diagnostic Functions
logo
NEC
UPC1687G NEC-UPC1687G Datasheet
81Kb / 16P
   GENERAL PURPOSE 5 V FREQUENCY DOWN-CONVERTER IC
UPC1685G NEC-UPC1685G Datasheet
80Kb / 16P
   GENERAL PURPOSE 5 V FREQUENCY DOWN-CONVERTER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com