Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS657201YFFR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS657201YFFR
Description  Integrated PMIC With 1 DC-DC, 1 LDO, Battery Charger and GPIO
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS657201YFFR Datasheet(HTML) 4 Page - Texas Instruments

  TPS657201YFFR Datasheet HTML 1Page - Texas Instruments TPS657201YFFR Datasheet HTML 2Page - Texas Instruments TPS657201YFFR Datasheet HTML 3Page - Texas Instruments TPS657201YFFR Datasheet HTML 4Page - Texas Instruments TPS657201YFFR Datasheet HTML 5Page - Texas Instruments TPS657201YFFR Datasheet HTML 6Page - Texas Instruments TPS657201YFFR Datasheet HTML 7Page - Texas Instruments TPS657201YFFR Datasheet HTML 8Page - Texas Instruments TPS657201YFFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 66 page
background image
AC
ISET
RESET
SDAT
SCLK
SYS
SYS
PB_IN
GPIO0
GPIO1
BAT
BAT
INT
GPIO2
GPIO3
L1
HOLD_
DCDC1
TS
GND
HOLD_
LDO1
PGND
FB_
DCDC1
AGND
VINLDO1
VLDO1
A1
B1
C1
D1
E1
A2
A3
A4
A5
TPS65720, TPS657201, TPS657202, TPS65721
SLVS979A – OCTOBER 2009 – REVISED SEPTEMBER 2015
www.ti.com
6 Pin Configuration and Functions
YFF Package
25-Pin DSBGA
Bottom View
Pin Functions—DSBGA (TPS65720)
PIN
I/O
DESCRIPTION
NO.
NAME
A1
VLDO1
O
Output voltage of LDO1
A2
HOLD_LDO1
I
Power-on input for LDO1. When pulled HIGH, LDO1 is kept enabled after PB_IN was released HIGH.
A3
GPIO3
I/O
General purpose I/O or 5-mA current sink
A4
GPIO1
I/O
General purpose I/O
A5
SCLK
I
Clock input for the I
2C interface
B1
VINLDO1
I
Input voltage for LDO1
B2
GND
Connect to AGND and PGND
B3
GPIO2
I/O
General purpose I/O or 5-mA current sink
B4
GPIO0
I/O
General purpose I/O
B5
SDAT
I/O
Data line for the I
2C interface
C1
AGND
Analog ground
C2
TS
I
Connect a thermistor from this pin to GND for battery temperature
C3
INT
O
Open-drain interrupt output
C4
PB_IN
I
Push button input; Turns on DCDC1 and LDO1 if pulled to GND.
Open-drain output of the reset generator; This output goes active LOW when the output voltage of LDO1 falls 8% below its target
C5
RESET
O
voltage.
D1
FB_DCDC1
I
Feedback input of step-down converter
D2
HOLD_DCDC1
I
Power-On input for DCDC1 converter. When pulled HIGH, the DC-DC converter is kept enabled after PB_IN was released HIGH.
D3
BAT
I/O
Connect to battery + terminal
D4
SYS
O
System voltage; output of the power path manager. Power input for step-down converter DCDC1
D5
ISET
I
Connect a resistor from this pin to GND to set fast charge current
E1
PGND
Power ground
E2
L1
O
Switch output of step-down converter
E3
BAT
I/O
Connect to battery + terminal
E4
SYS
O
System voltage; output of the power path manager. Power input for step-down converter DCDC1
E5
AC
I
Input power for power manager, connect to external DC supply.
4
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: TPS65720 TPS657201 TPS657202 TPS65721


Similar Part No. - TPS657201YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65720 TI-TPS65720 Datasheet
1Mb / 50P
[Old version datasheet]   PMU for Bluetooth Headsets
TPS65720YFFR TI-TPS65720YFFR Datasheet
1Mb / 50P
[Old version datasheet]   PMU for Bluetooth Headsets
TPS65720YFFR TI1-TPS65720YFFR Datasheet
2Mb / 66P
[Old version datasheet]   Integrated PMIC
TPS65720YFFT TI-TPS65720YFFT Datasheet
1Mb / 50P
[Old version datasheet]   PMU for Bluetooth Headsets
TPS65720YFFT TI1-TPS65720YFFT Datasheet
2Mb / 66P
[Old version datasheet]   Integrated PMIC
More results

Similar Description - TPS657201YFFR

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT5002 RICHTEK-RT5002 Datasheet
788Kb / 40P
   7 1 Channel DC/DC PMU with Li-Ion Battery Charger for DSC
logo
Linear Technology
LTC1980 LINER-LTC1980_1 Datasheet
238Kb / 16P
   Combination Battery Charger and DC/DC Converter
logo
Texas Instruments
TPS6521815 TI1-TPS6521815 Datasheet
1Mb / 107P
[Old version datasheet]   TPS6521815 User-Programmable Power Management IC (PMIC) With 6 DC/DC Converters, 1 LDO, and 3 Load Switches
logo
Linear Technology
LTC1980 LINER-LTC1980 Datasheet
463Kb / 16P
   Combination Battery Charger and DC/DC Converter
LTC1980 LINER-LTC1980_15 Datasheet
244Kb / 16P
   Combination Battery Charger and DC/DC Converter
logo
Eutech Microelectronics...
EUP8084 EUTECH-EUP8084 Datasheet
1Mb / 23P
   Complete Linear Battery Charger with Integrated Buck Converter and LDO
logo
Shenzhen X-Powers Techn...
AXP155 XPOWER-AXP155 Datasheet
398Kb / 3P
   Highly integrated PMIC with 5 DC/DC Buck Converters and 10 LDOs
AXP152 XPOWER-AXP152 Datasheet
390Kb / 4P
   Highly integrated PMIC with 4 DC/DC Buck Converters and 7 LDOs
logo
Micro Analog systems
MAS6260 MAS-MAS6260 Datasheet
364Kb / 9P
   Li-ion and LiPo battery charger with LDO
logo
Richtek Technology Corp...
RT5021 RICHTEK-RT5021 Datasheet
1Mb / 67P
   Channels DC/DC PMU with Li-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com