Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STUA120-D15 Datasheet(PDF) 1 Page - Vitec Power

Part # STUA120-D15
Description  120W U-Bracket Power Supply for I.T. Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

STUA120-D15 Datasheet(HTML) 1 Page - Vitec Power

  STUA120-D15 Datasheet HTML 1Page - Vitec Power STUA120-D15 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STUA120 SERIES
120W U-Bracket Power Supply for I.T. Equipment
Wide Input Voltage 90 to 260 VAC, 47 to 63 Hz
Single to Triple Output
Input Surge Current, Over Voltage and Over Load protection
Power Fail Detect (Optional)
Input connector mates with Molex housing 09-50-3051 and Molex 2478 series crimp
terminal
Output connector mates with Molex housing 09-50-3131and Molex 2478 series crimp
terminal
Size: 3.21"x5"x1.72"
Class I Insulation
2 Year Warranty
Approvals:
Single Output
Part Number
Output Voltage
Output Current
Total Regulation
Max. Output Power
STUA120-S01
03 ~05 VDC
22.00 ~ 20.00A
5%
100W
STUA120-S02
05 ~06 VDC
22.00 ~ 18.33A
5%
110W
STUA120-S03
06 ~09 VDC
19.16 ~ 12.77A
5%
115W
STUA120-S04
09 ~11 VDC
13.33 ~ 10.90A
4%
120W
STUA120-S05
11 ~ 13 VDC
10.90 ~ 9.23A
3%
120W
STUA120-S06
13 ~ 16 VDC
9.23 ~ 7.50A
3%
120W
STUA120-S07
16 ~ 21 VDC
7.50 ~ 5.71A
3%
120W
STUA120-S08
21 ~ 27 VDC
5.71 ~ 4.44A
2%
120W
STUA120-S09
27 ~ 33 VDC
4.44 ~ 3.63A
2%
120W
STUA120-S10
33 ~ 40 VDC
3.63 ~ 3.00A
2%
120W
STUA120-S11
40 ~ 50 VDC
3.00 ~ 2.40A
2%
120W
Multi Output
Part Number
Output 1
Output 2
Output 3
Max. Output
Power
Vonom
Iomin
Iomax
Regmax
Vonom
Iomin
Iomax
Regmax
Vonom
Iomin
Iomax
Regmax
STUA120-D00
+3.3V
1.5A
15A
5%
+12V
0.6A
6A
5%
120W
STUA120-D01
+5V
1.5A
15A
5%
+12V
0.8A
6A
5%
120W
STUA120-D02
+5V
1.5A
15A
5%
+15V
0.6A
6A
5%
120W
STUA120-D03
+5V
1.5A
15A
5%
+24V
0.4A
3.5A
5%
120W
STUA120-D04
+3.3V
1.5A
15A
5%
+5V
0.8A
6A
5%
79.5W
STUA120-D15
+5V
1.5A
15A
5%
-24V
0.2A
2A
5%
120W
STUA120-D19
+28V
0.4A
3.92A
5%
+5V
0A
2A
5%
120W
STUA120-T00
+3.3V
1.5A
15A
5%
+12V
0.6A
6A
5%
-12V
0A
0.8A
5%
120W
STUA120-T00-1
+3.3V
1.5A
15A
5%
+12V
0.6A
6A
5%
+12V
0A
0.8A
5%
120W
STUA120-T01
+5V
1.5A
15A
5%
+12V
0.8A
6A
5%
-5V
0A
0.8A
5%
120W
STUA120-T01-1
+5V
1.5A
15A
5%
+12V
0.8A
6A
5%
+5V
0A
0.8A
5%
120W
STUA120-T02
+5V
1.5A
15A
5%
+12V
0.8A
6A
5%
-12V
0A
0.8A
5%
120W
STUA120-T02-1
+5V
1.5A
15A
5%
+12V
0.8A
6A
5%
+12V
0A
0.8A
5%
120W
STUA120-T03
+5V
1.5A
15A
5%
+15V
1.0A
6A
5%
-15V
0A
0.8A
5%
120W
STUA120-T03-1
+5V
1.5A
15A
5%
+15V
1.0A
6A
5%
+15V
0A
0.8A
5%
120W
STUA120-T04
+5V
1.5A
15A
5%
+24V
0.45A
3.5A
5%
-24V
0.25A
0.8A
5%
120W
STUA120-T04-1
+5V
1.5A
15A
5%
+24V
0.45A
3.5A
5%
+24V
0.25A
0.8A
5%
120W
STUA120-T05
+5V
1.5A
15A
5%
+24V
0.4A
3.5A
5%
-12V
0A
0.8A
5%
120W
STUA120-T05-1
+5V
1.5A
15A
5%
+24V
0.4A
3.5A
5%
+12V
0A
0.8A
5%
120W
STUA120-T06
+3.3V
1.5A
15A
5%
+12V
0.8A
6A
5%
-5V
0A
0.8A
5%
120W
STUA120-T06-1
+3.3V
1.5A
15A
5%
+12V
0.8A
6A
5%
+5V
0A
0.8A
5%
120W
STUA120-T07
+5V
1.5A
15A
5%
+10V
0.6A
6A
5%
-10V
0A
1.0A
5%
120W
STUA120-T07-1
+5V
1.5A
15A
5%
+10V
0.6A
6A
5%
+10V
0A
1.0A
5%
120W
STUA120-T08
+3.3V
1.5A
15A
5%
+5V
0.8A
6A
5%
-12V
0A
1.0A
5%
91.5W
STUA120-T08-1
+3.3V
1.5A
15A
5%
+5V
0.8A
6A
5%
+12V
0A
1.0A
5%
91.5W


Similar Part No. - STUA120-D15

ManufacturerPart #DatasheetDescription
logo
Vitec Power
STUA120-D15 Vitec-STUA120-D15 Datasheet
435Kb / 2P
   120W U-Bracket Power Supply for I.T. Equipment
More results

Similar Description - STUA120-D15

ManufacturerPart #DatasheetDescription
logo
Vitec Power
STUA120 Vitec-STUA120 Datasheet
435Kb / 2P
   120W U-Bracket Power Supply for I.T. Equipment
STUA60 Vitec-STUA60 Datasheet
467Kb / 2P
   63W U-Bracket Power Supply for I.T. Equipment
STUA61 Vitec-STUA61 Datasheet
464Kb / 2P
   63W U-Bracket Power Supply for I.T. Equipment
STUA100 Vitec-STUA100 Datasheet
427Kb / 2P
   100W U-Bracket Power Supply for I.T. Equipment
STUA101 Vitec-STUA101 Datasheet
433Kb / 2P
   100W U-Bracket Power Supply for I.T. Equipment
STUA60-SERIES Vitec-STUA60-SERIES Datasheet
467Kb / 2P
   63W U-Bracket Power Supply for I.T. Equipment
STUA100-SERIES Vitec-STUA100-SERIES Datasheet
427Kb / 2P
   100W U-Bracket Power Supply for I.T. Equipment
STUA250-SERIES Vitec-STUA250-SERIES Datasheet
423Kb / 2P
   250W U-Bracket Power Supply for I.T. Equipment
STUA80-SERIES Vitec-STUA80-SERIES Datasheet
454Kb / 2P
   80W U-Bracket Power Supply for I.T. Equipment
STUA80 Vitec-STUA80 Datasheet
454Kb / 2P
   80W U-Bracket Power Supply for I.T. Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com