Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS563219 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS563219
Description  4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS563219 Datasheet(HTML) 4 Page - Texas Instruments

  TPS563219 Datasheet HTML 1Page - Texas Instruments TPS563219 Datasheet HTML 2Page - Texas Instruments TPS563219 Datasheet HTML 3Page - Texas Instruments TPS563219 Datasheet HTML 4Page - Texas Instruments TPS563219 Datasheet HTML 5Page - Texas Instruments TPS563219 Datasheet HTML 6Page - Texas Instruments TPS563219 Datasheet HTML 7Page - Texas Instruments TPS563219 Datasheet HTML 8Page - Texas Instruments TPS563219 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
TPS562219, TPS563219
SLVSCM7A – FEBRUARY 2015 – REVISED AUGUST 2015
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
TJ = -40°C to 150°C (unless otherwise noted)
(1)
MIN
MAX
UNIT
VIN, EN
–0.3
19
V
VBST
–0.3
25
V
VBST (10 ns transient)
–0.3
27.5
V
VBST (vs SW)
–0.3
6.5
V
Input voltage range
VFB, PG
–0.3
6.5
V
SS
–0.3
5.5
V
SW
–2
19
V
SW (10 ns transient)
–3.5
21
V
Operating junction temperature, TJ
–40
150
°C
Storage temperature, Tstg
–55
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
Electrostatic
V(ESD)
V
discharge
Charged device model (CDM), per JEDEC specification JESD22-C101(2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
TJ = –40°C to 150°C (unless otherwise noted)
MIN
MAX
UNIT
VIN
Supply input voltage range
4.5
17
V
VBST
–0.1
23
VBST (10 ns transient)
–0.1
26
VBST(vs SW)
–0.1
6
EN
–0.1
17
VI
Input voltage range
V
VFB, PG
–0.1
5.5
SS
–0.1
5
SW
–1.8
17
SW (10 ns transient)
–3.5
20
TA
Operating free-air temperature
–40
85
°C
7.4 Thermal Information
TPS562219
TPS563219
THERMAL METRIC(1)
UNIT
DDF (8 PINS)
RθJA
Junction-to-ambient thermal resistance
106.1
87.0
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
49.1
41.6
°C/W
RθJB
Junction-to-board thermal resistance
10.9
14.6
°C/W
ψJT
Junction-to-top characterization parameter
8.6
4.7
°C/W
ψJB
Junction-to-board characterization parameter
10.8
14.6
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated


Similar Part No. - TPS563219

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS563219A TI1-TPS563219A Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
TPS563219ADDFR TI1-TPS563219ADDFR Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
TPS563219ADDFT TI1-TPS563219ADDFT Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
More results

Similar Description - TPS563219

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS562219A TI1-TPS562219A Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
TPS562210A TI1-TPS562210A Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562210 TI1-TPS562210_16 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562210 TI-TPS562210_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS56x210, 4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS563210 TI-TPS563210_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS56x210, 4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562200 TI1-TPS562200_16 Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V To 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
TPS562200 TI-TPS562200_15 Datasheet
1Mb / 30P
[Old version datasheet]   Tps56x200 4.5 V To 17 V Input, 2 A, 3 A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
TPS563201 TI-TPS563201 Datasheet
987Kb / 27P
[Old version datasheet]   TPS56320x 4.5-V to 17-V Input, 3-A Synchronous Step-Down Voltage Regulator in SOT-23
DECEMBER 2015
TPS564201 TI1-TPS564201 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator in SOT-23
TPS565208 TI1-TPS565208 Datasheet
2Mb / 26P
[Old version datasheet]   4.5-V to 17-V Input, 5-A Synchronous Step-Down Voltage Regulator in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com