Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS564201DDCT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS564201DDCT
Description  4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator in SOT-23
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS564201DDCT Datasheet(HTML) 5 Page - Texas Instruments

  TPS564201DDCT Datasheet HTML 1Page - Texas Instruments TPS564201DDCT Datasheet HTML 2Page - Texas Instruments TPS564201DDCT Datasheet HTML 3Page - Texas Instruments TPS564201DDCT Datasheet HTML 4Page - Texas Instruments TPS564201DDCT Datasheet HTML 5Page - Texas Instruments TPS564201DDCT Datasheet HTML 6Page - Texas Instruments TPS564201DDCT Datasheet HTML 7Page - Texas Instruments TPS564201DDCT Datasheet HTML 8Page - Texas Instruments TPS564201DDCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5
TPS564201
www.ti.com
SLVSDJ7A – MAY 2016 – REVISED MAY 2016
Product Folder Links: TPS564201
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Not production tested.
6.5 Electrical Characteristics
TJ = –40°C to 125°C, VIN = 12 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
IVIN
Operating – non-switching
supply current
VIN current, EN = 5 V, VFB = 1 V
TPS564201
400
510
µA
IVINSDN
Shutdown supply current
VIN current, EN = 0 V
0.9
5
µA
LOGIC THRESHOLD
VENH
EN high-level input voltage
EN
1.6
V
VENL
EN low-level input voltage
EN
0.8
V
REN
EN pin resistance to GND
VEN = 12 V
225
425
900
k
Ω
VFB VOLTAGE AND DISCHARGE RESISTANCE
VFBTH
VFB threshold voltage
VO = 1.05 V, continuous mode operation
739
759
779
mV
IVFB
VFB input current
VFB = 0.8 V
0
±0.1
µA
MOSFET
RDS(on)h
High-side switch resistance
TA = 25°C, VBST – SW = 5.5 V
50
m
Ω
RDS(on)l
Low-side switch resistance
TA = 25°C
22
m
Ω
CURRENT LIMIT
Iocl
Current limit(1)
DC current, VOUT = 1.05 V, L1 = 1.5 µH
4.2
6
7.7
A
THERMAL SHUTDOWN
TSDN
Thermal shutdown
threshold(1)
Shutdown temperature
172
°C
Hysteresis
38
ON-TIME TIMER CONTROL
tOFF(MIN)
Minimum off time
VFB = 0.68 V
220
280
ns
SOFT START
tSS
Soft-start time
Internal soft-start time
1.0
ms
FREQUENCY
Fsw
Switching frequency
VIN = 12 V, VO = 1.05 V, FCCM mode
560
kHz
OUTPUT UNDERVOLTAGE AND OVERVOLTAGE PROTECTION
VUVP
Output UVP threshold
Hiccup detect (H > L)
65%
THICCUP_WAIT
Hiccup on time
1.9
ms
THICCUP_RE
Hiccup time before restart
15.5
ms
UVLO
UVLO
UVLO threshold
Wake up VIN voltage
4.0
4.3
V
Shutdown VIN voltage
3.3
3.6
Hysteresis VIN voltage(1)
0.4


Similar Part No. - TPS564201DDCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS564208 TI1-TPS564208 Datasheet
1Mb / 24P
[Old version datasheet]   4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator
TPS564208DDCR TI1-TPS564208DDCR Datasheet
1Mb / 24P
[Old version datasheet]   4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator
TPS564208DDCT TI1-TPS564208DDCT Datasheet
1Mb / 24P
[Old version datasheet]   4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator
More results

Similar Description - TPS564201DDCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS565208 TI1-TPS565208 Datasheet
2Mb / 26P
[Old version datasheet]   4.5-V to 17-V Input, 5-A Synchronous Step-Down Voltage Regulator in SOT-23
TPS563201 TI-TPS563201 Datasheet
987Kb / 27P
[Old version datasheet]   TPS56320x 4.5-V to 17-V Input, 3-A Synchronous Step-Down Voltage Regulator in SOT-23
DECEMBER 2015
TPS561201 TI1-TPS561201 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 17-V Input, 1-A Synchronous Step-Down Voltage Regulator in 6-Pin SOT-23
TPS564208 TI1-TPS564208 Datasheet
1Mb / 24P
[Old version datasheet]   4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator
TPS562210A TI1-TPS562210A Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562200 TI1-TPS562200_16 Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V To 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
TPS562219 TI1-TPS562219 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
TPS562219A TI1-TPS562219A Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
TPS562210 TI1-TPS562210_16 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562200 TI-TPS562200_15 Datasheet
1Mb / 30P
[Old version datasheet]   Tps56x200 4.5 V To 17 V Input, 2 A, 3 A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com