Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS650241QRHBRQ1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS650241QRHBRQ1
Description  POWER MANAGEMENT ICs FOR Li-ION POWERED SYSTEMS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS650241QRHBRQ1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS650241QRHBRQ1 Datasheet HTML 3Page - Texas Instruments TPS650241QRHBRQ1 Datasheet HTML 4Page - Texas Instruments TPS650241QRHBRQ1 Datasheet HTML 5Page - Texas Instruments TPS650241QRHBRQ1 Datasheet HTML 6Page - Texas Instruments TPS650241QRHBRQ1 Datasheet HTML 7Page - Texas Instruments TPS650241QRHBRQ1 Datasheet HTML 8Page - Texas Instruments TPS650241QRHBRQ1 Datasheet HTML 9Page - Texas Instruments TPS650241QRHBRQ1 Datasheet HTML 10Page - Texas Instruments TPS650241QRHBRQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
TPS650241-Q1, TPS650243-Q1, TPS650244-Q1
www.ti.com
SLVS994A
– SEPTEMBER 2009 – REVISED MARCH 2011
ELECTRICAL CHARACTERISTICS
VINDCDC1 = VINDCDC2 = VINDCDC3 = VCC = VINLDO = 3.6 V, TJ = –40°C to 125°C, typical values are at TA = 25°C
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDCDC3 STEP-DOWN CONVERTER
VVINDCDC3
Input voltage range
2.5
6.0
V
IO
Maximum output current
VO = 1.6 V
800
mA
ISD
Shutdown supply current in
EN_DCDC3 = GND
0.1
1
μA
VINDCDC3
RDS(ON)
P-channel MOSFET on-resistance
VINDCDC3 = VGS = 3.6 V
310
698
m
ILP
P-channel leakage current
VINDCDC3 = 6.0V
0.1
2
μA
RDS(ON)
N-channel MOSFET on-resistance
VINDCDC3 = VGS = 3.6 V
220
503
m
ILN
N-channel leakage current
VDS = 6.0 V
7
10
μA
ILIMF
Forward current limit (P- and
2.5 V
< VINDCDC3 < 6.0 V
1.00
1.20
1.40
A
N-channel)
fS
Oscillator frequency
1.95
2.25
2.55
MHz
VDCDC3
Fixed output voltage
VO = 0.9V to
VINDCDC3 = 2.5 V to 6.0 V;
–2%
2%
MODE = 0
1.6V
0 mA
≤ IO ≤ 800 mA
(PWM/PFM)
Fixed output voltage
–1%
1%
MODE = 1 (PWM)
Line regulation
VINDCDC3 = VDCDC3 + 0.3 V (min. 2.5 V) to
0.0
%/V
6.0 V; IO = 10 mA
Load regulation
IO = 10 mA to 600 mA
0.25
%/A
tSS
Soft start ramp time
VDCDC3 ramping from 5% to 95% of target
750
μs
value
R(L3)
Internal resistance from L3 to GND
1
M
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS650241-Q1 TPS650243-Q1 TPS650244-Q1


Similar Part No. - TPS650241QRHBRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650241QRHBRQ1 TI-TPS650241QRHBRQ1 Datasheet
865Kb / 32P
[Old version datasheet]   POWER MANAGEMENT ICs FOR Li-ION POWERED SYSTEMS
More results

Similar Description - TPS650241QRHBRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650240_0712 TI-TPS650240_0712 Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650241-Q1 TI-TPS650241-Q1 Datasheet
865Kb / 32P
[Old version datasheet]   POWER MANAGEMENT ICs FOR Li-ION POWERED SYSTEMS
TPS650240 TI-TPS650240 Datasheet
955Kb / 34P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650240 TI-TPS650240_08 Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650240 TI1-TPS650240_16 Datasheet
1Mb / 38P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI1-TPS65023_12 Datasheet
1Mb / 55P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
[Old version datasheet]   Power Management IC For Li-Ion Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com