Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS659127YFFT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS659127YFFT
Description  PMU for Processor Power
Download  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS659127YFFT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS659127YFFT Datasheet HTML 3Page - Texas Instruments TPS659127YFFT Datasheet HTML 4Page - Texas Instruments TPS659127YFFT Datasheet HTML 5Page - Texas Instruments TPS659127YFFT Datasheet HTML 6Page - Texas Instruments TPS659127YFFT Datasheet HTML 7Page - Texas Instruments TPS659127YFFT Datasheet HTML 8Page - Texas Instruments TPS659127YFFT Datasheet HTML 9Page - Texas Instruments TPS659127YFFT Datasheet HTML 10Page - Texas Instruments TPS659127YFFT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 145 page
background image
TPS659121, TPS659122
www.ti.com
SWCS071B – AUGUST 2012 – REVISED APRIL 2015
Signal Descriptions for TPS65912x (continued)
TERMINAL
TYPE
DESCRIPTION
NAME
ALT NAME
NO.
LOW DROPOUT REGULATORS
VINLDO1210
J2
I
Power input for LDO1, LDO2 and LDO10
VINLDO3
F8
I
Power input for LDO3
VINLDO4
F1
I
Power input for LDO4
VINLDO5
G8
I
Power input for LDO5
VINLDO67
A2
I
Power input for LDO6 and LDO7
VINLDO8
H8
I
Power input for LDO8
VINLDO9
J8
I
Power input for LDO9
LDOAO
G3
O
"LDO always on" internal supply; connect buffer capacitor
VLDO1
J3
O
LDO1 output
VLDO2
H1
O
LDO2 output
VLDO3
F9
O
LDO3 output
VLDO4
G1
O
LDO4 output
VLDO5
G9
O
LDO5 output
VLDO6
A3
O
LDO6 output
VLDO7
A1
O
LDO7 output
VLDO8
H9
O
LDO8 output
VLDO9
J9
O
LDO9 output
VLDO10
J1
O
LDO10 output
STANDARD INTERFACE
Digital input that defines whether SPI or I2C and GPIOs is available on
DEF_SPI_I2C-GPIO
E7
I
pins C4, D4, E4, D5: 0=SPI; 1=I2C and GPIO1 and GPIO2
SCL_SCK
SCK
D5
I
I2C SCL for DEF_SPI_I2C=1 or SPI SCK for DEF_SPI_I2C=0
I2C SDA for DEF_SPI_I2C=1 or SPI MASTER OUT SLAVE IN (MOSI)
SDA_MOSI
MOSI
E4
I/O
for DEF_SPI_I2C=0
GPIO1 for DEF_SPI_I2C=1 or SPI MASTER IN SLAVE OUT (MISO)
GPIO1_MISO
MISO
D4
I/O
for DEF_SPI_I2C=0
GPIO2 for DEF_SPI_I2C=1 or SPI CHIP ENABLE (CE) active HIGH
GPIO2_ CE
CE
C4
I/O
for DEF_SPI_I2C=0
ENABLE / VOLTAGE SCALING
Enable pin or voltage scaling pin changing the output of a converter or
EN1 / DCDC1_SEL(1)
DCDC1_SEL
E8
I
a group of converters between 2 predefined values
Enable pin or voltage scaling pin changing the output of a converter or
EN2 / DCDC2_SEL(1)
DCDC2_SEL
D8
I
a group of converters between 2 predefined values
Enable pin or voltage scaling pin changing the output of a converter or
EN3 / DCDC3_SEL(1)
DCDC3_SEL
C6
I
a group of converters between 2 predefined values
Enable pin or voltage scaling pin changing the output of a converter or
EN4 / DCDC4_SEL(1)
DCDC4_SEL
C5
I
a group of converters between 2 predefined values
Power I2C for dynamic voltage scaling: clock pin or clock request
SCL_AVS / CLK_REQ1(2)
CLK_REQ1
E5
I
signal1 used to enable and disable power resources
Power I2C for dynamic voltage scaling; data pin or clock request
SDA_AVS / CLK_REQ2 (2)
CLK_REQ2
E6
I/O
signal2 used to enable and disable power resources
SLEEP / PWR_REQ(2)
PWR_REQ
G4
I
SLEEP mode input or CLK request input
nRESPWRON /
VSUP_OUT
G6
O
Reset output or output of voltage monitor
VSUP_OUT
VCCS / VIN_MON
VIN_MON
G2
I
Voltage sense for input voltage monitor; output on pin VSUP_OUT
PWRHOLD_ON
ON
D6
I
POWERHOLD or ON; enable input
INT1
G5
O
Interrupt output
(1)
DCDCx_SEL is selected by pulling pin CONFIG2 to GND; this also selects CLK_REQx and PWR_REQ as enable resources.
(2)
CLK-REQ1, CLK_REQ2 and PWR_REQ is selected by puling pin CONFIG2 to GND.
Copyright © 2012–2015, Texas Instruments Incorporated
Terminal Configuration and Functions
7
Submit Documentation Feedback
Product Folder Links: TPS659121 TPS659122


Similar Part No. - TPS659127YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS659121 TI1-TPS659121 Datasheet
116Kb / 8P
[Old version datasheet]   PMU FOR PROCESSOR POWER
TPS659121YFFR TI1-TPS659121YFFR Datasheet
116Kb / 8P
[Old version datasheet]   PMU FOR PROCESSOR POWER
TPS659121YFFT TI1-TPS659121YFFT Datasheet
116Kb / 8P
[Old version datasheet]   PMU FOR PROCESSOR POWER
TPS659122 TI1-TPS659122 Datasheet
441Kb / 10P
[Old version datasheet]   PMU FOR PROCESSOR POWER
TPS659122YFFR TI1-TPS659122YFFR Datasheet
441Kb / 10P
[Old version datasheet]   PMU FOR PROCESSOR POWER
More results

Similar Description - TPS659127YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS659121 TI1-TPS659121 Datasheet
116Kb / 8P
[Old version datasheet]   PMU FOR PROCESSOR POWER
TPS659122 TI1-TPS659122 Datasheet
441Kb / 10P
[Old version datasheet]   PMU FOR PROCESSOR POWER
TPS659128 TI-TPS659128_V01 Datasheet
4Mb / 165P
[Old version datasheet]   TPS659128 PMU for Processor Power
TPS659128 TI-TPS659128 Datasheet
4Mb / 164P
[Old version datasheet]   TPS659128 PMU for Processor Power
TPS65919-Q1 TI1-TPS65919-Q1 Datasheet
1Mb / 81P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1 TI1-TPS65917-Q1_18 Datasheet
2Mb / 89P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1_1806 TI1-TPS65917-Q1_1806 Datasheet
2Mb / 89P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1 TI1-TPS65917-Q1 Datasheet
770Kb / 12P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1 TI1-TPS65917-Q1_17 Datasheet
1Mb / 87P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS659037 TI1-TPS659037_17 Datasheet
1Mb / 99P
[Old version datasheet]   Power Management Unit (PMU) for Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com