Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15GL-181-001-E Datasheet(PDF) 1 Page - Copal Electronics

Part # 15GL-181-001-E
Description  Illuminated Pushbutton Switches
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

15GL-181-001-E Datasheet(HTML) 1 Page - Copal Electronics

  15GL-181-001-E Datasheet HTML 1Page - Copal Electronics 15GL-181-001-E Datasheet HTML 2Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
15GL
Illuminated Pushbutton Switches
RoHS Compliant
■ Part Numbering
■ Type and LED SpeciÄcation
Part No.
LED Characteristics
Key Top
LED
Max. Rating
(25℃) Forward Voltage(VF
Recommended
Forward Current
Across
Terminals
Reverse Voltage
(VR) Forward Current(IF) Standard
Max
15GL-
※※※-0000-X
White
Yellow
10V
50mA
4.2V
5.2V
40mA
5
−6
15GL-
※※※-0010-X
Red
Red
4.0V
15GL-
※※※-0030-X
Green
Green
4.4V
15GL-
※※※-0080-X
White
Green
4.4V
15GL-
※※※-0160-X
White
Red
30mA
3.6V
20mA
6
−8
15GL-
※※※-0001-X
White
Green
40mA
4.4V
40mA
5
−7
■ Precautions
(a)To prevent overcurrent of LED, connect a protective
resistance (R) in series.
(b)For the values of VF, etc., refer to the table shown above.
(c)R: Protective resistance
ES: Supply voltage
VF: Forward voltage of LED
IF: Forward current of LED
■ SpeciÄcation
Rating
Non-switching : 1mA, DC20V Max.or 5mA.DC5V Max.
Break current : Same as Non-switching
Min. rating : 1mA, DC5V
Contact Resistance
200Ω Max.
Dielectric Strength
100MΩ Min.(DC100V)
Insulation Resistance
AC250Vrms 1minute
Operating Force
1.18∼1.96N
Stroke
1.6±0.3mm
Operating Temperature Range
−10℃∼+60℃
Storage Temperature Range
−25℃∼+70℃
Electrical Life
500,000 operations
Material/Finish
Clear cover,Key top:Polycarbonate
Housing,Case:GF-PBT
Contact terminals:Phosphor bronze/Gold over Nickel plating
LED terminal:Phosphor bronze/Gold over Nickel plating
15GL ー 18 0 ー 0 010 ー E
Key top / LED Color
Code
000
010
030
White
Red
Green
Color
Key Top
LED
Yellow
Red
Green
Code
080
160
001
White
White
White
Color
Key Top
LED
Green
Red
Red・Green
Key Top Style
Series Code
Code
14
18
Style
Transparent Cover
Code
0
1
With cover
Without cover
14㎜ sq.
18㎜ sq.
Pb Free
(Note 1) ※※※ designate Key
Top Style and With/Without
Transparent Cover.
"14" = 14mm sq.
"18" = 18mm sq.
"0" = With cover
"1" = Without cover
LED Characteristics
Ambient Temperature and Allowable Forward Current
Single Color LED
Dual Color LED: Red
Dual Color LED: Green
LED Reduction Rate 0.73mA/K
LED Reduction Rate 0.45mA/K
LED Reduction Rate 0.55mA/K
25
Ambient Temp (℃)
Ambient Temp (℃)
Ambient Temp (℃)
50mA
10mA
-25
80
30mA
5mA
25
-25
80
40mA
10mA
25
-25
80
R=
−V
VF
R
IF
ES


Similar Part No. - 15GL-181-001-E

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
15G25/27 SATCO-15G25/27 Datasheet
124Kb / 1P
   15 watt; G25 Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
15G25/27/GU24 SATCO-15G25/27/GU24 Datasheet
125Kb / 1P
   15 watt; G25 Compact Fluorescent; 2700K; 82 CRI; GU24 base; 120 volts
15G25/41 SATCO-15G25/41 Datasheet
124Kb / 1P
   15 watt; G25 Compact Fluorescent; 4100K; 82 CRI; Medium base; 120 volts
15G25/50 SATCO-15G25/50 Datasheet
124Kb / 1P
   15 watt; G25 Compact Fluorescent; 5000K; 82 CRI; Medium base; 120 volts
logo
List of Unclassifed Man...
15G471K ETC2-15G471K Datasheet
214Kb / 9P
   Metal Oxide Varistor
More results

Similar Description - 15GL-181-001-E

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
13AL COPAL-13AL Datasheet
441Kb / 2P
   Illuminated Pushbutton Switches
13BL COPAL-13BL Datasheet
477Kb / 2P
   Illuminated Pushbutton Switches
logo
E-SWITCH
D16 E-SWITCH-D16 Datasheet
721Kb / 7P
   PUSHBUTTON SWITCHES - ILLUMINATED
logo
List of Unclassifed Man...
TP1251 ETC2-TP1251 Datasheet
279Kb / 2P
   ILLUMINATED PUSHBUTTON SWITCHES
logo
Copal Electronics
LP-SERIES COPAL-LP-SERIES Datasheet
774Kb / 14P
   Illuminated Pushbutton Switches
15EL COPAL-15EL Datasheet
274Kb / 2P
   Illuminated Pushbutton Switches
CFPB COPAL-CFPB Datasheet
479Kb / 3P
   Illuminated Pushbutton Switches
logo
E-SWITCH
LP2 E-SWITCH-LP2 Datasheet
190Kb / 3P
   PUSHBUTTON SWITCHES - ILLUMINATED
LP15 E-SWITCH-LP15 Datasheet
174Kb / 2P
   PUSHBUTTON SWITCHES - ILLUMINATED
logo
Copal Electronics
LP_SERIES COPAL-LP_SERIES Datasheet
774Kb / 14P
   Illuminated Pushbutton Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com