Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALE2N-5M4-10-Z Datasheet(PDF) 3 Page - Copal Electronics

Part # ALE2N-5M4-10-Z
Description  Standard Lever & Rocker Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

ALE2N-5M4-10-Z Datasheet(HTML) 3 Page - Copal Electronics

  ALE2N-5M4-10-Z Datasheet HTML 1Page - Copal Electronics ALE2N-5M4-10-Z Datasheet HTML 2Page - Copal Electronics ALE2N-5M4-10-Z Datasheet HTML 3Page - Copal Electronics ALE2N-5M4-10-Z Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
■ Standard Accessories
《Supplied separately》
Lever
Rocker
Dimension
Color
Part No.
Dimensions
Color
Part No.
.SVZZÄUPZO
White
140000050624
.SVZZÄUPZO
White
140000480673
Red
140000050626
Red
140000480675
Black
140000050625
Black
140000480674
Gray
140000050630
Gray
140000480679
Green
140000050628
Green
140000480677
ABS resin
ABS resin
Blue
140000050629
Blue
140000480678
Orange
140000050632
Orange
140000480680
Yellow
140000050627
Yellow
140000480676
Brown
140000050647
Brown
140000480693
The lever and the rocker are standard accessories. Specify either of the lever or the rocker in part number.
ALE
■Lever・rocker Installation procedure
Mount the lever or the rocker after cleaning.
■PC Hole Layouts
   
(Top view)
PC Straight
1
−pole
(Compact type)
2
−poles
(Compact type)
2
−poles
(Two terminal rows)
Right angle
terminal
1
−pole
(Compact type)
2
−poles
(Compact type)
■:VSKLYPUN:WLJPÄJH[PVUZ 
⑴ Manual Soldering
Device : Soldering iron
380
℃, Max.; 3 seconds, Max.
⑵ Auto Soldering
Device : Jet wave type or dip type
275
℃, Max.; 6 seconds, Max.
● Pre-heating should be done at temperatures ranging from 80℃
to 120
℃ and within 120 seconds.
Note: Mount the accessories of knob and lever after the soldering.
■ Flux Cleaning
⑴-VY[OLZVS]LU[\ZL[OLÅ\VYPULVYHSJVOVSIHZLKZVS]LU[
Solvent: Fluorine or Alcohol type
⑵Cleaning after soldering should be done after the terminal
temperature falls to 90
℃ or below, or after leaving the
Z^P[JOMVYÄ]LTPU\[LZVYSVUNLYH[YVVT[LTWLYH[\YL
■7HJRHNPUN :WLJPÄJH[PVU
Plastic Pack
50 pcs/pack


Similar Part No. - ALE2N-5M4-10-Z

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ALE2045T2 ASB-ALE2045T2 Datasheet
461Kb / 4P
   Internally Matched LNA Module
August 2009
ALE2045T2 ASB-ALE2045T2 Datasheet
233Kb / 4P
   Internally Matched LNA Module
September 2017
ALE2045T2 ASB-ALE2045T2_13 Datasheet
571Kb / 4P
   Internally Matched LNA Module
August 2009
ALE2045T2 ASB-ALE2045T2_17 Datasheet
233Kb / 4P
   Internally Matched LNA Module
September 2017
ALE2045T3 ASB-ALE2045T3 Datasheet
463Kb / 4P
   Internally Matched LNA Module
August 2009
More results

Similar Description - ALE2N-5M4-10-Z

ManufacturerPart #DatasheetDescription
logo
C&K Components
U411J37ZGE22 CK-COMPONENTS-U411J37ZGE22 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
7201J1A3QE2 CK-COMPONENTS-7201J1A3QE2 Datasheet
1Mb / 22P
   Miniature Rocker & Lever Handle Switches
7000 CK-COMPONENTS-7000_V01 Datasheet
3Mb / 22P
   Miniature Rocker & Lever Handle Switches
2021
logo
ITT Industries
7101J1ZQE2 ITT-7101J1ZQE2 Datasheet
1Mb / 20P
   Rocker and Lever Handle Switches
logo
C&K Components
U15J51ZQE12 CK-COMPONENTS-U15J51ZQE12 Datasheet
1Mb / 22P
   Miniature Rocker & Lever Handle Switches
U11J26ZQE22 CK-COMPONENTS-U11J26ZQE22 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
7000ROCKER CK-COMPONENTS-7000ROCKER Datasheet
3Mb / 22P
   Miniature Rocker & Lever Handle Switches
15 Jan 21
logo
ITT Industries
7101MDABE0 ITT-7101MDABE0 Datasheet
1Mb / 20P
   Rocker and Lever Handle Switches
logo
Copal Electronics
FL_SERIES COPAL-FL_SERIES Datasheet
340Kb / 2P
   Hyper-miniature Lever & Rocker Switches
logo
C&K Components
7103J2ZBE2 CK-COMPONENTS-7103J2ZBE2 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com