Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ76PL455A Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455A
Description  16-Cell Industrial Integrated Battery Monitor
Download  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455A Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ76PL455A Datasheet HTML 7Page - Texas Instruments BQ76PL455A Datasheet HTML 8Page - Texas Instruments BQ76PL455A Datasheet HTML 9Page - Texas Instruments BQ76PL455A Datasheet HTML 10Page - Texas Instruments BQ76PL455A Datasheet HTML 11Page - Texas Instruments BQ76PL455A Datasheet HTML 12Page - Texas Instruments BQ76PL455A Datasheet HTML 13Page - Texas Instruments BQ76PL455A Datasheet HTML 14Page - Texas Instruments BQ76PL455A Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 125 page
background image
11
bq76PL455A
www.ti.com
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
ADC: AUXn General Purpose Inputs (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IDCL_AUX
DC Leakage Current
Channel not selected for conversion,
TESTAUXPU = 0
< ±0.1
µA
RIN_AUX
(1)
Equivalent input resistance
Channel selected In Acquisition Mode
> 3
M
CAUX
(1)
Input capacitance
Channel selected
30
pF
RAUX_PU
Internal switched pull-up resistor per
AUXn input, supplied from VP pin
TESTAUXPU[n] = 1; n = 0 to 7
18
26
46
k
(1)
Specified from characterization data, not tested in production.
(2)
Specified by design, not tested in production.
6.14 ADC: Internal Temperature Measurement and Thermal Shutdown (TSD)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TINT_AD
(1)
Internal temperature accuracy of analog
die
–7
3
13
°C
TINT_DD
(1)
Internal temperature accuracy of digital
die
–34
8
54
°C
TSDT
(2)
Thermal shutdown, junction temperature
both analog and digital dies
Increasing temperature
115
140
°C
(1)
For more functional information, see Passive Balancing .
(2)
In the event of an open wire condition, if TSTCONFIG[EQ_SQUEEZE_EN] = 1 and this causes EQVMIN to be violated, it may be
necessary to power down the device to disable the squeeze resistor.
(3)
VSENSE1 minimum voltage required for correct operation of any or all EQn outputs. If VSENSE1 falls below this value, any or all other
EQ outputs may fail to assert when requested. The opposite is not true. Outputs will not assert unintentionally when set to the OFF
state.
6.15 Passive Balancing Control Outputs
PARAMETER(1)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
EQSR_OFF
Output resistance, internally in series
with driver
EQn = 0 (OFF)
1.2
1.5
1.8
EQSR_ON
EQn = 1 (ON)
1.9
2.3
2.9
EQVMIN
(2)
Cell voltage required for balancing
1.8
V
VS1MIN
VSENSE1 minimum voltage for
balancing(3)
1.8
V
(1)
Specified by design, not tested in production.
(2)
Defaults: RX = TX = 250 kBd at communications RESET or (factory set) EEPROM setting at POR.
(3)
Discrete rates only, not continuously variable.
6.16 Digital Input/Output: VIO-Based Single-Ended I/O
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
Logic-level output-voltage high
FAULT_N, TX, GPIO
ILOAD = 5 mA
VIO – 0.7
VIO
V
VOL
Logic-level output-voltage low FAULT_N,
TX, GPIO
ILOAD = 5 mA
DGND
0.7
V
VIH
Logic-level input-voltage high RX, GPIO
VIO – 0.7
V
VIL
Logic-level input-voltage low RX, GPIO
0.7
V
CDIG_IN
Input Capacitance(1) RX, GPIO
5
pF
RPU
GPIO0..5 pull-up resistor
13
17
25
RPD
GPIO0..5 pull-down resistor
16
22
31
ILKG
Input leakage source/sink current RX,
GPIOx
< ±1
µA
RXTXBAUD
RX/TX signaling rate(2)(3)
125
1000
Kbaud
ERRBAUD_RX
Input Baud rate error(1)
–3%
3%
ERRBAUD_TX
Output Baud rate error(1)
–1.5%
1.5%
tCOMM_BREAK
Communications Clear (Break)(1)
10
15
bit periods
tCOMM_RESET
Communications Reset(1)
200
µs


Similar Part No. - BQ76PL455A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ76PL455A-Q1 TI1-BQ76PL455A-Q1 Datasheet
2Mb / 130P
[Old version datasheet]   16-Cell EV/HEV Integrated Battery Monitor and Protector
BQ76PL455ATPFCRQ1 TI1-BQ76PL455ATPFCRQ1 Datasheet
2Mb / 130P
[Old version datasheet]   16-Cell EV/HEV Integrated Battery Monitor and Protector
BQ76PL455ATPFCTQ1 TI1-BQ76PL455ATPFCTQ1 Datasheet
2Mb / 130P
[Old version datasheet]   16-Cell EV/HEV Integrated Battery Monitor and Protector
More results

Similar Description - BQ76PL455A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ76PL455A-Q1 TI1-BQ76PL455A-Q1 Datasheet
2Mb / 130P
[Old version datasheet]   16-Cell EV/HEV Integrated Battery Monitor and Protector
logo
ams AG
AS8506C AMSCO-AS8506C Datasheet
996Kb / 94P
   Battery Cell Monitor and Balancer IC
AS8506 AMSCO-AS8506 Datasheet
921Kb / 89P
   Battery Cell Monitor and Balancer IC
logo
Texas Instruments
BQ76920 TI1-BQ76920 Datasheet
1Mb / 63P
[Old version datasheet]   15-Series Cell Battery Monitor Family
logo
uPI Group Inc.
UG3105 UPI-UG3105 Datasheet
393Kb / 25P
   1-Cell Battery Monitor Gas Gauge IC
logo
Texas Instruments
BQ79616 TI-BQ79616 Datasheet
4Mb / 216P
[Old version datasheet]   BQ79616 16-Series Battery Monitor, Balancer, and Integrated Hardware Protector
JUNE 2023
logo
Analog Devices
ADBMS6830 AD-ADBMS6830 Datasheet
157Kb / 2P
   16-Channel Multicell Battery Monitor
logo
Renesas Technology Corp
RAA489206 RENESAS-RAA489206 Datasheet
1Mb / 136P
   16-Cell Battery Front End
Jul 5, 2022
ISL94216A RENESAS-ISL94216A Datasheet
2Mb / 147P
   16-Cell Battery Front End
Feb 3, 2022
logo
Analog Devices
ADBMS1818 AD-ADBMS1818 Datasheet
5Mb / 89P
   18-Cell Battery Monitor with Daisy Chain Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com