Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ34110 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ34110
Description  Multi-Chemistry CEDV Battery Gas Gauge
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ34110 Datasheet(HTML) 1 Page - Texas Instruments

  BQ34110 Datasheet HTML 1Page - Texas Instruments BQ34110 Datasheet HTML 2Page - Texas Instruments BQ34110 Datasheet HTML 3Page - Texas Instruments BQ34110 Datasheet HTML 4Page - Texas Instruments BQ34110 Datasheet HTML 5Page - Texas Instruments BQ34110 Datasheet HTML 6Page - Texas Instruments BQ34110 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Divider Network
VSS
R
TS
10k NTC
REG25
SRN
SRP
SDA
SCL
ALERT1
ALERT2
PACK+
PACK–
Learning
Load
LEN
VEN
BAT
CHIP ENABLE
CE
Copyright © 2016, Texas Instruments Incorporated
SENSE
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCT PREVIEW Information. Product in design phase of
development. Subject to change or discontinuance without notice.
bq34110
SLUSCI1A – AUGUST 2016 – REVISED SEPTEMBER 2016
bq34110 Multi-Chemistry CEDV Battery Gas Gauge for Rarely Discharged Applications
1
1 Features
1
Accurate End-Of-Service (EOS) Determination for
Batteries in Rarely Discharged Applications
Compensated End-of-Discharge Voltage (CEDV)
Gas Gauge for Single- and Multi-Cell Batteries,
Providing
State-Of-Charge (SOC)
Time-To-Empty (TTE)
State-Of-Health (SOH)
Watt-Hour–Based Charge Termination
Supports Voltages up to 65 V, Capacities up to
32 Ah, and Currents up to 32 A—with Options to
Extend Beyond These Levels Using Scaling
Supports Li-Ion, LiFePO4, Lead-Acid (PbA),
NiMH, and NiCd Chemistries
Dual Configurable Host Interrupt or GPO
Lifetime Data Logging Options
Precision Coulomb Counter, Voltage, and
Temperature Measurement
Power Enable Control
I2C™ Communication with Host
Accumulated Charge Coulomb Counting with
Configurable Interrupt
SHA-1 Authentication
2 Applications
UPS Backup Systems
Telematics Backup Systems
Emergency Battery Power Modules
Energy Storage Systems
Asset Tracking
Building Security Systems
Video Surveillance
Electronic Smart Locks
Remote and Emergency Lighting
Server Power Systems
Robotics
Toys
3 Description
The bq34110 CEDV Battery Gas Gauge provides
CEDV
gas
gauging
and
End-Of-Service
(EOS)
Determination for single- and multi-cell batteries. The
device
includes
enhanced
features
to
support
applications where the battery is kept fully charged
and is rarely discharged, such as found in a wide
variety of backup systems. The bq34110 gas gauge
supports multiple battery chemistries, including Li-Ion
and LiFePO4, lead acid (PbA), Nickel Metal Hydride
(NiMH), and Nickel Cadmium (NiCd).
The gas gauging function uses voltage, current, and
temperature
data
with
Compensated
End-of-
Discharge Voltage (CEDV) technology to provide
State-Of-Charge (SOC) and State-Of-Health (SOH)
data. The gas gauge also incorporates an End-Of-
Service (EOS) Determination function that alerts
when
battery
capability
has
degraded
and
is
approaching the conclusion of its usable service.
The data available from the gauge can be read by the
host through a 400-kHz I2C bus. Two ALERT outputs
are also available to interrupt the host or can be used
for other functions, based on a variety of configurable
options.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
bq34110
TSSOP (14)
5.00 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - BQ34110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ34210-Q1 TI1-BQ34210-Q1 Datasheet
363Kb / 19P
[Old version datasheet]   Automotive 1-Series Cell System-Side CEDV Fuel Gauge for Rarely Discharged Batteries
BQ34210IPWQ1 TI1-BQ34210IPWQ1 Datasheet
363Kb / 19P
[Old version datasheet]   Automotive 1-Series Cell System-Side CEDV Fuel Gauge for Rarely Discharged Batteries
BQ34210IPWRQ1 TI1-BQ34210IPWRQ1 Datasheet
363Kb / 19P
[Old version datasheet]   Automotive 1-Series Cell System-Side CEDV Fuel Gauge for Rarely Discharged Batteries
BQ34Z100 TI-BQ34Z100 Datasheet
880Kb / 50P
[Old version datasheet]   Wide Range Fuel Gauge with Impedance Track??Technology
BQ34Z100-G1 TI1-BQ34Z100-G1 Datasheet
1Mb / 65P
[Old version datasheet]   Wide Range Fuel Gauge
More results

Similar Description - BQ34110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ3055 TI1-BQ3055_15 Datasheet
1Mb / 38P
[Old version datasheet]   CEDV Gas Gauge and Battery Pack Manager
BQ4050 TI1-BQ4050 Datasheet
3Mb / 53P
[Old version datasheet]   CEDV Gas Gauge and Protection Solution
logo
Shanghai Consonance Ele...
CN3795 CONSONANCE-CN3795 Datasheet
212Kb / 11P
   Multi-Chemistry Battery Charger
CN3765 CONSONANCE-CN3765 Datasheet
210Kb / 10P
   Multi-Chemistry Battery Charger
CN3705 CONSONANCE-CN3705 Datasheet
242Kb / 12P
   Multi-Chemistry Battery Charger
logo
Texas Instruments
BQ3060 TI-BQ3060 Datasheet
218Kb / 17P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE and PROTECTION with CEDV
BQ24745 TI1-BQ24745_14 Datasheet
1Mb / 39P
[Old version datasheet]   SMBus-Controlled Multi-Chemistry Battery
logo
Linear Technology
LTC4150 LINER-LTC4150_1 Datasheet
172Kb / 14P
   Coulomb Counter/ Battery Gas Gauge
LTC4150 LINER-LTC4150 Datasheet
136Kb / 12P
   Coulomb Counter/ Battery Gas Gauge
LTC4150 LINER-LTC4150_15 Datasheet
177Kb / 14P
   Coulomb Counter/ Battery Gas Gauge
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com