Electronic Components Datasheet Search |
|
UCD3138ARJAT Datasheet(PDF) 9 Page - Texas Instruments |
|
|
UCD3138ARJAT Datasheet(HTML) 9 Page - Texas Instruments |
9 / 87 page 9 UCD3138A www.ti.com SLUSC66C – MARCH 2015 – REVISED SEPTEMBER 2016 Submit Documentation Feedback Product Folder Links: UCD3138A Pin Configuration and Functions Copyright © 2015–2016, Texas Instruments Incorporated Table 4-1. UCD3138A RGC Pin Functions (continued) PIN NO. NAME PRIMARY ASSIGNMENT ALTERNATE ASSIGNMENT CONFIGURABLE AS A GPIO? NO. 1 NO. 2 NO. 3 NO. 4 18 DPWM0B DPWM 0B output Yes 19 DPWM1A DPWM 1A output Yes 20 DPWM1B DPWM 1B output Yes 21 DPWM2A DPWM 2A output Yes 22 DPWM2B DPWM 2B output Yes 23 DPWM3A DPWM 3A output Yes 24 DPWM3B DPWM 3B output Yes 25 DGND Digital ground 26 SYNC DPWM Synchronize pin TCAP ADC_EXT_TRIG PWM0 DTC1 Yes 27 PMBUS_ALERT PMBus Alert (Open Drain) Yes 28 PMBUS_CTRL PMBus Control (Open Drain) Yes 29 SCI_TX1 SCI TX 1 PMBUS_ALERT Yes 30 SCI_RX1 SCI RX 1 PMBUS_CTRL Yes 31 PWM0 General purpose PWM 0 Yes 32 PWM1 General purpose PWM 1 Yes 33 DGND Digital ground 34 INT_EXT External Interrupt Yes 35 FAULT0 External fault input 0 Yes 36 FAULT1 External fault input 1 Yes 37 TCK JTAG TCK TCAP SYNC PWM0 DTC0 Yes 38 TDO JTAG TDO SCI_TX0 PMBUS_ALERT FAULT0 DTC1 Yes 39 TDI JTAG TDI SCI_RX0 PMBUS_CTRL FAULT1 DTC0 Yes 40 TMS JTAG TMS Yes 41 TCAP Timer capture input Yes 42 FAULT2 External fault input 2 Yes 43 FAULT3 External fault input 3 Yes 44 DGND Digital ground 45 V33DIO Digital I/O 3.3V core supply 46 BP18 1.8V Bypass 47 V33D Digital 3.3V core supply 48 AGND Substrate analog ground 49 AGND Analog ground 50 EAP0 Channel 0, differential analog voltage, positive input 51 EAN0 Channel 0, differential analog voltage, negative input 52 EAP1 Channel 1, differential analog voltage, positive input 53 EAN1 Channel 1, differential analog voltage, negative input 54 EAP2 Channel 2, differential analog voltage, positive input (Recommended for peak currrent mode control) 55 EAN2 Channel #2, differential analog voltage, negative input 56 AGND Analog ground 57 V33A Analog 3.3-V supply 58 AD00 12-bit ADC, Ch 0, Connected to current source 59 AD01 12-bit ADC, Ch 1, Connected to current source 60 AD02 12-bit ADC, Ch 2, Connected to comparator A, I-share 61 AD05 12-bit ADC, Ch 5 62 AD08 12-bit ADC, Ch 8 63 AD09 12-bit ADC, Ch 9 64 AD11 12-bit ADC, Ch 11 |
Similar Part No. - UCD3138ARJAT |
|
Similar Description - UCD3138ARJAT |