Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5424C-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5424C-Q1
Description  75-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5424C-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TAS5424C-Q1 Datasheet HTML 7Page - Texas Instruments TAS5424C-Q1 Datasheet HTML 8Page - Texas Instruments TAS5424C-Q1 Datasheet HTML 9Page - Texas Instruments TAS5424C-Q1 Datasheet HTML 10Page - Texas Instruments TAS5424C-Q1 Datasheet HTML 11Page - Texas Instruments TAS5424C-Q1 Datasheet HTML 12Page - Texas Instruments TAS5424C-Q1 Datasheet HTML 13Page - Texas Instruments TAS5424C-Q1 Datasheet HTML 14Page - Texas Instruments TAS5424C-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 63 page
background image
Frequency (Hz)
0.001
0.01
0.1
1
10
100
1k
10k
20
20k
D006
2 : Load
4 : Load
Frequency (Hz)
0.001
0.01
0.1
1
10
100
1k
10k
20
20k
D007
2 : Load
4 : Load
Frequency
-120
-100
-80
-60
-40
-20
0
100
1k
10k
20
20k
D024
PVDD = 14.4 V
PVDD = 24 V
Frequency (Hz)
0.001
0.01
0.1
1
10
100
1k
10k
20
20k
D005
2 : Load
4 : Load
Frequency (Hz)
-120
-100
-80
-60
-40
-20
0
100
1k
10k
20
20k
D002
Ch 1 to Ch 2
Ch 2 to Ch 1
Frequency
-100
-80
-60
-40
-20
0
100
1k
10k
20
20k
D022
PVDD = 14.4 V
PVDD = 24 V
11
TAS6424-Q1
www.ti.com
SLOS870A – SEPTEMBER 2016 – REVISED OCTOBER 2016
Product Folder Links: TAS6424-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.7 Typical Characteristics
TA = 25 ºC, VVDD = 3.3 V, VBAT = PVDD = 14.4 V, RL = 4 Ω, fIN = 1 kHz, fs = 48 kHz, fSW = 2.11 MHz, AES17 filter, default I
2C
settings, see Figure 79 and Figure 82 (unless otherwise noted)
PO = 1 W
Figure 1. Crosstalk vs Frequency
PO = 1 W
Figure 2. PVDD PSRR vs Frequency
PO = 1 W
Figure 3. VBAT PSRR vs Frequency
PO = 1 W
384-kHz fSW
Figure 4. THD+N vs Frequency
PO = 1 W
2.11-MHz fSW
Figure 5. THD+N vs Frequency
PO = 1 W
24 V
384-kHz fSW
Figure 6. THD+N vs Frequency


Similar Part No. - TAS5424C-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5424C-Q1 TI-TAS5424C-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5424C-Q1 TI1-TAS5424C-Q1 Datasheet
2Mb / 68P
[Old version datasheet]   2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
TAS5424C-Q1 TI-TAS5424C-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   TAS54x4C-Q1 Four-Channel Automotive Digital Amplifiers
More results

Similar Description - TAS5424C-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS6422-Q1 TI1-TAS6422-Q1 Datasheet
2Mb / 64P
[Old version datasheet]   75-W, 2-MHz Digital Input 2-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
TAS6421-Q1 TI1-TAS6421-Q1 Datasheet
570Kb / 5P
[Old version datasheet]   75-W, 2-MHz Digital Input 1-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6424-Q1 TI1-TAS6424-Q1_16 Datasheet
2Mb / 68P
[Old version datasheet]   2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
TAS6424R-Q1 TI1-TAS6424R-Q1 Datasheet
2Mb / 86P
[Old version datasheet]   TAS6424R-Q1 75-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
REVISED SEPTEMBER 2023
TAS6424L-Q1 TI1-TAS6424L-Q1 Datasheet
2Mb / 65P
[Old version datasheet]   27-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
TAS6424M-Q1 TI1-TAS6424M-Q1 Datasheet
2Mb / 67P
[Old version datasheet]   45-W, 2-MHz digital input 4-channel automotive class-D audio amplifier with load dump protection and I2C diagnostics
TPA6404-Q1 TI1-TPA6404-Q1 Datasheet
778Kb / 9P
[Old version datasheet]   50-W, 2-MHz Analog Input -Channel Automotive Class-D Audio Amplifier With Load Dump Protection and I2C Diagnostics
TPA6404-Q1 TI1-TPA6404-Q1_18 Datasheet
1Mb / 12P
[Old version datasheet]   45-W, 2-MHz Analog Input -Channel Automotive Class-D Audio Amplifier With Load Dump Protection and I2C Diagnostics
TAS6424E-Q1 TI-TAS6424E-Q1 Datasheet
2Mb / 77P
[Old version datasheet]   TAS6424E-Q1 45-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6424E-Q1 TI-TAS6424E-Q1_V01 Datasheet
3Mb / 80P
[Old version datasheet]   TAS6424E-Q1 45-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com