Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK5Q4U340J-E Datasheet(PDF) 7 Page - ON Semiconductor

Part # STK5Q4U340J-E
Description  Intelligent Power Module (IPM)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK5Q4U340J-E Datasheet(HTML) 7 Page - ON Semiconductor

Back Button STK5Q4U340J-E Datasheet HTML 3Page - ON Semiconductor STK5Q4U340J-E Datasheet HTML 4Page - ON Semiconductor STK5Q4U340J-E Datasheet HTML 5Page - ON Semiconductor STK5Q4U340J-E Datasheet HTML 6Page - ON Semiconductor STK5Q4U340J-E Datasheet HTML 7Page - ON Semiconductor STK5Q4U340J-E Datasheet HTML 8Page - ON Semiconductor STK5Q4U340J-E Datasheet HTML 9Page - ON Semiconductor STK5Q4U340J-E Datasheet HTML 10Page - ON Semiconductor STK5Q4U340J-E Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
STK5Q4U340J-E
www.onsemi.com
7
TYPICAL CHARACTERISTICS
Figure 4. VCE versus ID for different temperatures
(VDD = 15 V)
Figure 5. VF versus ID for different temperatures
Figure 6. EON versus ID for different temperatures
Figure 8. Thermal impedance plot
Figure 7. EOFF versus ID for different temperatures
0.0
0.2
0.4
0.6
0.8
1.0
0.000001
0.0001
0.01
1
100
ON-PULSE WIDTH [s]
0
100
200
300
400
500
600
700
02
468
10
Ic [A]
0
10
20
30
40
50
60
70
02
468
10
Ic [A]
0
2
4
6
8
10
0123
VCE [V]
0
2
4
6
8
10
0123
VF [V]
TJ = 25C
TJ = 100C
TJ = 25C
TJ = 100C
TJ = 25C
TJ = 100C
TJ = 25C
TJ = 100C
Figure 9. Turn-on waveform Tj = 100
C, VCC = 400 V
Figure 10. Turn-off waveform Tj = 100
C, VCC = 400 V
Io:2A/div
X:100ns/div
Vce: 100V/div
Io:2A/div
X:100ns/div
Vce: 100V/div


Similar Part No. - STK5Q4U340J-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK5Q4U352J ONSEMI-STK5Q4U352J Datasheet
646Kb / 15P
   Intelligent Power Module (IPM) 600 V, 8 A
October 2016 - Rev. P3
STK5Q4U352J-E ONSEMI-STK5Q4U352J-E Datasheet
683Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
STK5Q4U352J-E ONSEMI-STK5Q4U352J-E Datasheet
646Kb / 15P
   Intelligent Power Module (IPM) 600 V, 8 A
October 2016 - Rev. P3
STK5Q4U362J-E ONSEMI-STK5Q4U362J-E Datasheet
684Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
More results

Similar Description - STK5Q4U340J-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK5Q4U362J-E ONSEMI-STK5Q4U362J-E Datasheet
684Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
STK5U4UCC0D-E ONSEMI-STK5U4UCC0D-E Datasheet
591Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK5U4UFB0D-E ONSEMI-STK5U4UFB0D-E Datasheet
599Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK534U342C-E ONSEMI-STK534U342C-E Datasheet
390Kb / 15P
   Intelligent Power Module (IPM)
September 2016 - Rev. 1
logo
Toshiba Semiconductor
TLP104 TOSHIBA-TLP104 Datasheet
592Kb / 13P
   IPM (Intelligent Power Module)
logo
ON Semiconductor
STK554U392C-E ONSEMI-STK554U392C-E Datasheet
454Kb / 14P
   Intelligent Power Module (IPM)
June, 2019 - Rev. 1
STK5C4U332J-E ONSEMI-STK5C4U332J-E Datasheet
729Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P4
STK5Q4U352J-E ONSEMI-STK5Q4U352J-E Datasheet
683Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
STK5U4UCE0D-E ONSEMI-STK5U4UCE0D-E Datasheet
587Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK5U4UCG0D-E ONSEMI-STK5U4UCG0D-E Datasheet
587Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com