Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK5U4UCE0D-E Datasheet(PDF) 11 Page - ON Semiconductor

Part # STK5U4UCE0D-E
Description  Intelligent Power Module (IPM)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK5U4UCE0D-E Datasheet(HTML) 11 Page - ON Semiconductor

Back Button STK5U4UCE0D-E Datasheet HTML 6Page - ON Semiconductor STK5U4UCE0D-E Datasheet HTML 7Page - ON Semiconductor STK5U4UCE0D-E Datasheet HTML 8Page - ON Semiconductor STK5U4UCE0D-E Datasheet HTML 9Page - ON Semiconductor STK5U4UCE0D-E Datasheet HTML 10Page - ON Semiconductor STK5U4UCE0D-E Datasheet HTML 11Page - ON Semiconductor STK5U4UCE0D-E Datasheet HTML 12Page - ON Semiconductor STK5U4UCE0D-E Datasheet HTML 13Page - ON Semiconductor STK5U4UCE0D-E Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
STK5U4UCE0D-E
www.onsemi.com
11
TYPICAL CHARACTERISTICS
Figure 8. IC versus VCE for different VD
Figure 9. IC versus VCE for different VD
Figure 10. IF versus VF for different temperatures
Figure 11. IGBT thermal impedance plot
Figure 12. ton versus IC for different temperatures
Figure 13. toff versus IC for different temperatures
Figure 14. Eon versus IC for different temperatures
Figure 15. Eoff versus IC for different temperatures
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
102030405060
IC, COLLECTOR CURRENT (A)
VCC = 300V
VD = 15V
TJ = 25°C
TJ = 100°C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
102030405060
IC, COLLECTOR CURRENT (A)
VCC = 300V
VD = 15V
TJ = 25°C
TJ = 100°C
0
200
400
600
800
1000
1200
0
10203040
50
60
IC, COLLECTOR CURRENT (A)
VCC = 300V
VD = 15V
TJ = 25°C
TJ = 100°C
0
50
100
150
200
250
300
350
400
0
10
2030405060
IC, COLLECTOR CURRENT (A)
VCC = 300V
VD = 15V
TJ = 25°C
TJ = 100°C
0
20
40
60
80
100
120
00.5
11.5
22.5
3
VF, FORWARD VOLTAGE (V)
TJ = 25°C
TJ = 100°C
0
20
40
60
80
100
120
0
0.5
1
1.5
2
2.5
3
VCE, COLLECTOR-EMITTER VOLTAGE (V)
TJ = 100°C
VD = 13V
VD = 15V
VD = 17V
0
20
40
60
80
100
120
0
0.5
1
1.5
2
2.5
3
VCE, COLLECTOR-EMITTER VOLTAGE (V)
TJ = 25°C
VD = 13V
VD = 15V
VD = 17V
0.001
0.01
0.1
1
0.00001
0.001
0.1
10
1000
ON-PULSE WIDTH (s)


Similar Part No. - STK5U4UCE0D-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK5U4UCC0D-E ONSEMI-STK5U4UCC0D-E Datasheet
591Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK5U4UCG0D-E ONSEMI-STK5U4UCG0D-E Datasheet
587Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
More results

Similar Description - STK5U4UCE0D-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK5Q4U362J-E ONSEMI-STK5Q4U362J-E Datasheet
684Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
STK5U4UCC0D-E ONSEMI-STK5U4UCC0D-E Datasheet
591Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK5U4UFB0D-E ONSEMI-STK5U4UFB0D-E Datasheet
599Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK534U342C-E ONSEMI-STK534U342C-E Datasheet
390Kb / 15P
   Intelligent Power Module (IPM)
September 2016 - Rev. 1
STK5Q4U340J-E ONSEMI-STK5Q4U340J-E Datasheet
683Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
logo
Toshiba Semiconductor
TLP104 TOSHIBA-TLP104 Datasheet
592Kb / 13P
   IPM (Intelligent Power Module)
logo
ON Semiconductor
STK554U392C-E ONSEMI-STK554U392C-E Datasheet
454Kb / 14P
   Intelligent Power Module (IPM)
June, 2019 - Rev. 1
STK5C4U332J-E ONSEMI-STK5C4U332J-E Datasheet
729Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P4
STK5Q4U352J-E ONSEMI-STK5Q4U352J-E Datasheet
683Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
STK5U4UCG0D-E ONSEMI-STK5U4UCG0D-E Datasheet
587Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com