Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK534U342C-E Datasheet(PDF) 3 Page - ON Semiconductor

Part # STK534U342C-E
Description  Intelligent Power Module (IPM)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK534U342C-E Datasheet(HTML) 3 Page - ON Semiconductor

  STK534U342C-E Datasheet HTML 1Page - ON Semiconductor STK534U342C-E Datasheet HTML 2Page - ON Semiconductor STK534U342C-E Datasheet HTML 3Page - ON Semiconductor STK534U342C-E Datasheet HTML 4Page - ON Semiconductor STK534U342C-E Datasheet HTML 5Page - ON Semiconductor STK534U342C-E Datasheet HTML 6Page - ON Semiconductor STK534U342C-E Datasheet HTML 7Page - ON Semiconductor STK534U342C-E Datasheet HTML 8Page - ON Semiconductor STK534U342C-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
STK534U342C-E
www.onsemi.com
3
Electrical Characteristics at Tc = 25C, VD1, VD2, VD3, VD4 = 15 V, VCC = 300 V, L = 3.9 mH
Parameter
Symbol
Conditions
Test
circuit
MIN
TYP
MAX
Unit
Switching Character
Switching time
t ON
Io = 5 A
Fig.5
0.3
0.5
1.2
μs
t OFF
-
1.5
2.0
Turn-on switching loss
Eon
Io = 3 A
Fig.5
-
170
-
μJ
Turn-off switching loss
Eoff
-
60
-
μJ
Total switching loss
Etot
-
230
-
μJ
Turn-on switching loss
Eon
Io = 3 A, Tc = 100
C
Fig.5
-
190
-
μJ
Turn-off switching loss
Eoff
-
80
-
μJ
Total switching loss
Etot
-
270
-
μJ
Diode reverse recovery energy
Erec
IF = 3 A, P = 400 V, L = 0.5 mH,
Tc = 100
C
-
-
14
-
μJ
Diode reverse recovery time
Trr
-
-
57
-
ns
Reverse bias safe operating area
RBSOA
Io = 10 A, VCE = 450 V
-
Full square-
Short circuit safe operating area
SCSOA
VCE = 400 V, Tc = 100C
-
4
-
-
μs
Allowable offset voltage slew rate
dv/dt
Between U,V,W to
U-,V-,W-
-
50
-
50
V/ns
Reference voltage is “VSS” terminal voltage unless otherwise specified.
Notes
1. When the internal protection circuit operates, a Fault signal is turned ON (When the Fault terminal is low level, Fault signal
is ON state : output form is open DRAIN) but the Fault signal does not latch.After protection operation ends,it returns
automatically within about typ. 2ms and resumes operation beginning condition. So, after Fault signal detection, set all
input signals to OFF (Low) at once. However, the operation of pre-drive power supply low voltage protection (UVLO:with
hysteresis about 0.2 V) is as follows.
Upper side:
The gate is turned off and will return to regular operation when recovering to the normal voltage, but the latch will continue
till the input signal will turn ‘low’.
Lower side:
The gate is turned off and will automatically reset when recovering to normal voltage. It does not depend on input signal
voltage.
2. When assembling the IPM on the heat sink with M3 type screw, tightening torque range is 0.6 Nm to 0.9 Nm.
3. When use the over-current protection with external resistor, please set resistance value so that current protection value
becomes equal to or less than the double (2 times) of the rating output electric current (Io).
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be
indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - STK534U342C-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK534U362C-E ONSEMI-STK534U362C-E Datasheet
387Kb / 15P
   Intelligent Power Module (IPM)
September 2016 - Rev. 1
More results

Similar Description - STK534U342C-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK5Q4U362J-E ONSEMI-STK5Q4U362J-E Datasheet
684Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
STK5U4UCC0D-E ONSEMI-STK5U4UCC0D-E Datasheet
591Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK5U4UFB0D-E ONSEMI-STK5U4UFB0D-E Datasheet
599Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK5Q4U340J-E ONSEMI-STK5Q4U340J-E Datasheet
683Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
logo
Toshiba Semiconductor
TLP104 TOSHIBA-TLP104 Datasheet
592Kb / 13P
   IPM (Intelligent Power Module)
logo
ON Semiconductor
STK554U392C-E ONSEMI-STK554U392C-E Datasheet
454Kb / 14P
   Intelligent Power Module (IPM)
June, 2019 - Rev. 1
STK5C4U332J-E ONSEMI-STK5C4U332J-E Datasheet
729Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P4
STK5Q4U352J-E ONSEMI-STK5Q4U352J-E Datasheet
683Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
STK5U4UCE0D-E ONSEMI-STK5U4UCE0D-E Datasheet
587Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK5U4UCG0D-E ONSEMI-STK5U4UCG0D-E Datasheet
587Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com