Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73HD318 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS73HD318
Description  DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS73HD318 Datasheet(HTML) 3 Page - Texas Instruments

  TPS73HD318 Datasheet HTML 1Page - Texas Instruments TPS73HD318 Datasheet HTML 2Page - Texas Instruments TPS73HD318 Datasheet HTML 3Page - Texas Instruments TPS73HD318 Datasheet HTML 4Page - Texas Instruments TPS73HD318 Datasheet HTML 5Page - Texas Instruments TPS73HD318 Datasheet HTML 6Page - Texas Instruments TPS73HD318 Datasheet HTML 7Page - Texas Instruments TPS73HD318 Datasheet HTML 8Page - Texas Instruments TPS73HD318 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
TPS73HD301, TPS73HD318, TPS73HD325
DUALOUTPUT LOW DROPOUT VOLTAGE REGULATORS
SLVS167C − SEPTEMBER 1998 − REVISED − MAY 1999
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Input voltage range, VI (xIN, xRESET, xSENSE, xEN)
−0.3 V to 11 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential input voltage,VID (1GND to 2GND)
2 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current, IO (1OUT, 2OUT)
2 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Tables
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
−40
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature soldering 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltages are with respect to GND.
DISSIPATION RATING TABLE 1 − FREE-AIR TEMPERATURES‡
PACKAGE
AIR FLOW
(CFM)
TA < 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
PWP‡
0
2.9 W
23.5 mW/
°C
1.9 W
1.5 W
PWP‡
300
4.3 W
34.6 mW/
°C
2.8 W
2.2 W
PWP§
0
3 W
23.8 mW/
°C
1.9 W
1.5 W
PWP§
300
7.2 W
57.9 mW/
°C
4.6 W
3.8 W
‡ This parameter is measured with the recommended copper heat sink pattern on a 1-layer PCB, 5-in × 5-in PCB, 1 oz. copper,
2-in
× 2-in coverage (4 in2).
§ This parameter is measured with the recommended copper heat sink pattern on a 8-layer PCB, 1.5-in × 2-in PCB, 1 oz. copper
with layers 1, 2, 4, 5, 7, and 8 at 5% coverage (0.9 in2) and layers 3 and 6 at 100% coverage (6 in2).
recommended operating conditions
MIN
MAX
UNIT
Input voltage, VI†
Adjustable output (regulator #1)
2.97
10
V
Input voltage, VI†
3.3−V output (regulator #2)
3.97
10
V
High-level input voltage at EN, VIH
2
V
Low-level input voltage at EN, VIL
0.5
V
Total output current range (per regulator), IO
0
750
mA
Operating virtual junction temperature range, TJ
−40
125
°C
† Minimum input voltage defined in the recommended operating conditions is the maximum specified output voltage plus dropout voltage, VDO,
at the maximum specified load range (750 mA). Since dropout voltage is a function of output current, the usable range can be extended for lighter
loads. To calculate the minimum input voltage for the maximum load current used in a given application, use the following equation:
V
I(min) +
V
O(max) )
V
DO(max load)
Because regulator 1 of the TPS373HD301 is programmable, rDS(on) should be used to calculate VDO before applying the above equation. The
equation for calculating VDO from rDS(on) is given in Note 3 in the TPS73HD301 electrical characteristics table. The minimum value of 3.5 V is
the absolute lower limit for the recommended input voltage range for the TPS73HD301. With 2.97-V input voltage, the LDO may be in dropout
and will not meet the 3% regulaotr output or 750-mA load current specification.


Similar Part No. - TPS73HD318

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73HD318 TI-TPS73HD318 Datasheet
406Kb / 28P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS73HD318PWP TI-TPS73HD318PWP Datasheet
406Kb / 28P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS73HD318PWPR TI-TPS73HD318PWPR Datasheet
406Kb / 28P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS73HD318

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73HD301 TI-TPS73HD301_15 Datasheet
985Kb / 36P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D3XX TI1-TPS767D3XX Datasheet
1Mb / 22P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301-Q1 TI1-TPS767D301-Q1_17 Datasheet
950Kb / 26P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS73HD301 TI-TPS73HD301 Datasheet
406Kb / 28P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301 TI1-TPS767D301 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301 TI-TPS767D301 Datasheet
285Kb / 19P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301-Q1 TI-TPS767D301-Q1 Datasheet
370Kb / 21P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLATAGE REGULATORS
logo
Fairchild Semiconductor
KA278RA05C FAIRCHILD-KA278RA05C Datasheet
208Kb / 20P
   2A Output Low Dropout Voltage Regulators
KA278RXXC FAIRCHILD-KA278RXXC Datasheet
209Kb / 20P
   2A Output Low Dropout Voltage Regulators
KA78RXXC FAIRCHILD-KA78RXXC Datasheet
196Kb / 20P
   1A Output Low Dropout Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com