Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS714XX Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS714XX
Description  80mA, 10V, 3.2關A Quiescent Current LOW-DROPOUT LINEAR REGULATOR in SC70 or SON 2x2
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS714XX Datasheet(HTML) 4 Page - Texas Instruments

  TPS714XX Datasheet HTML 1Page - Texas Instruments TPS714XX Datasheet HTML 2Page - Texas Instruments TPS714XX Datasheet HTML 3Page - Texas Instruments TPS714XX Datasheet HTML 4Page - Texas Instruments TPS714XX Datasheet HTML 5Page - Texas Instruments TPS714XX Datasheet HTML 6Page - Texas Instruments TPS714XX Datasheet HTML 7Page - Texas Instruments TPS714XX Datasheet HTML 8Page - Texas Instruments TPS714XX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
GND
V
=1.205V
REF
FB
R1
R2
Bandgap
Reference
V
IN
V
OUT
I
LIM
Current
Sense
GND
V
REF =1.205V
R1
R2
840kW
Bandgap
Reference
V
IN
V
OUT
I
LIM
Current
Sense
TPS714xx
SBVS116C
– DECEMBER 2008 – REVISED MARCH 2011
www.ti.com
FUNCTIONAL BLOCK DIAGRAMS
Figure 1. Adjustable Voltage Version
Figure 2. Fixed Voltage Version
4
Submit Documentation Feedback
Copyright
© 2008–2011, Texas Instruments Incorporated


Similar Part No. - TPS714XX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS714 TI1-TPS714 Datasheet
3Mb / 38P
[Old version datasheet]   TPS714 80-mA, 10-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED NOVEMBER 2023
TPS71401 TI-TPS71401 Datasheet
688Kb / 16P
[Old version datasheet]   80mA, 10V, 3.2mA Quiescent Current LOW-DROPOUT LINEAR REGULATOR in SC70 or SON 2x2
TPS71401DCKR TI1-TPS71401DCKR Datasheet
752Kb / 19P
[Old version datasheet]   80mA, 10V, 3.2muA Quiescent Current LOW-DROPOUT LINEAR REGULATOR
TPS71401DCKR TI1-TPS71401DCKR Datasheet
3Mb / 38P
[Old version datasheet]   TPS714 80-mA, 10-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED NOVEMBER 2023
TPS71401DCKT TI1-TPS71401DCKT Datasheet
752Kb / 19P
[Old version datasheet]   80mA, 10V, 3.2muA Quiescent Current LOW-DROPOUT LINEAR REGULATOR
More results

Similar Description - TPS714XX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71401 TI-TPS71401 Datasheet
688Kb / 16P
[Old version datasheet]   80mA, 10V, 3.2mA Quiescent Current LOW-DROPOUT LINEAR REGULATOR in SC70 or SON 2x2
TPS71433DCKR TI1-TPS71433DCKR Datasheet
752Kb / 19P
[Old version datasheet]   80mA, 10V, 3.2muA Quiescent Current LOW-DROPOUT LINEAR REGULATOR
logo
National Semiconductor ...
LMS5213 NSC-LMS5213 Datasheet
271Kb / 10P
   80mA, uCap, Low Dropout Voltage Regulator in SC70
logo
Texas Instruments
TPS715 TI-TPS715_15 Datasheet
921Kb / 21P
[Old version datasheet]   TPS715 50-mA, 24-V, 3.2-關A Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS71501-Q1 TI-TPS71501-Q1_15 Datasheet
811Kb / 16P
[Old version datasheet]   50-mA, 24-V, 3.2-關A Supply Current Low-Dropout Linear Regulators in SC70 Package
TPS71530-Q1 TI-TPS71530-Q1_15 Datasheet
811Kb / 16P
[Old version datasheet]   50-mA, 24-V, 3.2-關A Supply Current Low-Dropout Linear Regulators in SC70 Package
logo
Shenzhen Huazhimei Semi...
HM53XXB HMSEMI-HM53XXB Datasheet
2Mb / 15P
   35V, 1.6關A ultra-low quiescent current, 200mA, low dropout linear regulator
HM53XXAB HMSEMI-HM53XXAB Datasheet
2Mb / 15P
   35V, 1.6關A ultra-low quiescent current, 200mA, low dropout linear regulator
logo
Texas Instruments
TPS715XX TI-TPS715XX Datasheet
373Kb / 14P
[Old version datasheet]   50 mA, 24 V, 3.2 mA Supply Current Low-Dropout Linear Regulator in SC70 Package
logo
Micrel Semiconductor
MIC5203 MICREL-MIC5203_09 Datasheet
267Kb / 10P
   關Cap 80mA Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com