Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS70615DBVR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS70615DBVR
Description  150-mA, 6.5-V, 1-關A IQ Voltage Regulators with Enable
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS70615DBVR Datasheet(HTML) 4 Page - Texas Instruments

  TPS70615DBVR Datasheet HTML 1Page - Texas Instruments TPS70615DBVR Datasheet HTML 2Page - Texas Instruments TPS70615DBVR Datasheet HTML 3Page - Texas Instruments TPS70615DBVR Datasheet HTML 4Page - Texas Instruments TPS70615DBVR Datasheet HTML 5Page - Texas Instruments TPS70615DBVR Datasheet HTML 6Page - Texas Instruments TPS70615DBVR Datasheet HTML 7Page - Texas Instruments TPS70615DBVR Datasheet HTML 8Page - Texas Instruments TPS70615DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
TPS706
SBVS245A – OCTOBER 2014 – REVISED MARCH 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
specified at TJ = –40°C to 125°C, unless otherwise noted; all voltages are with respect to GND
(1)
MIN
MAX
UNIT
VIN
–0.3
7
V
Voltage
VEN
–0.3
7
V
VOUT
–0.3
7
V
Maximum output current
IOUT
Internally limited
Output short-circuit duration
Indefinite
Continuous total power dissipation
PDISS
See Thermal Information
Junction temperature, TJ
–55
150
°C
Storage temperature, Tstg
–55
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification JESD22-C101(2)
±500
(1)
JEDEC document JEP155 states that 2-kV HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 500-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating junction temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input voltage
2.7
6.5
V
VOUT
Output voltage
1.2
5
V
IOUT
Output current
0
150
mA
VEN
Enable voltage
0
6.5
V
CIN
Input capacitor
0
1
µF
COUT
Output capacitor
2
2.2
47
µF
TJ
Operating junction temperature
–40
125
°C
6.4 Thermal Information
TPS706
THERMAL METRIC(1)
DBV
DRV
UNIT
5 PINS
6 PINS
RθJA
Junction-to-ambient thermal resistance
212.1
73.1
RθJC(top)
Junction-to-case (top) thermal resistance
78.5
97.0
RθJB
Junction-to-board thermal resistance
39.5
42.6
°C/W
ψJT
Junction-to-top characterization parameter
2.86
2.9
ψJB
Junction-to-board characterization parameter
38.7
42.9
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
12.8
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TPS706


Similar Part No. - TPS70615DBVR

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPS706 TOSHIBA-TPS706 Datasheet
182Kb / 4P
   PHOTO DIODE SILICON PIN
logo
Texas Instruments
TPS706 TI-TPS706_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS706 150-mA, 6.5-V, 1-關A IQ Voltage Regulators with Enable
More results

Similar Description - TPS70615DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS706 TI-TPS706_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS706 150-mA, 6.5-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709_16 Datasheet
1Mb / 34P
[Old version datasheet]   150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709-Q1 TI1-TPS709-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI-TPS709_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS709xx 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI-TPS709_V02 Datasheet
2Mb / 39P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709 Datasheet
1Mb / 28P
[Old version datasheet]   150-mA, 30-V, 1-A IQ Voltage Regulators with Enable
TPS709-Q1 TI-TPS709-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS709-Q1 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709_17 Datasheet
1Mb / 34P
[Old version datasheet]   150-mA, 30-V, 1-uA IQ Voltage Regulators with Enable
TPS70912 TI1-TPS70912 Datasheet
179Kb / 11P
[Old version datasheet]   150-mA, 30-V, UltraLow IQ, Low-Dropout Regulators with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com