Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS71401DCKT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS71401DCKT
Description  80mA, 10V, 3.2關A Quiescent Current LOW-DROPOUT LINEAR REGULATOR in SC70 or SON 2x2
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS71401DCKT Datasheet(HTML) 2 Page - Texas Instruments

  TPS71401DCKT Datasheet HTML 1Page - Texas Instruments TPS71401DCKT Datasheet HTML 2Page - Texas Instruments TPS71401DCKT Datasheet HTML 3Page - Texas Instruments TPS71401DCKT Datasheet HTML 4Page - Texas Instruments TPS71401DCKT Datasheet HTML 5Page - Texas Instruments TPS71401DCKT Datasheet HTML 6Page - Texas Instruments TPS71401DCKT Datasheet HTML 7Page - Texas Instruments TPS71401DCKT Datasheet HTML 8Page - Texas Instruments TPS71401DCKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
TPS714xx
SBVS116C
– DECEMBER 2008 – REVISED MARCH 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
AVAILABLE OPTIONS(1)
PRODUCT
VOUT
(2)
XX is nominal output voltage (for example 33 = 3.3V, 01 = Adjustable)
TPS714xxyyyz
YYY is Package Designator
Z is Package Quantity
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Custom output voltages are available on a quick-turn basis for prototyping. Production quantities are available; minimum package order
quantities apply. Contact factory for details and availability.
ABSOLUTE MAXIMUM RATINGS
Over operating temperature range, unless otherwise noted.
(1)
PARAMETER
TPS714xx
UNIT
VIN range
–0.3 to +24
V
VOUT range
- 0.3 to +9.9
V
V FB range
-0.3 to +4
V
Peak output current
Internally limited
Continuous total power dissipation
See Power Dissipation Rating table
Junction temperature range, TJ
–40 to +125
°C
Storage temperature range
–65 to +150
°C
Human body model (HBM)
2
kV
ESD rating
Charged device model (CDM)
500
V
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
POWER DISSIPATION RATING TABLE
DERATING FACTOR
TA ≤ 25°C POWER
TA = +70°C POWER TA = +85°C POWER
BOARD
PACKAGE
RθJA°C/W
ABOVE TA = +25°C
RATING
RATING
RATING
High-K(1)
DCK
315
3.18mW/
°C
320mW
175mW
100mW
High-K(1)
DRV
65
15.4mW/
°C
1.54W
850mW
0.62W
(1)
The JEDEC High-K (2s2p) board design used to derive this data was a 3 inch
× 3 inch, multilayer board with 1-ounce internal power and
ground planes and 2-ounce copper traces on top and bottom of the board.
2
Submit Documentation Feedback
Copyright
© 2008–2011, Texas Instruments Incorporated


Similar Part No. - TPS71401DCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71401DCKT TI1-TPS71401DCKT Datasheet
752Kb / 19P
[Old version datasheet]   80mA, 10V, 3.2muA Quiescent Current LOW-DROPOUT LINEAR REGULATOR
TPS71401DCKT TI1-TPS71401DCKT Datasheet
3Mb / 38P
[Old version datasheet]   TPS714 80-mA, 10-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED NOVEMBER 2023
More results

Similar Description - TPS71401DCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71401 TI-TPS71401 Datasheet
688Kb / 16P
[Old version datasheet]   80mA, 10V, 3.2mA Quiescent Current LOW-DROPOUT LINEAR REGULATOR in SC70 or SON 2x2
TPS71433DCKR TI1-TPS71433DCKR Datasheet
752Kb / 19P
[Old version datasheet]   80mA, 10V, 3.2muA Quiescent Current LOW-DROPOUT LINEAR REGULATOR
logo
National Semiconductor ...
LMS5213 NSC-LMS5213 Datasheet
271Kb / 10P
   80mA, uCap, Low Dropout Voltage Regulator in SC70
logo
Texas Instruments
TPS715 TI-TPS715_15 Datasheet
921Kb / 21P
[Old version datasheet]   TPS715 50-mA, 24-V, 3.2-關A Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS71501-Q1 TI-TPS71501-Q1_15 Datasheet
811Kb / 16P
[Old version datasheet]   50-mA, 24-V, 3.2-關A Supply Current Low-Dropout Linear Regulators in SC70 Package
TPS71530-Q1 TI-TPS71530-Q1_15 Datasheet
811Kb / 16P
[Old version datasheet]   50-mA, 24-V, 3.2-關A Supply Current Low-Dropout Linear Regulators in SC70 Package
logo
Shenzhen Huazhimei Semi...
HM53XXB HMSEMI-HM53XXB Datasheet
2Mb / 15P
   35V, 1.6關A ultra-low quiescent current, 200mA, low dropout linear regulator
HM53XXAB HMSEMI-HM53XXAB Datasheet
2Mb / 15P
   35V, 1.6關A ultra-low quiescent current, 200mA, low dropout linear regulator
logo
Texas Instruments
TPS715XX TI-TPS715XX Datasheet
373Kb / 14P
[Old version datasheet]   50 mA, 24 V, 3.2 mA Supply Current Low-Dropout Linear Regulator in SC70 Package
logo
Micrel Semiconductor
MIC5203 MICREL-MIC5203_09 Datasheet
267Kb / 10P
   關Cap 80mA Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com