Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73201QDBVRQ1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73201QDBVRQ1
Description  Cap-Free NMOS 250-mA Low-Dropout Regulator With Reverse-Current Protection
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS73201QDBVRQ1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS73201QDBVRQ1 Datasheet HTML 7Page - Texas Instruments TPS73201QDBVRQ1 Datasheet HTML 8Page - Texas Instruments TPS73201QDBVRQ1 Datasheet HTML 9Page - Texas Instruments TPS73201QDBVRQ1 Datasheet HTML 10Page - Texas Instruments TPS73201QDBVRQ1 Datasheet HTML 11Page - Texas Instruments TPS73201QDBVRQ1 Datasheet HTML 12Page - Texas Instruments TPS73201QDBVRQ1 Datasheet HTML 13Page - Texas Instruments TPS73201QDBVRQ1 Datasheet HTML 14Page - Texas Instruments TPS73201QDBVRQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Servo
Error
Amp
Ref
27kW
8kW
Current
Limit
Charge
Pump
Thermal
Protection
Bandgap
NR
OUT
R
1
R
2
EN
GND
IN
R
1 + R2 = 80kW
Copyright © 2016, Texas Instruments Incorporated
11
TPS732-Q1
www.ti.com
SGLS303F – MAY 2005 – REVISED APRIL 2016
Product Folder Links: TPS732-Q1
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TPS732-Q1 low-dropout linear regulator devices operate with an input voltage down to 1.7 V and support
output voltages down to 1.2 V while sourcing up to 500 mA of load current. These linear regulators use an
NMOS pass element with an integrated 4-MHz charge pump to provide a dropout voltage of less than 250 mV at
full load current. This unique architecture also permits stable regulation over a wide range of output capacitors. In
fact, the TPS732-Q1 family of devices does not require any output capacitor for stability. The increased
insensitivity to the output capacitor value and type makes this family of linear regulators an ideal choice when
powering a load where the effective capacitance is unknown. The TPS732-Q1 family of devices also features a
noise reduction (NR) pin that allows for additional reduction of the output noise. The low noise output featured by
the TPS732-Q1 family makes the device well-suited for powering VCOs or any other noise-sensitive load.
7.2 Functional Block Diagram
Fixed voltage version.
7.3 Feature Description
7.3.1 Internal Current Limit
The TPS732-Q1 internal current limit helps protect the regulator during fault conditions. Foldback helps to protect
the regulator from damage during output short-circuit conditions by reducing current limit when VOUT drops below
0.5 V. See Figure 9.
7.3.2 Shutdown
The enable pin is active high and is compatible with standard TTL-CMOS levels. VEN below 0.5 V (maximum)
turns the regulator off and drops the ground pin current to approximately 10 nA. When shutdown capability is not
required, the Enable pin can be connected to VIN. When a pullup resistor is used, and operation down to 1.8 V is
required, use pullup resistor values below 50 k
Ω.


Similar Part No. - TPS73201QDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73201QDBVRQ1 TI1-TPS73201QDBVRQ1 Datasheet
1Mb / 26P
[Old version datasheet]   CAP-FREE NMOS 250-mA LOW-DROPOUT REGULATOR WITH REVERSE-CURRENT PROTECTION
More results

Similar Description - TPS73201QDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73250-Q1 TI1-TPS73250-Q1 Datasheet
732Kb / 20P
[Old version datasheet]   Cap-Free, NMOS, 250-mA Low-Dropout Regulator with Reverse Current Protection
TPS73201-EP TI1-TPS73201-EP_15 Datasheet
918Kb / 22P
[Old version datasheet]   CAP-FREE NMOS 250-mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73201-EP TI1-TPS73201-EP Datasheet
567Kb / 21P
[Old version datasheet]   CAP-FREE NMOS 250-mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73201-Q1 TI1-TPS73201-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   CAP-FREE NMOS 250-mA LOW-DROPOUT REGULATOR WITH REVERSE-CURRENT PROTECTION
TPS73101-EP TI1-TPS73101-EP Datasheet
623Kb / 22P
[Old version datasheet]   CAP-FREE NMOS 150 mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73115-EP TI-TPS73115-EP_15 Datasheet
503Kb / 23P
[Old version datasheet]   CAP-FREE NMOS 150 mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73101-EP TI1-TPS73101-EP_15 Datasheet
605Kb / 23P
[Old version datasheet]   CAP-FREE NMOS 150 mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS736 TI-TPS736_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS736xx Cap-Free, NMOS, 400-mA Low-Dropout Regulator with Reverse Current Protection
TPS73101 TI-TPS73101 Datasheet
348Kb / 16P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS73201 TI-TPS73201 Datasheet
427Kb / 18P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com