Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73001DBVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73001DBVR
Description  Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS73001DBVR Datasheet(HTML) 1 Page - Texas Instruments

  TPS73001DBVR Datasheet HTML 1Page - Texas Instruments TPS73001DBVR Datasheet HTML 2Page - Texas Instruments TPS73001DBVR Datasheet HTML 3Page - Texas Instruments TPS73001DBVR Datasheet HTML 4Page - Texas Instruments TPS73001DBVR Datasheet HTML 5Page - Texas Instruments TPS73001DBVR Datasheet HTML 6Page - Texas Instruments TPS73001DBVR Datasheet HTML 7Page - Texas Instruments TPS73001DBVR Datasheet HTML 8Page - Texas Instruments TPS73001DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
10
100
1 k
10 k
10
40
80
100 k
1 M
10 M
Frequency (Hz)
IOUT = 10 mA
50
0
VIN = 3.8 V
COUT = 10 F
m
CNR = 0.01 F
m
IOUT = 200 mA
20
30
60
70
90
100
TPS730xx
GND
EN
NR
IN
OUT
V
IN
V
OUT
V
IN
V
OUT
2.2
µF
0.01
µF(1)
0.1
µF
NOTE: (1) This capacitor is optional.
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS730
SBVS054J – NOVEMBER 2004 – REVISED APRIL 2015
TPS730 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators
1 Features
3 Description
The TPS730 family of low-dropout (LDO) low-power
1
200-mA RF Low-Dropout Regulator
linear voltage regulators features high power-supply
With Enable
rejection ratio (PSRR), low noise, fast start-up, and
Available in Fixed Voltages from 1.8 V to 3.3 V
excellent line and load transient responses in a small
and Adjustable Voltages (1.22 V to 5.5 V)
SOT-23 package. NanoStar™ packaging gives an
ultrasmall footprint as well as an ultralow profile and
High PSRR (68 dB at 100 Hz)
package
weight,
making
it
ideal
for
portable
Low Noise (33
μVRMS, TPS73018)
applications such as handsets and PDAs. Each
Fast Start-Up Time (50
μs)
device in the family is stable, with a small, 2.2-
μF
Stable With a 2.2-
μF Ceramic Capacitor
ceramic capacitor on the output. The TPS730 family
uses an advanced, proprietary BiCMOS fabrication
Excellent Load/Line Transient Response
process to yield low dropout voltages (for example,
Very Low Dropout Voltage (120 mV at 200 mA)
120 mV at 200 mA, TPS73030). Each device
5- and 6-Pin SOT-23 (DBV), and Wafer Chip
achieves fast start-up times (approximately 50
μs with
Scale (YZQ) Packages
a 0.001-
μF bypass capacitor) while consuming low
quiescent current (170
μA typical). Moreover, when
the device is placed in standby mode, the supply
2 Applications
current is reduced to less than 1
μA. The TPS73018
RF: VCOs, Receivers, ADCs
exhibits approximately 33
μVRMS of output voltage
Audio
noise at 1.8 V output with a 0.01-
μF bypass
capacitor. Applications with analog components that
Cellular and Cordless Telephones
are noise-sensitive, such as portable RF electronics,
Bluetooth®, Wireless LAN
benefit from the high PSRR and low-noise features
Handheld Organizers, PDAs
as well as the fast response time.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SOT-23 (5)
2.90 mm × 1.60 mm
TPS730
SOT-23 (6)
2.90 mm × 1.60 mm
DSBGA (5)
1.35 mm × 1.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic
Ripple Rejection vs Frequency
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS73001DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73001DBVR TI-TPS73001DBVR Datasheet
271Kb / 13P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS73001DBVR TI-TPS73001DBVR Datasheet
385Kb / 15P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS73001DBVR TI-TPS73001DBVR Datasheet
318Kb / 16P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS73001DBVRG4 TI-TPS73001DBVRG4 Datasheet
271Kb / 13P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS73001DBVRG4 TI-TPS73001DBVRG4 Datasheet
385Kb / 15P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS73001DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS730XX TI-TPS730XX Datasheet
385Kb / 15P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS73047 TI-TPS73047 Datasheet
318Kb / 16P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS73033 TI-TPS73033 Datasheet
271Kb / 13P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS730XX TI-TPS730XX_08 Datasheet
524Kb / 19P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS730XX TI-TPS730XX_07 Datasheet
333Kb / 13P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS730 TI-TPS730_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS730 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301DBVRG4Q1 TI-TPS79301DBVRG4Q1 Datasheet
879Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP Datasheet
786Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com