Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS737 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS737
Description  1-A Low-Dropout Regulator With Reverse Current Protection
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS737 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS737_16 Datasheet HTML 3Page - Texas Instruments TPS737_16 Datasheet HTML 4Page - Texas Instruments TPS737_16 Datasheet HTML 5Page - Texas Instruments TPS737_16 Datasheet HTML 6Page - Texas Instruments TPS737_16 Datasheet HTML 7Page - Texas Instruments TPS737_16 Datasheet HTML 8Page - Texas Instruments TPS737_16 Datasheet HTML 9Page - Texas Instruments TPS737_16 Datasheet HTML 10Page - Texas Instruments TPS737_16 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
TPS737
www.ti.com
SBVS067Q – JANUARY 2006 – REVISED MAY 2015
6.5 Electrical Characteristics
Over operating temperature range (TJ = –40°C to 125°C), VIN = VOUT(nom) + 1 V
(1), I
OUT = 10 mA, VEN = 2.2 V, and
COUT = 2.2 μF, unless otherwise noted. Typical values are at TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range(1)(2)
2.2
5.5
V
Internal reference
TJ = 25°C
1.198
1.204
1.21
(DCQ package)
VFB
V
Internal reference
TJ = 25°C
1.192
1.204
1.216
(DRB and DRV packages)
Output voltage range
VFB
5.5 – VDO
V
(TPS73701)(3)
Nominal
TJ = 25°C
–1
1
5.36 V < VIN < 5.5 V, VOUT = 5.08
V,
VOUT
10 mA < IOUT < 800 mA,
–2
2
Accuracy(1),(4)
V
–40°C < TJ < 85°C,
TPS73701 (DCQ)
Over VIN, IOUT,
VOUT + 0.5 V ≤ VIN ≤ 5.5 V;
–3
±0.5%
3
and T
10 mA
≤ IOUT ≤ 1 A
ΔVOUT(ΔVIN)
Line regulation(1)
VOUT(nom) + 0.5 V ≤ VIN ≤ 5.5 V
0.01
%/V
1 mA
≤ IOUT ≤ 1 A
0.002
ΔVOUT(ΔIOUT)
Load regulation
%/mA
10 mA
≤ IOUT ≤ 1 A
0.0005
Dropout voltage(5)
VDO
IOUT = 1 A
130
500
mV
(VIN = VOUT(nom) – 0.1 V)
ZOUT(DO)
Output impedance in dropout
2.2 V
≤ VIN ≤ VOUT + VDO
0.25
ICL
Output current limit
VOUT = 0.9 × VOUT(nom)
1.05
1.6
2.2
A
IOS
Short-circuit current
VOUT = 0 V
450
mA
IREV
Reverse leakage current(6) (–IIN)
VEN ≤ 0.5 V, 0 V ≤ VIN ≤ VOUT
0.1
μA
IOUT = 10 mA
400
IGND
GND pin current
μA
IOUT = 1 A
1300
ISHDN
Shutdown current [IGND]
VEN ≤ 0.5 V, VOUT ≤ VIN ≤ 5.5
20
nA
IFB
FB pin current (TPS73701)
0.1
0.6
μA
f = 100 Hz, IOUT = 1 A
58
Power-supply rejection ratio
PSRR
dB
(ripple rejection)
f = 10 kHz, IOUT = 1 A
37
Output noise voltage
Vn
COUT = 10 μF
27 × VOUT
μVRMS
BW = 10 Hz to 100 kHz
VOUT = 3 V, RL = 30 Ω, COUT = 1
tSTR
Start-up time
600
μs
μF
VEN(HI)
EN pin high (enabled)
1.7
VIN
V
VEN(LO)
EN pin low (shutdown)
0
0.5
V
IEN(HI)
EN pin current (enabled)
VEN = 5.5 V
20
nA
Shutdown, temperature increasing
160
Tsd
Thermal shutdown temperature
°C
Reset, temperature decreasing
140
TJ
Operating junction temperature
–40
125
°C
(1)
Minimum VIN = VOUT + VDO or 2.2 V, whichever is greater.
(2)
For VOUT(nom) < 1.6 V, when VIN ≤ 1.6V, the output locks to VIN and may result in an over-voltage condition on the output. To avoid this
situation, disable the device before powering down VIN.
(3)
TPS73701 is tested at VOUT = 1.2 V.
(4)
Tolerance of external resistors not included in this specification.
(5)
VDO is not measured for fixed output versions with VOUT(nom) < 2.3 V because minimum VIN = 2.2 V.
(6)
Fixed-voltage versions only; refer to the Application Information section for more information.
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS737


Similar Part No. - TPS737_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73701 TI-TPS73701 Datasheet
697Kb / 18P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73701DCQ TI-TPS73701DCQ Datasheet
697Kb / 18P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73701DCQ TI-TPS73701DCQ Datasheet
972Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73701DCQ TI-TPS73701DCQ Datasheet
991Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73701DCQ TI1-TPS73701DCQ Datasheet
1Mb / 31P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
More results

Similar Description - TPS737_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73719-Q1 TI1-TPS73719-Q1 Datasheet
536Kb / 19P
[Old version datasheet]   1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73719-Q1 TI-TPS73719-Q1_15 Datasheet
991Kb / 22P
[Old version datasheet]   1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73719-Q1 TI1-TPS73719-Q1_16 Datasheet
1Mb / 26P
[Old version datasheet]   1-A Low-Dropout Regulator With Reverse Current Protection
TPS737 TI-TPS737_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS737xx 1-A Low-Dropout Regulator With Reverse Current Protection
TPS737 TI-TPS737 Datasheet
2Mb / 40P
[Old version datasheet]   TPS737 1-A Low-Dropout Regulator With Reverse Current Protection
REVISED NOVEMBER 2023
TPS7A37 TI-TPS7A37_15 Datasheet
1,023Kb / 26P
[Old version datasheet]    1% High-Accuracy, 1-A, Low-Dropout Regulator with Reverse Current Protection
TPS7A37 TI1-TPS7A37_16 Datasheet
1Mb / 31P
[Old version datasheet]   High-Accuracy, 1-A, Low-Dropout Regulator With Reverse Current Protection
TPS7A37 TI1-TPS7A37 Datasheet
1Mb / 24P
[Old version datasheet]   1% High-Accuracy, 1-A, Low-Dropout Regulator with Reverse Current Protection
TPS73718 TI-TPS73718 Datasheet
972Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73701 TI1-TPS73701_13 Datasheet
1Mb / 31P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com