Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS734xxyyyz Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS734xxyyyz
Description  250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS734xxyyyz Datasheet(HTML) 5 Page - Texas Instruments

  TPS734xxyyyz Datasheet HTML 1Page - Texas Instruments TPS734xxyyyz Datasheet HTML 2Page - Texas Instruments TPS734xxyyyz Datasheet HTML 3Page - Texas Instruments TPS734xxyyyz Datasheet HTML 4Page - Texas Instruments TPS734xxyyyz Datasheet HTML 5Page - Texas Instruments TPS734xxyyyz Datasheet HTML 6Page - Texas Instruments TPS734xxyyyz Datasheet HTML 7Page - Texas Instruments TPS734xxyyyz Datasheet HTML 8Page - Texas Instruments TPS734xxyyyz Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
TYPICAL CHARACTERISTICS
0.5
0.4
0.3
0.2
0.1
0
0.1
0.2
0.3
0.4
0.5
-
-
-
-
-
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
V
(V)
IN
T
J =
40 C
-
°
T
J =0 C
°
T
J =+125 C
°
T
J =+85 C
°
T
J =+25 C
°
I
=100mA
OUT
0.5
0.4
0.3
0.2
0.1
0
0.1
0.2
0.3
0.4
0.5
-
-
-
-
-
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
V
(V)
IN
T
J =
40 C
-
°
T
J =0 C
°
T
J =+125 C
°
T
J =+85 C
°
T
J =+25 C
°
I
=100mA
OUT
2.86
2.85
2.84
2.83
2.82
2.81
2.80
2.79
2.78
2.77
2.76
2.75
2.74
Load(mA)
T
J =
40 C
-
°
T
J =+125 C
°
T
J =+85 C
°
Y-axisrangeis 2%of2.8V
±
0
50
100
150
200
250
2.55
2.54
2.53
2.52
2.51
2.50
2.49
2.48
2.47
2.46
2.45
Load(mA)
T
J =
40 C
-
°
T
J =+125 C
°
T
J =+85 C
°
T
J =0 C
°
T
J =+25 C
°
Y-axisrangeis 2%of2.5V
±
0
50
100
150
200
250
500
450
400
350
300
250
200
150
100
50
0
-40 -25 -10
5
20
35
50
65
80
95
110 125
T (
)
J
C
°
V
IN =6.5V
V
EN =0.4V
V
IN =5.0V
V
IN =3.3V
60
50
40
30
20
10
0
0
50
100
150
200
250
I
(mA)
OUT
T
J =
40 C
-
°
T
J =+125 C
°
T
J =+85 C
°
T
J =0 C
°
T
J =+25 C
°
TPS734xx
www.ti.com ........................................................................................................................................ SBVS089F – DECEMBER 2007 – REVISED FEBRUARY 2009
Over operating temperature range (TJ = –40°C to +125°C); VIN = VOUT(TYP) + 0.3V or 2.7V, whichever is greater; IOUT = 1mA,
VEN = VIN,COUT = 2.2µF, CNR = 0.01µF, unless otherwise noted. For TPS73401, VOUT = 3.0V. Typical values are at TJ =
+25°C.
TPS73401 LINE REGULATION
TPS73425 LINE REGULATION
Figure 3.
Figure 4.
TPS73401 LOAD REGULATION
TPS73425 LOAD REGULATION
Figure 5.
Figure 6.
TPS73425 GROUND PIN CURRENT vs
TPS73425 GROUND PIN CURRENT (DISABLE)
OUTPUT CURRENT
vs TEMPERATURE
Figure 7.
Figure 8.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5


Similar Part No. - TPS734xxyyyz

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS734XX TI-TPS734XX Datasheet
864Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS734XX TI1-TPS734XX Datasheet
1Mb / 21P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS734XX TI-TPS734XX Datasheet
1Mb / 23P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS734XX TI1-TPS734XX_14 Datasheet
1Mb / 21P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS734XX TI-TPS734XX_15 Datasheet
1,009Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
More results

Similar Description - TPS734xxyyyz

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS734XX TI1-TPS734XX_14 Datasheet
1Mb / 21P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS734XX TI-TPS734XX Datasheet
864Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS734XX TI-TPS734XX_15 Datasheet
1,009Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS73433-Q1 TI1-TPS73433-Q1 Datasheet
569Kb / 13P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS734XX TI-TPS734XX_V01 Datasheet
1Mb / 23P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS73433-Q1 TI-TPS73433-Q1_15 Datasheet
575Kb / 15P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS73401 TI1-TPS73401 Datasheet
739Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS799XX TI-TPS799XX_07 Datasheet
819Kb / 28P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX Datasheet
455Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX_0810 TI-TPS735XX_0810 Datasheet
807Kb / 18P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com