Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS740xx Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS740xx
Description  1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS740xx Datasheet(HTML) 5 Page - Texas Instruments

  TPS740xx Datasheet HTML 1Page - Texas Instruments TPS740xx Datasheet HTML 2Page - Texas Instruments TPS740xx Datasheet HTML 3Page - Texas Instruments TPS740xx Datasheet HTML 4Page - Texas Instruments TPS740xx Datasheet HTML 5Page - Texas Instruments TPS740xx Datasheet HTML 6Page - Texas Instruments TPS740xx Datasheet HTML 7Page - Texas Instruments TPS740xx Datasheet HTML 8Page - Texas Instruments TPS740xx Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Thermal
Limit
OUT
V
OUT
FB
IN
BIAS
Current
Limit
UVLO
0.9V
Reference
GND
R
1
R
2
Thermal
Limit
OUT
V
OUT
IN
BIAS
EN
Hysteresis
andDeglitch
Current
Limit
UVLO
0.9V
Reference
GND
R
1
R
2
TPS740xx
www.ti.com
SBVS091C
– JUNE 2011 – REVISED DECEMBER 2011
FUNCTIONAL BLOCK DIAGRAMS
Adjustable Output Voltage Version
Figure 1.
Fixed Output Voltage Version
Figure 2.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS740xx


Similar Part No. - TPS740xx

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS740XX TI1-TPS740XX Datasheet
539Kb / 23P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
JUNE2011
More results

Similar Description - TPS740xx

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74001 TI1-TPS74001 Datasheet
756Kb / 25P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
TPS740XX TI1-TPS740XX Datasheet
539Kb / 23P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
JUNE2011
TPS74012 TI-TPS74012_15 Datasheet
957Kb / 26P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
logo
Micrel Semiconductor
MIC49300 MICREL-MIC49300 Datasheet
68Kb / 8P
   3.0A LOW VOLTAGE LDO REGULATOR W/DUAL INPUT VOLTAGES
MIC49300 MICREL-MIC49300_05 Datasheet
597Kb / 8P
   3.0A Low Voltage LDO Regulator w/Dual Input Voltages
MIC49150 MICREL-MIC49150 Datasheet
94Kb / 12P
   1.5A Low Voltage LDO Regulator w/Dual Input Voltages
MIC49150 MICREL-MIC49150_06 Datasheet
344Kb / 13P
   1.5A Low Voltage LDO Regulator w/Dual Input Voltages
MIC49200 MICREL-MIC49200 Datasheet
324Kb / 12P
   2A LOW VOLTAGE LDO WITH DUAL INPUT VOLTAGES
MIC37150 MICREL-MIC37150 Datasheet
146Kb / 10P
   1.5 A LOW VOLTAGE UCAP LDO REGULATOR
MIC47300 MICREL-MIC47300 Datasheet
441Kb / 11P
   3A, Low Voltage, Adjustable LDO Regulator with Dual Input Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com