Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS74001DGKT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS74001DGKT
Description  1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS74001DGKT Datasheet(HTML) 3 Page - Texas Instruments

  TPS74001DGKT Datasheet HTML 1Page - Texas Instruments TPS74001DGKT Datasheet HTML 2Page - Texas Instruments TPS74001DGKT Datasheet HTML 3Page - Texas Instruments TPS74001DGKT Datasheet HTML 4Page - Texas Instruments TPS74001DGKT Datasheet HTML 5Page - Texas Instruments TPS74001DGKT Datasheet HTML 6Page - Texas Instruments TPS74001DGKT Datasheet HTML 7Page - Texas Instruments TPS74001DGKT Datasheet HTML 8Page - Texas Instruments TPS74001DGKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
TPS740xx
www.ti.com
SBVS091C
– JUNE 2011 – REVISED DECEMBER 2011
THERMAL INFORMATION
TPS74001DGK
TPS74001DPT(3)
THERMAL METRIC(1)(2)
DGK (4 pin short)
DPT
UNITS
8 PINS
5 PINS
θJA
Junction-to-ambient thermal resistance(4)
136.9
30.0
θJCtop
Junction-to-case (top) thermal resistance(5)
35.3
15.3
θJB
Junction-to-board thermal resistance(6)
68.0
14.4
°C/W
ψJT
Junction-to-top characterization parameter(7)
0.9
0.6
ψJB
Junction-to-board characterization parameter(8)
67.8
14.4
θJCbot
Junction-to-case (bottom) thermal resistance(9)
n/a
5.8
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953A.
(2)
For thermal estimates of this device based on PCB copper area, see the TI PCB Thermal Calculator.
(3)
Thermal data for the DGK and DPT packages are derived by thermal simulations based on JEDEC-standard methodology as specified
in the JESD51 series. The following assumptions are used in the simulations:
(a) DPT only, the exposed pad is connected to the PCB ground layer through a 8
× 8 thermal via array.
(b) i.
DPT:
Each
of
top
and
bottom
copper
layers
has
a
dedicated
pattern
for
20%
copper
coverage.
ii. DGK: The top copper layer has a dedicated pattern of 5% copper coverage and the bottom copper layer has another decicated
pattern of 20% copper coverage.
(c) These data were generated with only a single device at the center of a JEDEC high-K (2s2p) board with 3in
× 3in copper area.
(4)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(5)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the top of the package. No specific
JEDEC-standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(6)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(7)
The junction-to-top characterization parameter,
ψJT, estimates the junction temperature of a device in a real system and is extracted
from the simulation data to obtain
θJA using a procedure described in JESD51-2a (sections 6 and 7).
(8)
The junction-to-board characterization parameter,
ψJB, estimates the junction temperature of a device in a real system and is extracted
from the simulation data to obtain
θJA using a procedure described in JESD51-2a (sections 6 and 7).
(9)
The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No specific
JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS740xx


Similar Part No. - TPS74001DGKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74001DGKT TI1-TPS74001DGKT Datasheet
539Kb / 23P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
JUNE2011
TPS74001DGKT TI1-TPS74001DGKT Datasheet
756Kb / 25P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
More results

Similar Description - TPS74001DGKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74001 TI1-TPS74001 Datasheet
756Kb / 25P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
TPS740XX TI1-TPS740XX Datasheet
539Kb / 23P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
JUNE2011
TPS74012 TI-TPS74012_15 Datasheet
957Kb / 26P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
logo
Micrel Semiconductor
MIC49300 MICREL-MIC49300 Datasheet
68Kb / 8P
   3.0A LOW VOLTAGE LDO REGULATOR W/DUAL INPUT VOLTAGES
MIC49300 MICREL-MIC49300_05 Datasheet
597Kb / 8P
   3.0A Low Voltage LDO Regulator w/Dual Input Voltages
MIC49150 MICREL-MIC49150 Datasheet
94Kb / 12P
   1.5A Low Voltage LDO Regulator w/Dual Input Voltages
MIC49150 MICREL-MIC49150_06 Datasheet
344Kb / 13P
   1.5A Low Voltage LDO Regulator w/Dual Input Voltages
MIC49200 MICREL-MIC49200 Datasheet
324Kb / 12P
   2A LOW VOLTAGE LDO WITH DUAL INPUT VOLTAGES
MIC37150 MICREL-MIC37150 Datasheet
146Kb / 10P
   1.5 A LOW VOLTAGE UCAP LDO REGULATOR
MIC47300 MICREL-MIC47300 Datasheet
441Kb / 11P
   3A, Low Voltage, Adjustable LDO Regulator with Dual Input Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com