Electronic Components Datasheet Search |
|
TPS70927DBVR Datasheet(PDF) 6 Page - Texas Instruments |
|
|
TPS70927DBVR Datasheet(HTML) 6 Page - Texas Instruments |
6 / 34 page TPS709 SBVS186G – MARCH 2012 – REVISED NOVEMBER 2015 www.ti.com 6.5 Electrical Characteristics At ambient temperature (TA) = –40°C to +85°C, VIN = VOUT(typ) + 1 V or 2.7 V (whichever is greater), IOUT = 1 mA, VEN = 2 V, and CIN = COUT = 2.2-μF ceramic, unless otherwise noted. Typical values are at TA = 25°C. PARAMETER TEST CONDITIONS MIN TYP MAX UNIT VIN Input voltage range 2.7 30 V VOUT Output voltage range 1.2 6.5 V VOUT < 3.3 V –2% 2% VOUT DC output accuracy VOUT ≥ 3.3 V –1% 1% Line regulation (VOUT(nom) + 1 V, 2.7 V) ≤ VIN ≤ 30 V 3 10 ΔVOUT mV VIN = VOUT(typ) + 1.5 V or 3 V (whichever is Load regulation 20 50 greater), 100 µA ≤ IOUT ≤ 150 mA TPS70933, IOUT = 50 mA 295 650 TPS70933, IOUT = 150 mA 960 1400 TPS70950, IOUT = 50 mA 245 500 VDO Dropout voltage(1)(2) mV TPS70950, IOUT = 150 mA 690 1200 TPS70965, IOUT = 50 mA 180 500 TPS70965, IOUT = 150 mA 460 1000 I(CL) Output current limit(3) VOUT = 0.9 × VOUT(nom) 200 320 500 mA IOUT = 0 mA, VOUT ≤ 3.3 V 1.3 2.05 IGND Ground pin current IOUT = 0 mA, VOUT > 3.3 V 1.4 2.25 µA IOUT = 150 mA 350 ISHUTDOWN Shutdown current VEN ≤ 0.4 V, VIN = 2.7 V 150 nA f = 10 Hz 80 PSRR Power-supply rejection ratio f = 100 Hz 62 dB f = 1 kHz 52 BW = 10 Hz to 100 kHz, IOUT = 10 mA, Vn Output noise voltage 190 μVRMS VIN = 2.7 V, VOUT = 1.2 V VOUT(nom) ≤ 3.3 V 200 600 tSTR Start-up time(4) µs VOUT(nom) > 3.3 V 500 1500 Enable pin high (enabled) 0.9 VEN(HI) V Enable pin high (disabled) 0 0.4 IEN EN pin current EN = 1.0 V, VIN = 5.5 V 300 nA Reverse current VOUT = 3 V, VIN = VEN = 0 V 10 (flowing out of IN pin) I(REV) nA Reverse current VOUT = 3 V, VIN = VEN = 0 V 100 (flowing into OUT pin) Shutdown, temperature increasing 158 Thermal shutdown tSD °C temperature Reset, temperature decreasing 140 (1) VDO is measured with VIN = 0.98 × VOUT(nom). (2) Dropout is only valid when VOUT ≥ 2.8 V because of the minimum input voltage limits. (3) Measured with VIN = VOUT + 3 V for VOUT ≤ 2.5 V. Measured with VIN = VOUT + 2.5 V for VOUT > 2.5 V. (4) Startup time = time from EN assertion to 0.95 × VOUT(nom) and load = 47 Ω. 6 Submit Documentation Feedback Copyright © 2012–2015, Texas Instruments Incorporated Product Folder Links: TPS709 |
Similar Part No. - TPS70927DBVR |
|
Similar Description - TPS70927DBVR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |