Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS730285DBVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS730285DBVT
Description  Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS730285DBVT Datasheet(HTML) 3 Page - Texas Instruments

  TPS730285DBVT Datasheet HTML 1Page - Texas Instruments TPS730285DBVT Datasheet HTML 2Page - Texas Instruments TPS730285DBVT Datasheet HTML 3Page - Texas Instruments TPS730285DBVT Datasheet HTML 4Page - Texas Instruments TPS730285DBVT Datasheet HTML 5Page - Texas Instruments TPS730285DBVT Datasheet HTML 6Page - Texas Instruments TPS730285DBVT Datasheet HTML 7Page - Texas Instruments TPS730285DBVT Datasheet HTML 8Page - Texas Instruments TPS730285DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
A3
A1
C3
C1
B2
IN
OUT
GND
NR
EN
3
2
4
5
6
1
GND
OUT
NR
FB
EN
IN
Adjustable Voltage Version
3
2
4
5
1
GND
OUT
NR
EN
IN
Fixed Voltage Versions
TPS730
www.ti.com
SBVS054J – NOVEMBER 2004 – REVISED APRIL 2015
5 Pin Configuration and Functions
DBV Package
DBV Package
5-Pin SOT-23
6-Pin SOT-23
Top View
Top View
YZQ Package
5-Pin DSBGA
Top View
Pin Functions
PIN
NO.
I/O
DESCRIPTION
NAME
SOT-23
DSBGA
Enable pin. Driving the enable pin (EN) high turns on the regulator. Driving this pin low puts
EN
3
A3
I
the regulator into shutdown mode. EN can be connected to IN if not used.
Feedback pin. This terminal is the feedback input pin for the adjustable device. Fixed-voltage
FB
5
N/A
I
versions in the DBV package do not have this pin.
GND
2
A1
Regulator ground.
IN
1
C3
I
Input to the device.
OUT
6
C1
O
Output of the regulator.
Noise Reduction pin. Connecting an external capacitor to this pin filters noise generated by
NR
4
B2
the internal bandgap. This configuration improves power-supply rejection and reduces output
noise.
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS730


Similar Part No. - TPS730285DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS730285DBVT TI-TPS730285DBVT Datasheet
318Kb / 16P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS730285DBVTG4 TI-TPS730285DBVTG4 Datasheet
318Kb / 16P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS730285DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS730XX TI-TPS730XX Datasheet
385Kb / 15P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS73047 TI-TPS73047 Datasheet
318Kb / 16P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS73033 TI-TPS73033 Datasheet
271Kb / 13P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS730XX TI-TPS730XX_08 Datasheet
524Kb / 19P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS730XX TI-TPS730XX_07 Datasheet
333Kb / 13P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS730 TI-TPS730_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS730 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301DBVRG4Q1 TI-TPS79301DBVRG4Q1 Datasheet
879Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP Datasheet
786Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com