Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS70633DRVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS70633DRVR
Description  150-mA, 6.5-V, 1-關A IQ Voltage Regulators with Enable
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS70633DRVR Datasheet(HTML) 1 Page - Texas Instruments

  TPS70633DRVR Datasheet HTML 1Page - Texas Instruments TPS70633DRVR Datasheet HTML 2Page - Texas Instruments TPS70633DRVR Datasheet HTML 3Page - Texas Instruments TPS70633DRVR Datasheet HTML 4Page - Texas Instruments TPS70633DRVR Datasheet HTML 5Page - Texas Instruments TPS70633DRVR Datasheet HTML 6Page - Texas Instruments TPS70633DRVR Datasheet HTML 7Page - Texas Instruments TPS70633DRVR Datasheet HTML 8Page - Texas Instruments TPS70633DRVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Input Voltage (V)
4
4.25
4.5
4.75
5
5.25
5.5
5.75
6
6.25
6.5
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
TJ = -40°C
TJ = +25°C
TJ = +85°C
TJ = +125°C
TPS706
EN
IN
OUT
V
IN
V
OUT
1
F
m
2.2
F
m
GND
NC
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS706
SBVS245A – OCTOBER 2014 – REVISED MARCH 2015
TPS706 150-mA, 6.5-V, 1-µA IQ Voltage Regulators with Enable
1 Features
3 Description
The TPS706 series of linear voltage regulators are
1
Input Voltage Range: 2.7 V to 6.5 V
ultralow, quiescent current devices designed for
Ultralow IQ: 1 μA
power-sensitive applications. A precision band-gap
Reverse Current Protection
and error amplifier provides 2% accuracy over
temperature. Quiescent current of only 1 µA makes
Low ISHDN: 150 nA
these devices ideal solutions for battery-powered,
Supports 200-mA Peak Output
always-on systems that require very little idle-state
Low Dropout: 245 mV at 50 mA
power dissipation. These devices have thermal-
shutdown,
current-limit,
and
reverse-current
2% Accuracy Over Temperature
protection for added safety.
Available in Fixed-Output Voltages: 1.2 V to 5 V
These regulators can be put into shutdown mode by
Thermal Shutdown and Overcurrent Protection
pulling the EN pin low. The shutdown current in this
Packages: SOT-23-5, WSON-6
mode goes down to 150 nA, typical.
2 Applications
The TPS706 series is available in WSON-6 and SOT-
23-5 packages.
Smartphones and Tablets
Portable and Battery-Powered Applications
Device Information(1)
Camera Modules
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Set-Top Boxes
SOT-23 (5)
2.90 mm × 1.60 mm
TPS706
WSON (6)
2.00 mm × 2.00 mm
Wearables
Solid State Drives
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Medical Equipment
space
space
space
Typical Application Circuit
GND Current vs VIN and Temperature
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS70633DRVR

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPS706 TOSHIBA-TPS706 Datasheet
182Kb / 4P
   PHOTO DIODE SILICON PIN
logo
Texas Instruments
TPS706 TI-TPS706_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS706 150-mA, 6.5-V, 1-關A IQ Voltage Regulators with Enable
More results

Similar Description - TPS70633DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS706 TI-TPS706_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS706 150-mA, 6.5-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709_16 Datasheet
1Mb / 34P
[Old version datasheet]   150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709-Q1 TI1-TPS709-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI-TPS709_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS709xx 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI-TPS709_V02 Datasheet
2Mb / 39P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709 Datasheet
1Mb / 28P
[Old version datasheet]   150-mA, 30-V, 1-A IQ Voltage Regulators with Enable
TPS709-Q1 TI-TPS709-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS709-Q1 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709_17 Datasheet
1Mb / 34P
[Old version datasheet]   150-mA, 30-V, 1-uA IQ Voltage Regulators with Enable
TPS70912 TI1-TPS70912 Datasheet
179Kb / 11P
[Old version datasheet]   150-mA, 30-V, UltraLow IQ, Low-Dropout Regulators with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com