Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73028YZQT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73028YZQT
Description  Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS73028YZQT Datasheet(HTML) 5 Page - Texas Instruments

  TPS73028YZQT Datasheet HTML 1Page - Texas Instruments TPS73028YZQT Datasheet HTML 2Page - Texas Instruments TPS73028YZQT Datasheet HTML 3Page - Texas Instruments TPS73028YZQT Datasheet HTML 4Page - Texas Instruments TPS73028YZQT Datasheet HTML 5Page - Texas Instruments TPS73028YZQT Datasheet HTML 6Page - Texas Instruments TPS73028YZQT Datasheet HTML 7Page - Texas Instruments TPS73028YZQT Datasheet HTML 8Page - Texas Instruments TPS73028YZQT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
TPS730
www.ti.com
SBVS054J – NOVEMBER 2004 – REVISED APRIL 2015
6.5 Electrical Characteristics
Over recommended operating temperature range TJ = –40 to +125°C, VEN = VIN, VIN = VOUT(nom) + 1 V
(1), I
OUT = 1 mA, COUT =
10
μF, CNR = 0.01 μF (unless otherwise noted). Typical values are at 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range(1)
2.7
5.5
V
IOUT
Continuous output current
0
200
mA
VFB
Internal reference (TPS73001)
1.201
1.225
1.25
V
Output voltage
TPS73001
VFB
5.5 – VDO
V
range
VOUT
Output voltage accuracy
0 µA
≤ IOUT ≤ 200 mA, 2.75 V ≤ VIN ≤ 5.5 V
–2% VOUT(nom)
2%
V
ΔVOUT(ΔVIN)
Line regulation(1)
VOUT + 1 V ≤ VIN ≤ 5.5 V
0.05
%/V
ΔVOUT(ΔIOUT)
Load regulation
0 µA
≤ IOUT ≤ 200 mA, TJ = 25°C
5
mV
Dropout voltage(2)
VDO
IOUT = 200 mA
120
210
mV
(VIN = VOUT(nom) – 0.1 V)
ICL
Output current limit
VOUT = 0 V
285
600
mA
IGND
Ground pin current
0 µA < IOUT < 200 mA
170
250
μA
ISHUTDOWN
Shutdown current(3)
VEN = 0 V, 2.7 V ≤ VIN ≤ 5.5 V
0.07
1
μA
IFB
FB pin current
VFB = 1.8 V
1
μA
Power-supply
PSRR
TPS73028
f = 100 Hz, IOUT = 200 mA, TJ = 25°C
68
dB
rejection ratio
Output noise
BW = 200 Hz to 100 kHz, IOUT = 200 mA,
Vn
TPS73018
33
μVRMS
voltage
CNR = 0.01 μF
tSTR
Start-up time
TPS73018
RL = 14 Ω, COUT = 1 µF, CNR = 0.001 μF
50
μs
VEN(high)
High-level enable input voltage
2.7 V
≤ VIN ≤ 5.5 V
1.7
VIN
V
VEN(low)
Low-level enable input voltage
2.7 V
≤ VIN ≤ 5.5 V
0
0.7
V
IEN
EN pin current
VEN = 0 V
–1
1
μA
Threshold, VCC rising
2.25
2.65
V
UVLO
Hysteresis
100
mV
(1)
Minimum VIN is 2.7 V or VOUT + VDO, whichever is greater.
(2)
Dropout is not measured for the TPS73018 and TPS73025 since minimum VIN = 2.7 V.
(3)
For adjustable versions, this applies only after VIN is applied; then VEN transitions high to low.
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS730


Similar Part No. - TPS73028YZQT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73028YZQT TI-TPS73028YZQT Datasheet
385Kb / 15P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS73028YZQT TI-TPS73028YZQT Datasheet
318Kb / 16P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS73028YZQT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS730XX TI-TPS730XX Datasheet
385Kb / 15P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS73047 TI-TPS73047 Datasheet
318Kb / 16P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS73033 TI-TPS73033 Datasheet
271Kb / 13P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS730XX TI-TPS730XX_08 Datasheet
524Kb / 19P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS730XX TI-TPS730XX_07 Datasheet
333Kb / 13P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS730 TI-TPS730_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS730 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301DBVRG4Q1 TI-TPS79301DBVRG4Q1 Datasheet
879Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP Datasheet
786Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com