Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM9081 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # DM9081
Description  10BASE-T Hub Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9081 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button DM9081 Datasheet HTML 3Page - List of Unclassifed Manufacturers DM9081 Datasheet HTML 4Page - List of Unclassifed Manufacturers DM9081 Datasheet HTML 5Page - List of Unclassifed Manufacturers DM9081 Datasheet HTML 6Page - List of Unclassifed Manufacturers DM9081 Datasheet HTML 7Page - List of Unclassifed Manufacturers DM9081 Datasheet HTML 8Page - List of Unclassifed Manufacturers DM9081 Datasheet HTML 9Page - List of Unclassifed Manufacturers DM9081 Datasheet HTML 10Page - List of Unclassifed Manufacturers DM9081 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
DM9081
Final
7
Version: DM9081-DS-F01
April 22, 1997
Jabber Lockup Protection
The DM9081 chip implements a built-in jabber protection
scheme to ensure that the network is not disabled due to
transmission of excessively long data packets. This
protection scheme will automatically interrupt the
transmitter circuits of the DM9081 for 96-bit times if the
DM9081 chip has been transmitting continuously for more
than 65,536-bit times. This is referred to as MAU Jabber
Lockup Protection (MJLP).
Reset
An internal circuit ensures that a minimum reset pulse is
generated for all internal circuits. For a RESET input with
a slow rising edge, the input buffer threshold may be
crossed several times due to ripples on the input waveform.
During reset, the output signals are placed in their inactive
states. This means that all analog signals are placed in
their idle states, bidirectional signals are not driven, active
LOW signals are driven HIGH, and all active HIGH
signals and the LED_LATCH pin are driven LOW. In a
multiple DM9081 chip repeater, the RESET signal should
be applied simultaneously to all DM9081 chips, and
should be synchrononized to the external X2 clock. Table
1 summarizes the state of the DM9081 chip following
reset.
Function
State after Reset
Pull Up/Pull Down
DAT
Hi-Impedance
NO
Transmitters (TP and AUI)
Idle
NC
RECEIVERS (TP and AUI)
Enabled
Terminate
AUI Partition/Reconnection
Reconnect
N/A
TP Port Partition/Reconnection
Reconnect
N/A
LINK Test Function for TP Ports
Enabled
N/A
Active Low Output
High
NO
Active High Output
Low
NO
Table 1. Initial State of DM9081
Expansion Port
The DM9081 chip expansion port is comprised of three
pins: a bi-directional signal (DAT), an input signal
(EXPIN#), and an output signal (EXPOUT#). These
signals are used for multiple-DM9081 chip repeater
applications. In this configuration, all DM9081 chips must
be synchronized with a common clock connected to the X2
inputs. An external synchronnous reset is required. The
DM9081 expansion scheme allows the use of multiple
DM9081 chips in either a single repeater or a modular
multiple repeater with backplane architecture. The DAT
pins of all DM9081 chips must be interconnected. The
DAT pin is a bidirectional I/O pin that can be used to
transfer data or a jam signal between the DM9081 chips.
The data sent over the DAT line is in NRZ format, and is
synchronized to the common clock.
In the multiple DM9081 configuration, the DM9081 chip
asserts the EXPOUT# pin to indicate that it is active and is
ready to drive the DAT pin. An external logic senses the
EXPOUT# line from all the DM9081 chips and asserts the
EXPIN# line to each DM9081. The active DM9081 asserts
EXPOUT#, and sends data or jam on the DAT line. Other
inactive DM9081 detect EXPIN# asserted, and receive
data on the DAT line. If more than one DM9081 chip
asserts EXPOUT# lines, then all DM9081s will broastcast
jam signals.


Similar Part No. - DM9081

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM9081 DAVICOM-DM9081 Datasheet
215Kb / 22P
   10BASE-T Hub Controller
logo
Pulse A Technitrol Comp...
DM9081 PULSE-DM9081 Datasheet
253Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Davicom Semiconductor, ...
DM9081F DAVICOM-DM9081F Datasheet
215Kb / 22P
   10BASE-T Hub Controller
DM9081F DAVICOM-DM9081F Datasheet
38Kb / 2P
   10BASE-T Hub Controller
DM9081FP DAVICOM-DM9081FP Datasheet
215Kb / 22P
   10BASE-T Hub Controller
More results

Similar Description - DM9081

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM9081FP DAVICOM-DM9081FP Datasheet
38Kb / 2P
   10BASE-T Hub Controller
DM9081 DAVICOM-DM9081_01 Datasheet
215Kb / 22P
   10BASE-T Hub Controller
logo
PCA ELECTRONICS INC.
EPE6066 PCA-EPE6066 Datasheet
171Kb / 1P
   10Base-T Hub Module
logo
Level One
LXT917 LVL1-LXT917 Datasheet
3Mb / 42P
   Multi-Port Hub Repeaters for Managed 10BASE-T Applications
logo
PCA ELECTRONICS INC.
EPE6066 PCA-EPE6066_15 Datasheet
171Kb / 1P
   10Base-T Hub Module with Enhanced CMA and Resistor Network
logo
Fujitsu Component Limit...
MB86965B FUJITSU-MB86965B Datasheet
22Kb / 2P
   EtherCoupler ETHERNET CONTROLLER WITH 10BASE-T TRANSCEIVER
logo
Rhombus Industries Inc.
D6B11-101G RHOMBUS-IND-D6B11-101G Datasheet
37Kb / 1P
   10BASE-T/ETHERNET 10BASE-T/ETHERNET TRANSFORMER
logo
Micro Linear Corporatio...
ML4658 MICRO-LINEAR-ML4658 Datasheet
230Kb / 17P
   10BASE-T Transceiver
logo
XFMRS Inc.
XF2006BR XFMRS-XF2006BR Datasheet
57Kb / 1P
   10BASE-T FILTER
XF20062C XFMRS-XF20062C Datasheet
65Kb / 1P
   10BASE-T FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com