Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS75225QPWPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS75225QPWPR
Description  TPS752xxQ with RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS75225QPWPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS75225QPWPR Datasheet HTML 3Page - Texas Instruments TPS75225QPWPR Datasheet HTML 4Page - Texas Instruments TPS75225QPWPR Datasheet HTML 5Page - Texas Instruments TPS75225QPWPR Datasheet HTML 6Page - Texas Instruments TPS75225QPWPR Datasheet HTML 7Page - Texas Instruments TPS75225QPWPR Datasheet HTML 8Page - Texas Instruments TPS75225QPWPR Datasheet HTML 9Page - Texas Instruments TPS75225QPWPR Datasheet HTML 10Page - Texas Instruments TPS75225QPWPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
www.ti.com
V
IN
V
res
(1)
V
res
t
t
t
V
OUT
Threshold
Voltage
RESET
Output
100ms
Delay
100ms
Delay
Output
Undefined
Output
Undefined
V
IT+
(2)
Lessthan5%ofthe
OutputVoltage
V
IT+
(2)
V
IT-
(2)
V
IT-
(2)
V
IN
V
PG
(1)
V
PG
V
OUT
V
IT+
(2)
V
IT+
(2)
V
IT-
(2)
V
IT-
(2)
t
t
t
Output
Undefined
Output
Undefined
PG
Output
Threshold
Voltage
TPS752xxQ
TPS754xxQ
SLVS242C – MARCH 2000 – REVISED OCTOBER 2007
TPS752xxQ RESET Timing Diagram
(1)
Vres is the minimum input voltage for a valid RESET. The symbol Vres is not currently listed within EIA or JEDEC
standards for semiconductor symbology.
(2)
VIT: Trip voltage is typically 5% lower than the output voltage (95% VOUT). VIT– to VIT+ is the hysteresis voltage.
TPS754xxQ Power Good Timing Diagram
(1)
VPG is the minimum input voltage for a valid Power Good. The symbol VPG is not currently listed within EIA or JEDEC
standards for semiconductor symbology.
(2)
VIT: Trip voltage is typically 17% lower than the output voltage (83% VOUT). VIT– to VIT+ is the hysteresis voltage.
Copyright © 2000–2007, Texas Instruments Incorporated
Submit Documentation Feedback
7


Similar Part No. - TPS75225QPWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75225QPWPR TI-TPS75225QPWPR Datasheet
379Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75225QPWPR TI-TPS75225QPWPR Datasheet
833Kb / 31P
[Old version datasheet]   RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75225QPWPR TI1-TPS75225QPWPR Datasheet
830Kb / 31P
[Old version datasheet]   TPS752xxQ with RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75225QPWPR TI1-TPS75225QPWPR Datasheet
979Kb / 32P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75225QPWPREP TI-TPS75225QPWPREP Datasheet
388Kb / 27P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS75225QPWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75201 TI1-TPS75201 Datasheet
830Kb / 31P
[Old version datasheet]   TPS752xxQ with RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS752XXQ TI-TPS752XXQ Datasheet
833Kb / 31P
[Old version datasheet]   RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS751XXQ TI1-TPS751XXQ_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS751xxQ with Power Good Output, TPS753xxQ with RESET Output FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS751XXQ TI-TPS751XXQ Datasheet
832Kb / 31P
[Old version datasheet]   TPS751xxQ with Power Good Output, TPS753xxQ with RESET Output FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75101 TI1-TPS75101 Datasheet
830Kb / 31P
[Old version datasheet]   TPS751xxQ with Power Good Output, TPS753xxQ with RESET Output FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201-EP TI-TPS75201-EP Datasheet
388Kb / 27P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201-Q1 TI1-TPS75201-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201-Q1 TI-TPS75201-Q1 Datasheet
398Kb / 27P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS775XX TI1-TPS775XX_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS775xx with RESET Output, TPS776xx with PG Output FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501 TI-TPS77501_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS775xx with RESET Output, TPS776xx with PG Output FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com