Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS75225QPWPRG4 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS75225QPWPRG4
Description  TPS752xxQ with RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS75225QPWPRG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS75225QPWPRG4 Datasheet HTML 5Page - Texas Instruments TPS75225QPWPRG4 Datasheet HTML 6Page - Texas Instruments TPS75225QPWPRG4 Datasheet HTML 7Page - Texas Instruments TPS75225QPWPRG4 Datasheet HTML 8Page - Texas Instruments TPS75225QPWPRG4 Datasheet HTML 9Page - Texas Instruments TPS75225QPWPRG4 Datasheet HTML 10Page - Texas Instruments TPS75225QPWPRG4 Datasheet HTML 11Page - Texas Instruments TPS75225QPWPRG4 Datasheet HTML 12Page - Texas Instruments TPS75225QPWPRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
3.303
3.297
3.301
3.299
3.295
3.305
0
500
1000
1500
2000
V
=4.3V
T =+25 C
IN
J
°
I
OutputCurrent
mA
-
-
OUT
V
OUT
V
=2.7V
T =+25 C
IN
J
°
1.502
1.499
1.501
1.500
1.498
1.503
1.497
0
500
1000
1500
2000
I
OutputCurrent
mA
-
-
OUT
V
OUT
3.31
-
50
0
3.33
150
3.35
3.29
50
100
3.25
3.27
3.23
3.37
T
JunctionTemperature
C
J -
- °
1 mA
2 A
1.48
1.50
1.52
1.51
1.49
1.47
1.53
-
40
10
160
60
110
T
JunctionTemperature
C
J -
- °
1 mA
2A
TPS752xxQ
TPS754xxQ
SLVS242C – MARCH 2000 – REVISED OCTOBER 2007
Over operating temperature range (TJ= –40°C to +125°C) unless otherwise noted. Typical values are at TJ = +25°C.
TPS75x33Q
TPS75x15Q
OUTPUT VOLTAGE
OUTPUT VOLTAGE
vs OUTPUT CURRENT
vs OUTPUT CURRENT
Figure 3.
Figure 4.
TPS75x33Q
TPS75x15Q
OUTPUT VOLTAGE
OUTPUT VOLTAGE
vs JUNCTION TEMPERATURE
vs JUNCTION TEMPERATURE
Figure 5.
Figure 6.
Copyright © 2000–2007, Texas Instruments Incorporated
Submit Documentation Feedback
9


Similar Part No. - TPS75225QPWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75225QPWPRG4 TI-TPS75225QPWPRG4 Datasheet
833Kb / 31P
[Old version datasheet]   RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75225QPWPRG4 TI1-TPS75225QPWPRG4 Datasheet
830Kb / 31P
[Old version datasheet]   TPS752xxQ with RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75225QPWPRG4 TI1-TPS75225QPWPRG4 Datasheet
979Kb / 32P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS75225QPWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75201 TI1-TPS75201 Datasheet
830Kb / 31P
[Old version datasheet]   TPS752xxQ with RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS752XXQ TI-TPS752XXQ Datasheet
833Kb / 31P
[Old version datasheet]   RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS751XXQ TI1-TPS751XXQ_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS751xxQ with Power Good Output, TPS753xxQ with RESET Output FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS751XXQ TI-TPS751XXQ Datasheet
832Kb / 31P
[Old version datasheet]   TPS751xxQ with Power Good Output, TPS753xxQ with RESET Output FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75101 TI1-TPS75101 Datasheet
830Kb / 31P
[Old version datasheet]   TPS751xxQ with Power Good Output, TPS753xxQ with RESET Output FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201-EP TI-TPS75201-EP Datasheet
388Kb / 27P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201-Q1 TI1-TPS75201-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201-Q1 TI-TPS75201-Q1 Datasheet
398Kb / 27P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS775XX TI1-TPS775XX_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS775xx with RESET Output, TPS776xx with PG Output FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501 TI-TPS77501_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS775xx with RESET Output, TPS776xx with PG Output FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com