Electronic Components Datasheet Search |
|
TPSD107D016R0100 Datasheet(PDF) 6 Page - Texas Instruments |
|
TPSD107D016R0100 Datasheet(HTML) 6 Page - Texas Instruments |
6 / 18 page TPS6735 FIXED NEGATIVE 5V 200mA INVERTING DC/DC CONVERTER SLVS141A − JULY 1996 − REVISED JANUARY 1997 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 electrical characteristics over recommended operating free-air temperature range, VCC = 5 V, IO = 0, EN = 5 V, typical values are at TA = 25°C (unless otherwise noted) (refer to Figure 15) PARAMETER TEST CONDITION MIN TYP MAX UNIT Supply current 1.9 mA Standby current EN = 0.4 V 1 10 µA High-level input threshold voltage, EN 2 V Low-level input threshold voltage, EN 0.4 V Input current, EN − 1 1 µA Compensation pin impedance 7.5 k Ω Oscillator frequency 160 kHz Reference voltage IO(ref) ≤ 125 µA 1.22 V Reference drift 50 ppm/ °C Undervoltage lockout 3.7 V On resistance, OUT 0.4 Ω Leakage current, OUT 20 nA performance characteristics over recommended operating free-air temperature range, typical values at TA = 25°C (unless otherwise noted) (refer to Figure 15) PARAMETER TEST CONDITION MIN TYP MAX UNIT Output voltage VCC = 4.5 V to 6.2 V IO = 0 mA to 200 mA −4.75 −5 −5.25 V Load current VCC = 4.5 V to 6.2 V 200 270 mA Line regulation VCC = 4.5 V to 6.2 V 0.2% Load regulation IO = 25 mA to 200 mA 0.2% Efficiency IO =100 mA 78% |
Similar Part No. - TPSD107D016R0100 |
|
Similar Description - TPSD107D016R0100 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |