Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7333Q Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS7333Q
Description  LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED DELAYED RESET FUNCTION
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7333Q Datasheet(HTML) 5 Page - Texas Instruments

  TPS7333Q Datasheet HTML 1Page - Texas Instruments TPS7333Q Datasheet HTML 2Page - Texas Instruments TPS7333Q Datasheet HTML 3Page - Texas Instruments TPS7333Q Datasheet HTML 4Page - Texas Instruments TPS7333Q Datasheet HTML 5Page - Texas Instruments TPS7333Q Datasheet HTML 6Page - Texas Instruments TPS7333Q Datasheet HTML 7Page - Texas Instruments TPS7333Q Datasheet HTML 8Page - Texas Instruments TPS7333Q Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
TPS7301Q, TPS7325Q, TPS7330Q, TPS7333Q, TPS7348Q, TPS7350Q
LOW-DROPOUT VOLTAGE REGULATORS
WITH INTEGRATED DELAYED RESET FUNCTION
SLVS124F – JUNE 1995 – REVISED JANUARY 1999
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DISSIPATION RATING TABLE 1 – FREE-AIR TEMPERATURE (SEE FIGURE 3)
PACKAGE
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 125°C
PACKAGE
A
POWER RATING
ABOVE TA = 25°C
A
POWER RATING
A
POWER RATING
D
725 mW
5.8 mW/
°C
464 mW
145 mW
P
1175 mW
9.4 mW/
°C
752 mW
235 mW
PW†
700 mW
5.6 mW/
°C
448 mW
140 mW
DISSIPATION RATING TABLE 2 – CASE TEMPERATURE (SEE FIGURE 4)
PACKAGE
TC ≤ 25°C
DERATING FACTOR
TC = 70°C
TC = 125°C
PACKAGE
C
POWER RATING
ABOVE TC = 25°C
C
POWER RATING
C
POWER RATING
D
2188 mW
9.4 mW/
°C
1765 mW
1248 mW
P
2738 mW
21.9 mW/
°C
1752 mW
548 mW
PW†
4025 mW
32.2 mW/
°C
2576 mW
805 mW
† Refer to Thermal Information section for detailed power dissipation considerations when using the
TSSOP package.
Figure 3
PW Package
R
θJA = 178°C/W
1200
800
400
0
25
50
75
100
MAXIMUM CONTINUOUS DISSIPATION
vs
FREE-AIR TEMPERATURE
125
150
1400
1000
600
200
TA – Free-Air Temperature – °C
D Package
R
θJA = 172°C/W
P Package
R
θJA = 106°C/W
Figure 4
2400
1600
800
0
25
50
75
100
3200
4000
MAXIMUM CONTINUOUS DISSIPATION
vs
CASE TEMPERATURE
4800
125
150
4400
3600
2800
2000
1200
400
TC – Case Temperature – °C
D Package
R
θJC = 57°C/W
P Package
R
θJC = 46°C/W
PW Package
R
θJC = 37°C/W


Similar Part No. - TPS7333Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7333Q TI-TPS7333Q Datasheet
638Kb / 43P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED DELAYED RESET FUNCTION
TPS7333QD TI-TPS7333QD Datasheet
638Kb / 43P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED DELAYED RESET FUNCTION
TPS7333QD TI1-TPS7333QD Datasheet
954Kb / 45P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED DELAYED RESET FUNCTION
TPS7333QDG4 TI1-TPS7333QDG4 Datasheet
954Kb / 45P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED DELAYED RESET FUNCTION
TPS7333QDR TI1-TPS7333QDR Datasheet
954Kb / 45P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED DELAYED RESET FUNCTION
More results

Similar Description - TPS7333Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7301Q TI-TPS7301Q Datasheet
638Kb / 43P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED DELAYED RESET FUNCTION
TPS7301Q TI1-TPS7301Q_12 Datasheet
954Kb / 45P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED DELAYED RESET FUNCTION
logo
National Semiconductor ...
LM2925 NSC-LM2925 Datasheet
223Kb / 8P
   Low Dropout Regulator with Delayed Reset
logo
HTC Korea TAEJIN Techno...
LM2925 HTC-LM2925 Datasheet
228Kb / 8P
   Low Dropout Regulator with Delayed Reset
logo
National Semiconductor ...
LM9071 NSC-LM9071 Datasheet
193Kb / 7P
   Low-Dropout System Voltage Regulator with Delayed Reset
LM2826 NSC-LM2826 Datasheet
319Kb / 9P
   Low Dropout Regulator with Delayed Reset
LM2926 NSC-LM2926 Datasheet
404Kb / 10P
   Low Dropout Regulator with Delayed Reset
logo
Cherry Semiconductor Co...
CS8126 CHERRY-CS8126 Datasheet
207Kb / 9P
   5V, 750mA Low Dropout Linear Regulator with Delayed RESET
CS8122 CHERRY-CS8122 Datasheet
175Kb / 8P
   2% 5V, 750mA Low Dropout Linear Regulator with Delayed RESET
logo
Sanyo Semicon Device
LA5602 SANYO-LA5602 Datasheet
91Kb / 4P
   Low-Dropout Voltage Regulator with Reset and On-Off Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com