Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BRA15-24S3W Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # BRA15-24S3W
Description  Isolated DC-DC Converters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BRA15-24S3W Datasheet(HTML) 1 Page - Bothhand USA, LP.

  BRA15-24S3W Datasheet HTML 1Page - Bothhand USA, LP. BRA15-24S3W Datasheet HTML 2Page - Bothhand USA, LP. BRA15-24S3W Datasheet HTML 3Page - Bothhand USA, LP. BRA15-24S3W Datasheet HTML 4Page - Bothhand USA, LP. BRA15-24S3W Datasheet HTML 5Page - Bothhand USA, LP. BRA15-24S3W Datasheet HTML 6Page - Bothhand USA, LP. BRA15-24S3W Datasheet HTML 7Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev:20130813A
Page 1 of 7
Isolated DC-DC Converters
BRA15W Series -- 15 Watt
Features
Wide 4 : 1 Input Voltage Range(9~36V,18~75V)
High Efficiency up to 89%
Remote On/Off
Input / Output Isolation Voltage: 1.5K VDC
Extended Operating Temperature Range: -40°C to+85°C
Output Short Circuit Protection:
Hiccup, continuous & Auto Recovery
Over Voltage Protection: Clamp Mode
Shielded Metal Case with Insulated Baseplate
Lead Free Design, RoHS Compliant
6 pin DIP Package with Industry-Standard Footprint
Standard 1”X1” Package
Customer Design Available
Safety Standard / Approval : IEC / EN 60950-1
Technical Specification
All specifications are typical at nominal input, full load and 25°C unless otherwise stated.
Output Current (mA)
Input Current (mA)
Model
Number
Input Voltage
Range
Output
Voltage
(V)
Min. Load
(1)
Full. Load
No Load
Full Load
Eff .
(2)
(%)
Capacitive
Load, max.
(3)
(uF)
BRA15-24S0W
3.3
0
4000
59
671
86
12000
BRA15-24S1W
5.0
0
3000
53
744
88
6000
BRA15-24S2W
12
44
1300
56
783
87
2000
BRA15-24S3W
15
0
1000
59
753
87
1200
BRA15-24D1W
±5
33
±1500
49
772
85
±3000
BRA15-24D2W
±12
0
±625
58
753
87
±1000
BRA15-24D3W
9~36V
Nominal:24V
±15
20
±500
60
753
87
±600
BRA15-48S0W
3.3
0
4000
27
335
86
12000
BRA15-48S1W
5.0
0
3000
24
368
89
6000
BRA15-48S2W
12
0
1300
28
382
89
2000
BRA15-48S3W
15
0
1000
29
368
89
1200
BRA15-48D1W
±5
0
±1500
23
386
85
±3000
BRA15-48D2W
±12
0
±625
28
372
88
±1000
BRA15-48D3W
18~75V
Nominal:48V
±15
0
±500
30
368
89
±600
Description
The BRA15W Series are isolated 15W DC/DC converters.
Designed with highly efficiency, allow the operating
temperature range of these units to be -40°C to +85°C (with
derating) in a 6 pin DIP package with industry-standard
footprint. Further features include wide 4 : 1 input voltage
range, remote on/off control, trimmable output, short-circuit
protection and over voltage protection.
Applications
These converters are well suitable for battery operated
equipment,
measurement
equipment,
telecom,
wireless
network, Industry control system, everywhere where isolated,
tightly regulated voltages and compact size are required.
Bothhand USA
sales@bothhandusa.com
www.bothhandusa.com


Similar Part No. - BRA15-24S3W

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BRA15-24S3W BOTHHAND-BRA15-24S3W Datasheet
720Kb / 7P
   Isolated DC-DC Converters
More results

Similar Description - BRA15-24S3W

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com