Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BRA20-24D3W Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # BRA20-24D3W
Description  Isolated DC-DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BRA20-24D3W Datasheet(HTML) 1 Page - Bothhand USA, LP.

  BRA20-24D3W Datasheet HTML 1Page - Bothhand USA, LP. BRA20-24D3W Datasheet HTML 2Page - Bothhand USA, LP. BRA20-24D3W Datasheet HTML 3Page - Bothhand USA, LP. BRA20-24D3W Datasheet HTML 4Page - Bothhand USA, LP. BRA20-24D3W Datasheet HTML 5Page - Bothhand USA, LP. BRA20-24D3W Datasheet HTML 6Page - Bothhand USA, LP. BRA20-24D3W Datasheet HTML 7Page - Bothhand USA, LP. BRA20-24D3W Datasheet HTML 8Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev:20130813A
Page 1 of 8
Isolated DC-DC Converters
BRA20W Series -- 20 Watt
Features
Wide 4 : 1 Input Voltage Range(9~36V,18~75V)
High Efficiency up to 91%
Remote On/Off
Input / Output Isolation Voltage: 1.5K VDC
Extended Operating Temperature Range: -40°C to+85°C
Output Short Circuit Protection:
Hiccup, continuous & Auto Recovery
Over Voltage Protection: Clamp Mode
Shielded Metal Case with Insulated Baseplate
Lead Free Design, RoHS Compliant
6 pin DIP Package with Industry-Standard Footprint
Standard 1”X1” Package
Customer Design Available
Safety Standard / Approval : IEC / EN 60950-1
Technical Specification
All specifications are typical at nominal input, full load and 25°C unless otherwise stated.
Output Current (mA)
Input Current (mA)
Model
Number
Input Voltage
Range
Output
Voltage
(V)
Min. Load
(1)
Full. Load
No Load
Full Load
Eff .
(2)
(%)
Capacitive
Load, max.
(3)
(uF)
BRA20-24S0W
3.3
0
4500
63
755
86
24700
BRA20-24S1W
5
0
4000
65
992
88
14700
BRA20-24S2W
12
0
1670
83
970
90
4700
BRA20-24S3W
15
0
1330
70
967
90
2200
BRA20-24D2W
±12
±40
±833
60
992
88
2200
BRA20-24D3W
9~36V
Nominal:24V
±15
±60
±667
83
981
89
1000
BRA20-48S0W
3.3
0
4500
29
373
87
32200
BRA20-48S1W
5
0
4000
30
490
89
23300
BRA20-48S2W
12
0
1670
38
486
90
3300
BRA20-48S3W
15
0
1330
32
477
91
1000
BRA20-48D2W
±12
0
±833
35
490
89
680
BRA20-48D3W
18~75V
Nominal:48V
±15
0
±667
36
490
89
470
Description
The BRA20W Series are isolated 20W DC/DC converters.
Designed with highly efficiency, allow the operating
temperature range of these units to be -40°C to +85°C (with
derating) in a 6 pin DIP package with industry-standard
footprint. Further features include wide 4 : 1 input voltage
range, remote on/off control, trimmable output, short-circuit
protection and over voltage protection.
Applications
These converters are well suitable for battery operated
equipment,
measurement
equipment,
telecom,
wireless
network, Industry control system, everywhere where isolated,
tightly regulated voltages and compact size are required.
Bothhand USA
sales@bothhandusa.com
www.bothhandusa.com


Similar Part No. - BRA20-24D3W

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BRA20-24D3W BOTHHAND-BRA20-24D3W Datasheet
737Kb / 8P
   Isolated DC-DC Converters
BRA20-24D3WHS BOTHHAND-BRA20-24D3WHS Datasheet
767Kb / 8P
   Isolated DC-DC Converters
BRA20-24D3WHS BOTHHAND-BRA20-24D3WHS Datasheet
767Kb / 8P
   Isolated DC-DC Converters
More results

Similar Description - BRA20-24D3W

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com