Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA1-0509LF Datasheet(PDF) 4 Page - Bothhand USA, LP.

Part # SA1-0509LF
Description  1 Watt SMD O/P DC-DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

SA1-0509LF Datasheet(HTML) 4 Page - Bothhand USA, LP.

  SA1-0509LF Datasheet HTML 1Page - Bothhand USA, LP. SA1-0509LF Datasheet HTML 2Page - Bothhand USA, LP. SA1-0509LF Datasheet HTML 3Page - Bothhand USA, LP. SA1-0509LF Datasheet HTML 4Page - Bothhand USA, LP. SA1-0509LF Datasheet HTML 5Page - Bothhand USA, LP. SA1-0509LF Datasheet HTML 6Page - Bothhand USA, LP. SA1-0509LF Datasheet HTML 7Page - Bothhand USA, LP. SA1-0509LF Datasheet HTML 8Page - Bothhand USA, LP. SA1-0509LF Datasheet HTML 9Page - Bothhand USA, LP. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Bothhand Enterprise
Inc.
SA1 LF Series
1 Watt SMD Single O/P DC-DC Converter
Single
Single
Single
Single and Dual
and Dual
and Dual
and Dual Output
Output
Output
Output
4
www.bothhand.com.tw
E-mail: sales@bothhand.com.tw
SA1-05D15H LF
±15
±34
33
257
120
10
78
SA1-12D3R3H LF
±3.3
±150
16
117
50
15
72
SA1-12D05H LF
±5
±100
15
108
60
15
78
SA1-12D09H LF
±9
±55
15
113
80
12
75
SA1-12D12H LF
±12
±42
15
108
100
10
78
SA1-12D15H LF
12
±15
±34
14
105
120
10
80
SA1-15D3R3H LF
±3.3
±150
12
93
50
15
72
SA1-15D05H LF
±5
±100
11
88
60
15
76
SA1-15D09H LF
±9
±55
11
88
80
12
76
SA1-15D12H LF
±12
±42
11
86
100
10
78
SA1-15D15H LF
15
±15
±34
10
86
120
10
78
SA1-24D3R3H LF
±3.3
±150
8
58
50
15
72
SA1-24D05H LF
±5
±100
8
58
60
15
72
SA1-24D09H LF
±9
±55
7
58
80
12
73
SA1-24D12H LF
±12
±42
7
55
100
10
76
SA1-24D15H LF
24
±15
±34
7
56
120
10
75
Notes :
1.
Load regulation is for output current change from 10% to 100% Max .Load.
3 . Absolute Maximum Ratings
(Exceeding these values may damage the module. These are not continuous operating ratings)
Parameter
Condition
Min.
Typ.
Max.
Unit
3.3V Input Model
-0.7
3.3
4.2
5V Input Model
-0.7
5
7
12V Input Model
-0.7
12
15
15V Input Model
-0.7
15
18
Input Absolute Voltage Range
24V Input Model
-0.7
24
28
Vdc
Max. Output Power
---
---
1.0
W
Operation Temperature (Ambient Temperature)
Output Full Load
-40
---
+85
Storage Temperature
-55
---
+125
Lead Temperature 1.5 mm From Case For 10 Seconds
---
---
+260
Peak Airflow Temperature With CECC 00802 Profile
---
---
+245


Similar Part No. - SA1-0509LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
SA1-0509LF BOTHHAND-SA1-0509LF Datasheet
362Kb / 15P
   1 Watt SMD O/P DC-DC Converter
More results

Similar Description - SA1-0509LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
SA1LF BOTHHAND-SA1LF Datasheet
362Kb / 15P
   1 Watt SMD O/P DC-DC Converter
CCAR25-SERIES BOTHHAND-CCAR25-SERIES Datasheet
528Kb / 6P
   0.25 Watt SMD O/P DC-DC Converter
CAA1 BOTHHAND-CAA1 Datasheet
528Kb / 6P
   0.25 Watt SMD O/P DC-DC Converter
CCAR25 BOTHHAND-CCAR25 Datasheet
528Kb / 6P
   0.25 Watt SMD O/P DC-DC Converter
logo
AIMTEC
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
   1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
   1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
   1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com