Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA1-1212LF Datasheet(PDF) 10 Page - Bothhand USA, LP.

Part # SA1-1212LF
Description  1 Watt SMD O/P DC-DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

SA1-1212LF Datasheet(HTML) 10 Page - Bothhand USA, LP.

Back Button SA1-1212LF Datasheet HTML 6Page - Bothhand USA, LP. SA1-1212LF Datasheet HTML 7Page - Bothhand USA, LP. SA1-1212LF Datasheet HTML 8Page - Bothhand USA, LP. SA1-1212LF Datasheet HTML 9Page - Bothhand USA, LP. SA1-1212LF Datasheet HTML 10Page - Bothhand USA, LP. SA1-1212LF Datasheet HTML 11Page - Bothhand USA, LP. SA1-1212LF Datasheet HTML 12Page - Bothhand USA, LP. SA1-1212LF Datasheet HTML 13Page - Bothhand USA, LP. SA1-1212LF Datasheet HTML 14Page - Bothhand USA, LP. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Bothhand Enterprise
Inc.
SA1 LF Series
1 Watt SMD Single O/P DC-DC Converter
Single
Single
Single
Single and Dual
and Dual
and Dual
and Dual Output
Output
Output
Output
10
www.bothhand.com.tw
E-mail: sales@bothhand.com.tw
12.10±0.10
20.00±0.10
4.00±0.10
2.00±0.10
Φ2.
00M
in
8.7
347
347
Inner Carton:347*347*82mm
Export Carton:375*375*460mm
1、Packaging Number of 13":350PCS/R
2、Inner Carton=1 R=1*350=350PCS
3、Export Carton=5 Inner Carton=5*350=1750PCS
Single Output Series For Isolation 1KVdc
Single Output Series For Isolation 3KVdc
Dual Output Series For Isolation 1KVdc and 3KVdc
347
347
Inner Carton:347*347*82mm
Export Carton:375*375*460mm
1Packaging Number of 13":350PCS/R
2Inner Carton=1 R=1*350=350PCS
3Export Carton=5 Inner Carton=5*350=1750PCS
32.4+2/-0
38.4MAX
12.10±0.10
20.00±0.10
8.7
2.00±0.10
4.00±0.10
Φ
1.5
0+
0.1
0/-
0
24.4+2/-0
30.4±2.00


Similar Part No. - SA1-1212LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
SA1-1212LF BOTHHAND-SA1-1212LF Datasheet
362Kb / 15P
   1 Watt SMD O/P DC-DC Converter
More results

Similar Description - SA1-1212LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
SA1LF BOTHHAND-SA1LF Datasheet
362Kb / 15P
   1 Watt SMD O/P DC-DC Converter
CCAR25-SERIES BOTHHAND-CCAR25-SERIES Datasheet
528Kb / 6P
   0.25 Watt SMD O/P DC-DC Converter
CAA1 BOTHHAND-CAA1 Datasheet
528Kb / 6P
   0.25 Watt SMD O/P DC-DC Converter
CCAR25 BOTHHAND-CCAR25 Datasheet
528Kb / 6P
   0.25 Watt SMD O/P DC-DC Converter
logo
AIMTEC
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
   1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
   1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
   1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com