Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1-24S05LF Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # ST1-24S05LF
Description  1W Isolated DC/DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

ST1-24S05LF Datasheet(HTML) 1 Page - Bothhand USA, LP.

  ST1-24S05LF Datasheet HTML 1Page - Bothhand USA, LP. ST1-24S05LF Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features:
Input Filter With Internal Capacitor
Lead Frame & Injection Technology
High Efficiency Up to 83%
Input / Output Isolation 1.5K Vdc
100% Burn-In
Un-Regulated type
Net Weight : 1.6 g / 2.1 g Typical
Custom Design Available
Technical Specification(1/2):
Model No.
Input
Voltage
(Vdc)
Output
Voltage
(Vdc)
Output
Current
(mA) Max
Input Current
@No Load
(mA) Typ.
Input Current
@Max. Load
(mA) Typ.
Output
Ripple
(mV) Max.
Load
Regulation
(%) Max.
Efficiency
(%)Typ.
1) Single Output Series
ST1-05S3R3 LF
3.3
200
22
171
60
± 12
77
ST1-05S05 LF
5
200
25
246
60
± 8
81
ST1-05S09 LF
9
110
23
254
70
± 8
78
ST1-05S12 LF
12
84
25
252
100
± 8
80
ST1-05S15 LF
5
15
67
28
248
120
± 8
81
ST1-12S3R3 LF
3.3
200
12
73
60
± 12
75
ST1-12S05 LF
5
200
15
100
60
± 8
81
ST1-12S09 LF
9
110
15
105
70
± 8
78
ST1-12S12 LF
12
84
15
103
100
± 6
81
ST1-12S15 LF
12
15
67
14
100
120
± 6
83
ST1-24S3R3 LF
3.3
200
6
44
60
± 8
67
ST1-24S05 LF
5
200
7
63
60
± 5
71
ST1-24S09 LF
9
110
6
60
70
± 5
73
ST1-24S12 LF
12
84
8
58
100
± 5
76
ST1-24S15 LF
24
15
67
8
58
120
± 5
77
Mechanical Dimensions (1/2):
Single Output Series
ST1-05S05 LF
Date Code
1
7
14
8
12.80
(0.50)
8.20
(0.32)
2.54
(0.10)
7.62
(0.30)
7.25
(0.29)
0.60
(0.02)
7.00
(0.28)
0.25
(0.01)
1.50
(0.06)
0°~10°
Pin
Single
Pin
1
-Vin
NA
14
3
+Vin
NA
12
5
NA
NA
10
7
-Vo
+Vo
8
ST1 LF Series
1W Isolated DC/DC Converter
22
Bothhand USA
http://www.bothhandusa.com
sales@bothhandusa.com


Similar Part No. - ST1-24S05LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
ST1-24S05LF BOTHHAND-ST1-24S05LF Datasheet
186Kb / 2P
   Input Filter With Internal Capacitor
More results

Similar Description - ST1-24S05LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
SM1L-LF-SERIES BOTHHAND-SM1L-LF-SERIES Datasheet
187Kb / 2P
   1W Isolated DC/DC Converter
B1LF BOTHHAND-B1LF Datasheet
308Kb / 2P
   1W Isolated DC/DC Converter
ST1L-LF-SERIES BOTHHAND-ST1L-LF-SERIES Datasheet
179Kb / 2P
   1W Isolated DC/DC Converter
SM1-LF-SERIES BOTHHAND-SM1-LF-SERIES Datasheet
178Kb / 2P
   1W Isolated DC/DC Converter
B1-LF-SERIES BOTHHAND-B1-LF-SERIES Datasheet
308Kb / 2P
   1W Isolated DC/DC Converter
BALF BOTHHAND-BALF Datasheet
167Kb / 2P
   0.5~1W Isolated DC/DC Converter
BA-LF-SERIES BOTHHAND-BA-LF-SERIES Datasheet
167Kb / 2P
   0.5~1W Isolated DC/DC Converter
logo
Microdc power Technolog...
NTA-X MICRODC-NTA-X Datasheet
1Mb / 6P
   1W, FIXEDINPUT, ISOLATED DUALOUTPUT SMD DC-DC CONVERTER
logo
Bothhand USA, LP.
SM1LF BOTHHAND-SM1LF Datasheet
178Kb / 2P
   SM1 LF Series 1W Isolated DC/DC Converter
SM1LLF BOTHHAND-SM1LLF Datasheet
187Kb / 2P
   SM1L LF Series 1W Isolated DC/DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com