Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM1L-2412(H)LF Datasheet(PDF) 2 Page - Bothhand USA, LP.

Part # SM1L-2412(H)LF
Description  1W Isolated DC/DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

SM1L-2412(H)LF Datasheet(HTML) 2 Page - Bothhand USA, LP.

  SM1L-2412(H)LF Datasheet HTML 1Page - Bothhand USA, LP. SM1L-2412(H)LF Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Specification (2/2):
Mechanical Dimensions (2/2):
Dual Output Series (For Isolation Voltage 1KVdc)
Model No.
Input
Voltage
(Vdc)
Output
Voltage
(Vdc)
Output
Current
(mA) Max
Input Current
@No Load
(mA) Typ.
Input Current
@Max. Load
(mA) Typ.
Output
Ripple
(mV) Max.
Load
Regulation
(%) Max.
Efficiency
(%)Typ.
2) Dual Output Series
SM1L-05D05 LF
± 5
± 100
28
281
60
± 12
71
SM1L-05D09 LF
± 9
± 56
24
256
80
± 12
78
SM1L-05D12 LF
± 12
± 42
24
258
100
± 10
78
SM1L-05D15 LF
5
± 15
± 34
26
252
120
± 10
81
SM1L-12D05 LF
± 5
± 100
15
114
60
± 12
73
SM1L-12D09 LF
± 9
± 56
15
106
80
± 12
79
SM1L-12D12 LF
± 12
± 42
15
103
100
± 10
81
SM1L-12D15 LF
12
± 15
± 34
15
102
120
± 10
83
SM1L-24D3R3 LF
± 3.3
± 100
6
45
60
± 12
66
SM1L-24D05 LF
± 5
± 100
7
58
60
± 8
76
SM1L-24D09 LF
± 9
± 56
8
57
80
± 5
78
SM1L-24D12 LF
± 12
± 42
7
56
100
± 5
80
SM1L-24D15 LF
24
± 15
± 34
10
60
120
± 5
75
Pin
1K Vdc - Dual
Pin
1
-Vin
NC
18
3
+Vin
16
5
No Pin
No Pin
14
7
Common
+Vo
12
9
-Vo
No Pin
10
2.54
[0.10]
0°~10°
2.05Max
[0.08]
10.16
[0.40]
8.60
[0.34]
12.70
[0.50]
7.40
[0.29]
5.10
[0.20]
2.05
[0.08]
8.10
[0.32]
15.40
[0.61]
SM1L-05D05 LF
XXXXM
Units: mm (inch)
Tolerance: .xx ±0.25
10.10
[0.40]
0.50
[0.02]
SM1L LF Series
1W Isolated DC/DC Converter
Bothhand USA
http://www.bothhandusa.com
sales@bothhandusa.com


Similar Part No. - SM1L-2412(H)LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
SM1L-2412HLF BOTHHAND-SM1L-2412HLF Datasheet
187Kb / 2P
   SM1L LF Series 1W Isolated DC/DC Converter
More results

Similar Description - SM1L-2412(H)LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
ST1-LF-SERIES BOTHHAND-ST1-LF-SERIES Datasheet
186Kb / 2P
   1W Isolated DC/DC Converter
B1LF BOTHHAND-B1LF Datasheet
308Kb / 2P
   1W Isolated DC/DC Converter
ST1L-LF-SERIES BOTHHAND-ST1L-LF-SERIES Datasheet
179Kb / 2P
   1W Isolated DC/DC Converter
SM1-LF-SERIES BOTHHAND-SM1-LF-SERIES Datasheet
178Kb / 2P
   1W Isolated DC/DC Converter
B1-LF-SERIES BOTHHAND-B1-LF-SERIES Datasheet
308Kb / 2P
   1W Isolated DC/DC Converter
BALF BOTHHAND-BALF Datasheet
167Kb / 2P
   0.5~1W Isolated DC/DC Converter
BA-LF-SERIES BOTHHAND-BA-LF-SERIES Datasheet
167Kb / 2P
   0.5~1W Isolated DC/DC Converter
logo
Microdc power Technolog...
NTA-X MICRODC-NTA-X Datasheet
1Mb / 6P
   1W, FIXEDINPUT, ISOLATED DUALOUTPUT SMD DC-DC CONVERTER
logo
Bothhand USA, LP.
SM1LF BOTHHAND-SM1LF Datasheet
178Kb / 2P
   SM1 LF Series 1W Isolated DC/DC Converter
SM1LLF BOTHHAND-SM1LLF Datasheet
187Kb / 2P
   SM1L LF Series 1W Isolated DC/DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com